Part Number Hot Search : 
SMAJ550 HCT2G C1213 045STRL 2SC3621 ESAC33C KBP206 33SPA080
Product Description
Full Text Search
 

To Download MBR3030PT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3030PT - MBR3060PT
30A SCHOTTKY BARRIER RECTIFIER Features
* * * * * *
Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Lead Free Finish, RoHS Compliant (Note 4) Dim A B C D E TO-3P Min 1.88 4.68 20.63 18.5 2.1 0.51 15.38 1.90 2.9AE 3.78 5.2 0.89 1.82 2.92 11.70 3/4 Max 2.08 5.36 22.38 21.5 2.4 0.76 16.25 2.70 3.65AE 4.50 5.7 1.53 2.46 3.23 12.84 6.10
H
A B
S
R P N
J
C K L G
G H J K L
Mechanical Data
* * * * * * * *
Case: TO-3P Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Bright Tin. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Ordering Information: See Last Page Marking: Type Number Weight: 5.6 grams (approximate)
Q
D
M N P
E M M
Q R S
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 125C Total Device (See Fig. 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop per element (Note 3) @ IF = 20A, TC = 25C @ IF = 20A, TC = 125C @ IF = 30A, TC = 25C @ IF = 30A, TC = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM
@ TA = 25C unless otherwise specified
MBR 3030PT 30 21
MBR 3035PT 35 24.5
MBR 3040PT 40 28 30
MBR 3045PT 45 31.5
MBR 3050PT 50 35
MBR 3060PT 60 42
Unit V V A A
200 3/4 0.60 0.76 0.72 1.0 60 500 1.4 10,000 -65 to +150 -65 to +175 0.75 0.65 0.80 0.75 5.0 100
VFM
V
Peak Reverse Current @ TC = 25C at Rated DC Blocking Voltage, per element @ TC = 125C Typical Total Capacitance Typical Thermal Resistance Junction to Case Voltage Rate of Change (Rated VR) Operating Temperature Range Storage Temperature Range
Notes:
IRM CT RqJc dV/dt Tj TSTG
mA pF C/W V/s C C
(Note 2) (Note 1)
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Pulse width 300 ms, duty cycle 2%. 4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS23017 Rev. 8 - 2
1 of 3 www.diodes.com
MBR3030PT - MBR3060PT
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (A)
30
100
IO, AVERAGE FORWARD CURRENT (A)
24
MBR 3030PT - MBR 3045PT
10
18
12
MBR 3050PT - MBR 3060PT
1.0
6
Tj = 25C 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve, total device
0.1 0 0.2 0.4 0.6 0.8 VF, INSTANTANEOUS F0RWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
IFSM, PEAK FORWARD SURGE CURRENT (A)
300
Tj = 25C 8.3ms Single half-wave JEDEC Method
4000
Tj = 25C f = 1MHz
250
200
CT, CAPACITANCE (pF)
1000
150
100
50
0 1 100 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
100 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
10
Tj = 125C
1.0
Tj = 75C
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics, per element
DS23017 Rev. 8 - 2
2 of 3 www.diodes.com
MBR3030PT - MBR3060PT
Ordering Information
Device MBR3030PT MBR3035PT MBR3040PT MBR3045PT MBR3050PT MBR3060PT
Notes:
(Note 5) Packaging TO-3P TO-3P TO-3P TO-3P TO-3P TO-3P Shipping 30/Tube 30/Tube 30/Tube 30/Tube 30/Tube 30/Tube
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap2008.pdf.
DS23017 Rev. 8 - 2
3 of 3 www.diodes.com
MBR3030PT - MBR3060PT


▲Up To Search▲   

 
Price & Availability of MBR3030PT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X