Part Number Hot Search : 
C59RM71 IR2E19 106K0 THC2192 PL4V3Z BKRDE CLQ10206 P6SBMJ27
Product Description
Full Text Search
 

To Download MBR2070CT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2070CT - MBR20100CT
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
* * * * * * Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Lead Free Finish/RoHS Compliant (Note 3) TO-220AB Dim A B C D E G H J K L M N P Min 14.48 10.00 2.54 5.90 2.80 12.70 2.40 0.69 3.54 4.07 1.15 0.30 2.04 Max 15.75 10.40 3.43 6.40 3.93 14.27 2.70 0.93 3.78 4.82 1.39 0.50 2.79
Mechanical Data
* * * * * * * * Case: TO-220AB Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Polarity: As Marked on Body Terminals: Finish - Tin. Solderable per MIL-STD-202, Method 208 Marking: Type Number Ordering Information: See Page 2 Weight: 2.24 grams (approximate)
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 120C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage Drop @ IF = 10A, Tj = 125C @ IF = 10A, Tj = 25C @ IF = 20A, Tj = 125C @ IF = 20A, Tj = 25C Peak Reverse Current @ TA = 25C at Rated DC Blocking Voltage (Note 4) @ TA = 125C Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Voltage Rate of Change Operating Temperature Range Storage Temperature Range
Notes: 1. 2. 3. 4.
@TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM
MBR 2070CT 70 49
MBR 2080CT 80 56 20 150 0.75 0.85 0.85 0.95 0.10 100 1000 2.0 10000
MBR 2090CT 90 63
MBR 20100CT 100 70
Unit V V A A
VFM
V
IRM CT RJC dV/dt Tj TSTG
mA pF C/W V/s C C
-55 to +150 -55 to +175
Thermal resistance junction to case mounted on heatsink. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC and per element. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7. Short duration pulse test to minimize self-heating effect.
DS30019 Rev. 7 - 2
1 of 2 www.diodes.com
MBR2070CT-MBR20100CT
(c) Diodes Incorporated
Ordering Information
Device MBR20xxCT*
* Notes: 5.
(Note 5) Packaging TO-220AB Shipping 50/Tube
xx = Device type, e.g. MBR2080CT For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30019 Rev. 7 - 2
2 of 2 www.diodes.com
MBR2070CT-MBR20100CT
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MBR2070CT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X