Part Number Hot Search : 
TC494 T6B66A SL900 AW003 ST105006 PX6A06 SR2N7 R5F212
Product Description
Full Text Search
 

To Download MBR2030CT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2030CT - MBR2060CT
20A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * *
Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Lead Free Finish, RoHS Compliant (Note 4)
1 2 3
TO-220AB
L B C D K A M
Dim A B C D E G
Min 14.48 10.00 2.54 5.90 2.80 12.70 2.40 0.69 3.54 4.07 1.15 0.30 2.04
Max 15.75 10.40 3.43 6.40 3.93 14.27 2.70 0.93 3.78 4.82 1.39 0.50 2.79
Mechanical Data
* * * * * * *
Case: TO-220AB Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Matte Tin Finish Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Marking: Type Number Weight: 2.24 grams (approx)
J
E G N
H J K L M N
Case
HH
Pin 1 Pin 2 Pin 3
P
P
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 125C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop (Note 3) @ IF = 20A, TC = 25C @ IF = 20A, TC = 125C @ IF = 10A, TC = 125C @ TC = 25C @ TC = 125C (Note 2) (Note 1)
@ TA = 25C unless otherwise specified
MBR Symbol 2030CT VRRM VRWM VR VR(RMS) IO IFSM 30 21
MBR 2035CT 35 24.5
MBR 2040CT 40 28
MBR 2045CT 45 31.5
MBR 2050CT 50 35
MBR 2060CT 60 42
Unit V V A A
20 150 0.84 0.72 0.57 0.1 15 650 2.0 1000 -65 to +150 10,000 0.95 0.85 0.70
VFM IRM CT RqJc dV/dt Tj, TSTG
V mA pF C/W V/ms C
Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance
Typical Thermal Resistance Junction to Case Voltage Rate of Change (Rated VR) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Thermal resistance junction to case mounted on heatsink. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Pulse width 300 ms, duty cycle 2%. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS23016 Rev. 9 - 2
1 of 3 www.diodes.com
MBR2030CT-MBR2060CT
a Diodes Incorporated
16
IF, INSTANTANEOUS FORWARD CURRENT (A)
20
50
IO, AVERAGE RECTIFIED CURRENT (A)
MBR 2030CT - MBR 2045CT
10
12
MBR 2050CT - MBR 2060CT
8
1.0
4
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
300
0.1 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
4000
IFSM, PEAK FORWARD SURGE CURRENT (A)
250
200
CT, TYPICAL TOTAL CAPACITANCE (pF)
1000
150
100
50
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
100 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
TC = 125 C
10
1.0
TC = 75 C
0.1
TC = 25 C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23016 Rev. 9 - 2
2 of 3 www.diodes.com
MBR2030CT - MBR2060CT
Ordering Information
Device MBR20xxCT*
(Note 5) Packaging TO-220AB Shipping 50/Tube
* xx = Device type, e.g. MBR2045CT Notes: 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS23016 Rev. 9 - 2
3 of 3 www.diodes.com
MBR2030CT - MBR2060CT


▲Up To Search▲   

 
Price & Availability of MBR2030CT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X