Part Number Hot Search : 
ET9560 EC28N A1701 KRA566E ELECT FN2961 RD30FM 60150
Product Description
Full Text Search
 

To Download MBR1080CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *


!"# $
% !"#
MBR1080CT THRU MBR10100CT
10 Amp Schottky Barrier Rectifier 80-100 Volts TO-220AB
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +175C Maximum Recurrent Peak Reverse Voltage MBR1080CT MBR1080CT 80V MBR10100CT MBR10100CT 100V Microsemi Catalog Number Device Marking Maximum RMS Voltage Maximum DC Blocking Voltage 80V 100V
B C K
PIN 1 2 3
L M D A E
56V 70V
F G I J N HH PIN 1 PIN 2 CASE
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 10A 120A TC = 100C 8.3ms, half sine
PIN 3
VF
.85V .75V
IFM = 5A TJ = 25C TJ = 125C
A B C D E F G H I J K L M N
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
Maximum DC Reverse Current At Rated DC Blocking Voltage
Typical Junction Capacitance
IR
0.2mA 15mA 300pF
TJ = 25C T J = 125C
Measured at 1.0MHz, VR=4.0V
CJ
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www mccsemi.com .
RATING AND CHARACTERISTIC CURVES MBR1080CT thru MBR 10100CT
PEAK FORWARD SURGE CURRENT, AMPERES
MCC
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
140 120 100 75 50 25 0 1 2 5 10 20 50 100
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
16
12
8
4
RESISTIVE OR INDUCTIVE LOAD
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
10
10
1.0
0.1
1.0
0.01
TJ = 25 C
TJ = 25 C PULSE WIDTH 300us 2% Duty cycle
0.001 0 20 40 60 80 100 120 140
0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
100
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR1080CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X