Part Number Hot Search : 
SI472 STN1304 7427057 MC33349 STM32 T10A080B D1209 LR3636
Product Description
Full Text Search
 

To Download MBR1035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1035 THRU MBR10200
10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 200 Volts Current 10.0 Amperes
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
.412(10.5) MAX
TO-220A
.185(4.70) .175(4.44) DIA .154(3.91) .148(3.74) .27(6.86) .23(5.84) .594(15.1) .587(14.9) .055(1.40) .045(1.14)
.113(2.87) .103(2.62)
PIN1 .16(4.06) .14(3.56)
2
.11(2.79) .10(2.54) .56(14.22) .53(13.46)
Mechanical Data
Cases: JEDEC TO-220A molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
.037(0.94) .027(0.68)
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBR MBR MBR MBR MBR Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Repetitive Forward Current (Square Wave, 20KHz) at Tc=135oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Voltage Rate of Change (Rated VR) Maximum Instantaneous Forward Voltage at (Note 2) IF=10A, Tc=25OC IF=10A, Tc=125OC IF=20A, Tc=25OC IF=20A, Tc=125OC Maximum Instantaneous Reverse Current @ Tc =25at Rated DC Blocking Voltage (Note 2) @ Tc=125
Typical Junction Capacitance (Note 3) Maximum Thermal Resistance, Junction to Case
VRRM VRMS VDC I(AV) IFRM IFSM IRRM dV/dt VF
1035 35 24 35
1045 45 31 45
1050 50 35 50
1060 1090 60 90 42 63 60 90 10 20.0 150
MBR MBR 10100 10200 100 200 70 140 100 200
Units
V V V A A A
1.0 10,000
0.70 0.57 0.84 0.72 0.1 15.0 350 3.5 -65 to +150 -65 to +175 280 0.80 0.70 0.95 0.85
0.5
A V/uS
0.85 0.71 0.1 6.0 200 2.0
1.05 -
V
IR
Cj RJC TJ TSTG
0.009 10
mA mA pF /W
Operating Junction Temperature Range Storage Temperature Range Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25in Al-Plate.
- 88 -
RATINGS AND CHARACTERISTIC CURVES (MBR1035 THRU MBR10200)
FIG.1- FORWARD CURRENT DERATING CURVE
12
175
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
10
150
8
125 100
6
75 50
4 2 0 0 50 CASE TEMPERATURE. ( C)
o
MBR1035-MBR1045 MBR1050-MBR10200
25
100 150
0.1
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
40
FIG.4- TYPICAL REVERSE CHARACTERISTICS
50 10
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C
INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=125 0C 1
Pulse Width=300 s 1% Duty Cycle
1 Tj=25 0C
0.1
Tj=75 0C
0.1
0.01
Tj=25 0C
MBR1035-MBR1045 MBR1050-MBR1060 MBR1090-MBR10100 MBR10200 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V)
MBR1035-MBR1060 MBR1090-MBR1020 0.001 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
4,000
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTIC
100
1,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE.( OC/W)
100
JUNCTION CAPACITANCE.(pF)
10.0
1
100 0.1
MBR1035-MBR1045 MBR1050 & MBR1060 MBR1090-MBR10200 1.0 10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1
10
100
T, PULSE DURATION.( sec.)
- 89 -


▲Up To Search▲   

 
Price & Availability of MBR1035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X