Part Number Hot Search : 
BP206 FN4153 KIA358FK STCF07 IDTQS D65004AF CT244 321K1
Product Description
Full Text Search
 

To Download MAS9281 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DA9281.002 10 July 2006
MAS9281
This is advance information on a new product under development. Micro Analog Systems Oy reserves the right to make any changes without notice.
IC FOR 10.00 - 60.00 MHz XO
* * * * Low Cost Divider Option up to fo/512 Wide Supply Voltage Range CMOS Output * Very High Level of Integration * Very Low Phase Noise * Output Three-State Function
DESCRIPTION
MAS9281 is an integrated circuit well suited to make fundamental crystal oscillator (XO): only one additional component, a crystal is needed. MAS9281 includes oscillator and output buffer circuits.
FEATURES
* * * Very small size Minimum current draw Stand-by functions: Output high impedance, but oscillator running. Output high impedance and oscillator stop Wide operating temperature range Phase noise <-130 dBc/Hz at 1 kHz offset CMOS output
APPLICATIONS
* * * XO for data terminals XO for telecommunication applications XO for computer application
* * *
BLOCK DIAGRAM
PD
1/2
1/2
1/2
1/2
VDD
OUT
MAS9281
X2
X'Tal
X1 VSS
1 (6)
DA9281.002 10 July 2006
ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage Input Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VDD - VSS VIN PMAX TOP TST Min -0.3 VSS -0.3 -40 -55 Max 6.0 VDD + 0.3 120 85 150 Unit V V mW o C o C Note
RECOMMENDED OPERATION CONDITIONS
Parameter Supply Voltage Crystal Load Capacitance MAS9281AN, -AP, -AQ, -AR, -AS, -AT, MAS9281A0, -A1, -A2, -A3, -A4 MAS9281AG -AH, -AJ, -AK, -AL MAS9281AA, -AB, -AC, -AD, -AE Symbol VDD CL Conditions Min 2.4 Typ 2.8 14.5 14.5 11 9 Max 5.5 Unit V Note 1) 2)
Note 1: If VDD = 5V, it is recommended to connect 1nF capacitor to Vdd pin. Note 2: For other load capacitance options contact to Micro Analog Systems Oy.
ELECTRICAL CHARACTERISTICS FOR 3V SUPPLY VOLTAGE
TA = -40 to +85 typical values at TA = +27C, VDD = 2.7V... 3.3V, fO = 30 MHz, Output Load = 15 pF, unless otherwise specified. C C,
Parameter Output Load Crystal Frequency Range when Output Load is Maximum 30pF Crystal Frequency Range when Output Load is Maximum 50pF Supply Current MAS9281 (fo) MAS9281 (fo/2) MAS9281 (fo/4) MAS9281 (fo/8) MAS9281 (fo/16) MAS9281 (fo/512) Output Voltage Range Rise and Fall Time Start-up Time Output Symmetry
Symbol
Min
Typ 15
Max 50 60.00 40.00
Unit pF MHz MHz mA
Note
fo fo IDD
10.00 10.00
Note 1
See fig. 2
5.7 4.5 4.1 3.9 3.7 3.5 Vdd 0.5 3 TSTART 45 2 48-52 55 4
Vpp ns ms %
Tri State Output Buffer PD V OFF State 0 0.55 ON State 1.6 VDD Power Down High Level Output 2.7 V VOH Voltage: Ioh=5.2 mA ,Vdd = 3V (Test measurement, see fig. 1, p. 5) PD Pull-up Resistance Rup1 900k ohm (Design value) Note1: MAS9281AN - MAS9281AT and MAS9281A0 - MAS9281A4 maximum frequency is 44MHz.
2 (6)
DA9281.002 10 July 2006
ELECTRICAL CHARACTERISTICS FOR 5V SUPPLY VOLTAGE
TA = -40 to +85 typical values at TA = +27C, VDD = 4.5V... 5V, fO = 30 MHz, Output Load = 15 pF, unless otherwise specified. C C,
Parameter Output Load Crystal Frequency Range when Output Load is Maximum 30pF Crystal Frequency Range when Output Load is Maximum 50pF Supply Current MAS9281 (fo) MAS9281 (fo/2) MAS9281 (fo/4) MAS9281 (fo/8) MAS9281 (fo/16) MAS9281 (fo/512) Output Voltage Range Rise and Fall Time Start-up Time Output Symmetry Tri State Output Buffer OFF State ON State Power Down High Level Output Voltage: Ioh=16 mA ,Vdd = 5V (Test measurement, see fig. 1, p. 5) PD Pull-up resistance Design value
Symbol
Min
Typ 15
Max 50 60.00 40.00
Unit pF MHz MHz mA
Note
fo fo IDD
10.00 10.00
Note 1
See fig. 2
11.3 8.0 7.7 7.6 7.3 7.1 Vdd 0.5 3 TSTART 45 PD 0 1.6 0.55 VDD 4.7 2 48-52 55 4
Vpp ns ms % V
VOH
Rup1
V
900k
ohm
Note1: MAS9281AN - MAS9281AT and MAS9281A0 - MAS9281A4 maximum frequency is 44MHz
PIN DESCRIPTION
Pin Description Power Down Crystal Oscillator Output Crystal Oscillator Input Power Supply Ground Power Supply Voltage Buffer Output Symbol PD X2 X1 VSS VDD OUT x-coordinate 146 312 553 695 178 597 y-coordinate 140 140 140 140 826 826
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component assembly are recommended to be performed in ESD protected area. Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
3 (6)
DA9281.002 10 July 2006
IC OUTLINES
VDD
OUT
MAS9281A1 988um
PD
Die map reference
X2
X1
VSS
850um
Note: Die map reference is the actual left bottom corner of the sawn chip.
SERIES CONFIGURATION
Product Code MAS9281AA MAS9281AB MAS9281AC MAS9281AD MAS9281AE MAS9281AG MAS9281AH MAS9281AJ MAS9281AK MAS9281AL MAS9281AN MAS9281AP MAS9281AQ MAS9281AR MAS9281AS MAS9281AT MAS9281A0 MAS9281A1 MAS9281A2 MAS9281A3 MAS9281A4 Output Frequency fo fo/2 fo/4 fo/8 fo/16 fo fo/2 fo/4 fo/8 fo/16 fo fo/2 fo/4 fo/8 fo/16 fo/512 fo fo/2 fo/4 fo/8 fo/16 Crystal Load (pF) 9 9 9 9 9 11 11 11 11 11 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 Output Load (pF) 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 Output Duty Level CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS CMOS Power Down Function Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Frequency Range (MHz) 10 - 60 10 - 60 10 - 60 10 - 60 10 - 60 10 - 60 10 - 60 10 - 60 10 - 60 10 - 60 10 - 44 10 - 44 10 - 44 10 - 44 10 - 44 10 - 44 10 - 44 10 - 44 10 - 44 10 - 44 10 - 44
4 (6)
DA9281.002 10 July 2006
APPLICATION INFORMATION
Version AA, AB, AC, AD, AE, AG, AH, AJ, AK, AL, AN, AP, AQ, AR, AS, AT A0, A1, A2, A3, A4 PD pin HIGH LOW Floating HIGH LOW Floating Output Normal Operation High Impedance Normal Operation Normal Operation High Impedance Normal Operation Oscillator Normal Operation Stopped Normal Operation Normal Operation Normal Operation Normal Operation
Figure 1
Signal Generator
1nF X1 50R
MAS9281
Output 250R
Vdd
Vss
Figure 2
Signal Generator
1nF X1 50R
MAS9281
Output
Vdd A
Vss
5 (6)
DA9281.002 10 July 2006
ORDERING INFORMATION
Product Code MAS9281AATG00 MAS9281ABTG00 MAS9281ACTG00 MAS9281ADTG00 MAS9281AETG00 MAS9281AGTG00 MAS9281AHTG00 MAS9281AJTG00 MAS9281AKTG00 MAS9281ALTG00 MAS9281ANTG00 MAS9281APTG00 MAS9281AQTG00 MAS9281ARTG00 MAS9281ASTG00 MAS9281ATTG00 MAS9281A0TG00 MAS9281A1TG00 MAS9281A2TG00 MAS9281A3TG00 MAS9281A4TG00 Output Frequency fo fo/2 fo/4 fo/8 fo/16 fo fo/2 fo/4 fo/8 fo/16 fo fo/2 fo/4 fo/8 fo/16 fo/512 fo fo/2 fo/4 fo/8 fo/16 Crystal Load (pF) 9 9 9 9 9 11 11 11 11 11 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 14.5 Wafer thickness 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m 215 m Comments Tested, wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer Tested wafer
For product definitions see Application Information on page 5. Contact Micro Analog Systems Oy for other wafer thickness options.
LOCAL DISTRIBUTOR
MICRO ANALOG SYSTEMS OY CONTACTS
Micro Analog Systems Oy Kamreerintie 2, P.O. Box 51 FIN-02771 Espoo, FINLAND Tel. +358 9 80 521 Fax +358 9 805 3213 http://www.mas-oy.com
NOTICE Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
6 (6)


▲Up To Search▲   

 
Price & Availability of MAS9281

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X