Part Number Hot Search : 
471M1 2SB1121 PSL01 LT8631 F4004 F4004 48220 471M1
Product Description
Full Text Search
 

To Download M2125-AF5-0-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD M2125
SINGLE-SUPPLY OPERTIONAL AMPLIFIER
DESCRIPTION
The UTC M2125 is a single-supply operational amplifier.
3 2 1
LINEAR INTEGRATED CIRCUIT
FEATURES
* Single-Supply Operation * Low Operating Voltage: 2.7V~20V * Low Operating Current: 1.0mA (typ.) * Slew Rate: 1.2V/s (typ.)
5 4
SOT-25
*Pb-free plating product number: M2125L
ORDERING INFORMATION
Order Number Normal Lead Free Plating M2125-AF5-0-R M2125L-AF5-0-R Note: Pin Assignment: I: VIN O: Output G: GND
M2125L-AF5-0-R
Package SOT-25
1 I+
Pin Assignment 23 4 5 G IO V+
Packing Tape Reel
(1)Packing Type (2)Pin Assignment (3)Package Type (4)Lead Plating
(1) R: Tape Reel (2) refer to Pin Assignment (3) AF5: SOT-25 (4) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 5
QW-R105-025,B
M2125
PIN CONFIGURATION
LINEAR INTEGRATED CIRCUIT
+INPUT
1 + -
5
V+
GND
2
-INPUT
3
4
OUTPUT
EQUIVALENT CIRCUIT
V+
OUTPUT
+ INPUT - INPUT
GND
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 5
QW-R105-025,B
M2125
ABSOLUTE MAXIMUM RATINGS (Ta=25 )
LINEAR INTEGRATED CIRCUIT
PARAMETER SYMBOL RATINGS UNIT Supply Voltage V+ +20 V VI(DIFF) Differential Input Voltage +20 V Input Voltage VIN -0.3 to +20 (note 3) V Power Dissipation PD 200 mV Junction Temperature TJ +125 C Operating Temperature TOPR -40~ +85 C Storage Temperature TSTG -40~+150 C Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. The device is guaranteed to meet performance specification within 0 ~+70 operating temperature range and assured by design from -40 ~+85 . 3. When the supply voltage is less than +20V, the absolute maximum input voltage is equal to the supply voltage
ELECTRICAL CHARACTERISTICS(V+=5V,Ta=25 )
PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Large Signal Voltage Gain Maximum Output Voltage Swings Input Common Mode Voltage Common Mode Rejection Ratio Supply Voltage Rejection Ratio Output Source Current Output Sink Current Operating Current Slew Rate Unity Gain Frequency SYMBOL VI(OFF) II(OFF) II(BIAS) Gv VOM VI(CM) RR SVR ISOURCE ISINK ICC SR fT TEST CONDITIONS Rs=0 MIN TYP 2 5 25 100 MAX 7 50 250 UNIT mV nA nA dB V V dB dB mA mA mA V/s MHz
RL
2k
RL=2k
VIN =1V, VIN =0V + VIN =0V, VIN =1V RL=
+
-
88 3.5 0~3.5 70 80 20 8
90 94 30 20 1.0 1.2 1.2
1.75
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 5
QW-R105-025,B
M2125
TYPICAL CHARSACTERISTICS
Voltage Gain,Phase Margin vs. Frequency 50 40 30 20 V /V = 2.5V,RL=2k
+ -
LINEAR INTEGRATED CIRCUIT
Operating Current vs. Operating Voltage 225 180 2 Ta=25
CL=10pF
Voltage Gain, Gv (dB)
135
Voltage Gain, Gv (dB)
M(deg)
90 45 0 10M
10 0 100
Phase Margin,
1
1k
10k
100k
1M
0
0
2
4
6
8
10
Frequency, f (Hz)
Maximum Output Voltag Swing vs. Output Source Current 5
Operating Voltage, V+/ V- (V)
Output Voltag vs. Output Sink Current 5 V+=5V,Ta=25 4
Maximum Output Voltage Swing, VOM(V)
4
3
Maximum Output Voltage Swing, VOM(V)
1 10 100
V+=5V,Ta=25
3
2
2
1
1
0 0.01
0.1
0 0.01
0.1
1
10
100
Output Source Current, ISOURCE(mA)
Output Sink Current, ISINK (mA)
Maximum Output Voltag Swing vs. Load Resistance
Operating Current vs.Temperature 1.6 V+/V- = 2.5V
Maximum Output Voltage Swing, VOM(V)
5 Ta=25
Operating Current, Icc (mA)
4
1.2
3
0.8
2
1 0
0.4
10
100
1k
10k
100k
0 -50
-25
0
25
50
75
100
Load Resistance, RL ( )
Ambient Tempurature, Ta ( )
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 5
QW-R105-025,B
M2125
TYPICAL CHARSACTERISTICS(Cont.)
Input Offset Voltage vs.Tempurature 2 V =5V,Rs=0
+
LINEAR INTEGRATED CIRCUIT
Input Offset Current vs.Tempurature 3 V+=5V
Input Offset Current, II(OFF) (nA)
Input Offset Voltage, V I(OFF) (mV)
2
1
1
0
0
-1
-1
-2 -50
-25
0
25
50
75
100
-2 -50
-25
0
25
50
75
100
Ambient Tempurature, Ta ( )
Ambient Tempurature, Ta ( )
Input Bais Current vs. Tempurature 250
Maximum Output Voltage, SwingVOM(V)
Maximum Output Voltage Swing vs.Tempurature 5 V+=5V,RL=2k
V =5V
Input Bais Current, IB (nA)
+
200
4
150
100 5 0 0 -50
3
-25
0
25
50
75
100
2 -50
-25
0
25
50
75
100
Ambient Tempurature, Ta ( )
Ambient Tempurature, Ta ( )
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 5
QW-R105-025,B


▲Up To Search▲   

 
Price & Availability of M2125-AF5-0-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X