Part Number Hot Search : 
MAZ8024 2SB1026 STD9N10 TDA1387 T40HF40 SI2329DS SMCJ40A SC530
Product Description
Full Text Search
 

To Download LM317MABDTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM317M 500 mA Adjustable Output, Positive Voltage Regulator
The LM317M is an adjustable three-terminal positive voltage regulator capable of supplying in excess of 500 mA over an output voltage range of 1.2 V to 37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow-out proof. The LM317M serves a wide variety of applications including local, on-card regulation. This device also makes an especially simple adjustable switching regulator, a programmable output regulator, or by connecting a fixed resistor between the adjustment and output, the LM317M can be used as a precision current regulator.
Features http://onsemi.com
Heatsink surface connected to Pin 2
TO-220AB T SUFFIX CASE 221AB 1 2
* * * * * * * *
Output Current in Excess of 500 mA Output Adjustable between 1.2 V and 37 V Internal Thermal Overload Protection Internal Short Circuit Current Limiting Output Transistor Safe-Area Compensation Floating Operation for High Voltage Applications Eliminates Stocking Many Fixed Voltages Pb-Free Packages are Available
3
SOT-223 ST SUFFIX CASE 318E
1
2
3
4 DPAK DT SUFFIX CASE 369C 12 3
Vin
Vin
LM317M
Vout
Vout R1 240
Heatsink Surface (shown as terminal 4 in case outline drawing) is connected to Pin 2.
* Cin 0.1mF
IAdj
Adjust
** +C O 1.0mF
PIN ASSIGNMENT
1 2 3 Adjust Vout Vin
R2
ORDERING INFORMATION
* = Cin is required if regulator is located an appreciable distance from power supply filter. ** = CO is not needed for stability, however, it does improve transient response. R Vout + 1.25 V 1 ) 2 ) IAdj R2 R1 Since IAdj is controlled to less than 100 mA, the error associated with this term is negligible in most applications.
See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 11 of this data sheet.
Figure 1. Simplified Application
(c) Semiconductor Components Industries, LLC, 2006
1
August, 2006 - Rev. 14
Publication Order Number: LM317M/D
LM317M
MAXIMUM RATINGS (TA = 25C, unless otherwise noted.)
Rating Input-Output Voltage Differential Power Dissipation (Package Limitation) (Note 1) Plastic Package, T Suffix, Case 221A TA = 25C Thermal Resistance, Junction-to-Air Thermal Resistance, Junction-to-Case Plastic Package, DT Suffix, Case 369C TA = 25C Thermal Resistance, Junction-to-Air Thermal Resistance, Junction-to-Case Plastic Package, ST Suffix, Case 318E TA = 25C Thermal Resistance, Junction-to-Air Thermal Resistance, Junction-to-Case Operating Junction Temperature Range Storage Temperature Range Symbol VI-VO Value 40 Unit Vdc
PD qJA qJC PD qJA qJC PD qJA qJC TJ Tstg
Internally Limited 70 5.0 Internally Limited 92 5.0 Internally Limited 245 15 -40 to +125 -65 to +150
C/W C/W
C/W C/W
C/W C/W C C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Figure 25 provides thermal resistance versus PC board pad size.
ELECTRICAL CHARACTERISTICS (VI - VO = 5.0 V; IO = 0.1 A, TJ = Tlow to Thigh (Note 2), unless otherwise noted.)
Characteristics Line Regulation (Note 3) (TA = 25C, 3.0 V VI - VO 40 V) Load Regulation (Note 3) TA = 25C, 10 mA IO 0.5 A VO 5.0 V VO 5.0 V Adjustment Pin Current Adjustment Pin Current Change 2.5 V VI - VO 40 V, 10 mA IL 0.5 A, PD Pmax Reference Voltage 3.0 V VI - VO 40 V, 10 mA IL 0.5 A, PD Pmax Line Regulation (Note 3) 3.0 V VI-VO 40 V Load Regulation (Note 3) 10 mA IO 0.5 A VO 5.0 V VO 5.0 V Temperature Stability (Tlow TJ Thigh) Minimum Load Current to Maintain Regulation (VI - VO = 40 V) Maximum Output Current VI - VO 15 V, PD Pmax VI - VO = 40 V, PD Pmax, TA = 25C RMS Noise, % of VO (TA = 25C, 10 Hz f 10 kHz) Ripple Rejection, VO = 10 V, f = 120 Hz (Note 4) Without CAdj CAdj = 10 mF Long-Term Stability, TJ = Thigh (Note 5) TA= 25C for End-point Measurements Figure 3 4 Symbol Regline Regload - - 5 3, 4 5 3 4 IAdj DIAdj Vref Regline Regload - - 5 5 5 TS ILmin Imax 0.5 0.15 - 6 N RR - 66 5 S - 65 80 0.3 - - 1.0 %/1.0 kHrs. - 0.9 0.25 0.003 - - - % VO dB - - 20 0.3 0.7 3.5 70 1.5 - 10 mV % VO % VO mA A - - 1.200 - 5.0 0.1 50 0.2 1.250 0.02 25 0.5 100 5.0 1.300 0.07 mV % VO mA mA V %/V LM317M / LM317MB Min Typ Max - 0.01 0.04 Unit %/V
2. Tlow to Thigh = 0 to +125C for LM317M Tlow to Thigh = - 40 to +125C for LM317MB. 3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. 4. CAdj, when used, is connected between the adjustment pin and ground. 5. Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average stability from lot-to-lot.
http://onsemi.com
2
LM317M
ELECTRICAL CHARACTERISTICS (VI - VO = 5.0 V; IO = 0.1 A, TJ = Tlow to Thigh (Note 6), unless otherwise noted.)
Characteristics Line Regulation (Note 7) (TA = 25C, 3.0 V VI - VO 40 V) Load Regulation (Note 7) TA = 25C, 10 mA IO 0.5 A VO 5.0 V VO 5.0 V Adjustment Pin Current Adjustment Pin Current Change 2.5 V VI - VO 40 V, 10 mA IL 0.5 A, PD Pmax Reference Voltage 3.0 V VI - VO 40 V, 10 mA IL 0.5 A, PD Pmax Line Regulation (Note 7) 3.0 V VI-VO 40 V Load Regulation (Note 7) 10 mA IO 0.5 A VO 5.0 V VO 5.0 V Temperature Stability (Tlow TJ Thigh) Minimum Load Current to Maintain Regulation (VI - VO = 40 V) Maximum Output Current VI - VO 15 V, PD Pmax VI - VO = 40 V, PD Pmax, TA = 25C RMS Noise, % of VO (TA = 25C, 10 Hz f 10 kHz) Ripple Rejection, VO = 10 V, f = 120 Hz (Note 8) Without CAdj CAdj = 10 mF Long-Term Stability, TJ = Thigh (Note 9) TA= 25C for End-point Measurements Figure 3 4 Symbol Regline Regload - - 5 3, 4 5 3 4 IAdj DIAdj Vref Regline Regload - - 5 5 5 TS ILmin Imax 0.5 0.15 - 6 N RR - 66 5 S - 65 80 0.3 - - 1.0 %/1.0 kHrs. - 0.9 0.25 - - - - % VO dB - - 20 0.3 0.7 3.5 70 1.5 - 10 mV % VO % VO mA A - - 1.225 - 5.0 0.1 50 0.2 1.250 0.02 25 0.5 100 5.0 1.275 0.07 mV % VO mA mA V %/V LM317MA / LM317MAB Min Typ Max - 0.01 0.04 Unit %/V
6. Tlow to Thigh = 0 to +125C for LM317MA Tlow to Thigh = - 40 to +125C for LM317MAB. 7. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. 8. CAdj, when used, is connected between the adjustment pin and ground. 9. Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average stability from lot-to-lot.
http://onsemi.com
3
LM317M
Vin 300 300 300 3.0k 300 70 6.8V 6.8V 350 18k
8.67k 130 5.1k 200k
500 400
6.3V
180
180
2.0k
6.0k
10 pF 10 pF
60
1.25
Vout 2.4k 12.8k 50
Adjust
Figure 2. Representative Schematic Diagram
VCC Line Regulation (%/V) = * VIH VIL Vin LM317M Vout
VOH - VOL VOL
x 100 VOH VOL
Adjust Cin 0.1mF IAdj
R1
240 1% CO
RL + 1.0mF
* Pulse Testing Required: 1% Duty Cycle is suggested.
R2 1%
Figure 3. Line Regulation and DIAdj/Line Test Circuit
http://onsemi.com
4
LM317M
Load Regulation (mV) = VO (min Load) -VO (max Load) VO (min Load) - VO (max Load) Load Regulation (% VO) = VO (min Load) Vin Vin LM317M Vout IL RL (max Load) * + Cin 0.1mF IAdj CO 1.0mF
X 100 VO (min Load) VO (max Load)
Adjust
R1
240 1%
RL (min Load)
R2 1% * Pulse Testing Required: 1% Duty Cycle is suggested.
Figure 4. Load Regulation and DIAdj/Load Test Circuit
Vin
LM317M
Vout
IL
Adjust VI Cin 0.1mF ISET R2 1% R1 IAdj
240 1%
Vref + CO 1mF
RL VO
*Pulse Testing Required: 1% Duty Cycle is suggested.
To Calculate R2: Vout = ISET R2 + 1.250 V Assume ISET = 5.25 mA
Figure 5. Standard Test Circuit
24V 14V f = 120 Hz Vin Vout LM317M Vout = 10 V
Adjust Cin 0.1mF
R1
240 1%
D1 * 1N4002 + CO 1.0mF
RL VO
R2
1.65K 1%
** CAdj
+ 10mF
* D1 Discharges CAdj if Output is Shorted to Ground. **CAdj provides an AC ground to the adjust pin.
Figure 6. Ripple Rejection Test Circuit http://onsemi.com
5
LM317M
90 V out , OUTPUT VOLTAGE CHANGE (%) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 -50 -25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C) 150 Vin = 10 V Vout = 5.0 V IL = 5.0 mA to 100 mA RR, RIPPLE REJECTION (dB) Vin = 45 V Vout = 5.0 V IL = 5.0 mA to 40 mA
80
Without CAdj = 10 mF
70
60
50
IL = 100 mA f = 120 Hz Vout = 10 V Vin = 14 V to 24 V -50 -25
Without CAdj
0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C)
150
Figure 7. Load Regulation
Figure 8. Ripple Rejection
V in -Vout , INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V)
1.0 0.80 0.60 TJ = 25C 0.40 0.20 0 0 10 20 30 40 Vin-Vout, INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V) 50 TJ = 125C
2.5 IL = 500 mA
Iout , OUTPUT CURRENT (A)
2.0 IL = 100 mA
1.5
1.0
0.5 -50 -25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C) 150
Figure 9. Current Limit
Figure 10. Dropout Voltage
5.0 IB , QUIESCENT CURRENT (mA) 4.5 RR, RIPPLE REJECTION (dB) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 10 20 30 40 Vin-Vout, INPUT-OUTPUT VOLTAGE DIFFERENTIAL (Vdc) TJ = 125C TJ = 25C
100 90 80 70 60 50 40 30 20 10 10 100 1.0 k 10 k 100 k 1.0 M f, FREQUENCY (Hz) IL = 40 mA Vin = 5.0 V 1.0 VPP Vout = 1.25 V
Figure 11. Minimum Operating Current
Figure 12. Ripple Rejection versus Frequency
http://onsemi.com
6
LM317M
IAdj, ADJUSTMENT PIN CURRENT ( A) 1.260 Vref, REFERENCE VOLTAGE (V) 80 70 65 60 55 50 45 40 35 -50 -25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C) 150 -50 -25 0 25 50 75 100 125 150 Vin = 6.25 V Vout = Vref IL = 10 mA IL = 100 mA
1.250
1.240
1.230
Vin = 4.2 V Vout = Vref IL = 5.0 mA
1.220
TJ, JUNCTION TEMPERATURE (C)
Figure 13. Temperature Stability
Figure 14. Adjustment Pin Current
Vout , OUTPUT VOLTAGE CHANGE (%)
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 -50
NOISE VOLTAGE ( V)
Vin = 4.25 V to 41.25 V Vout = Vref IL = 5.0 mA
Bandwidth 100 Hz to 10 kHz 10
8.0
6.0
4.0 -25 0 25 50 75 100 125 TJ, JUNCTION TEMPERATURE (C) 150
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (C)
Figure 15. Line Regulation
Figure 16. Output Noise
Vout , OUTPUT VOLTAGE DEVIATION (V)
Vout , OUTPUT VOLTAGE DEVIATION (V)
3.0 2.0 1.0 0 Vin = 15 V Vout = 10 V INL = 50 mA TJ = 25C CL = 1.0 mF; CAdj = 10 mF
1.5 1.0 0.5 0 -0.5 -1.0 -1.5 1.0 0.5 0 0 10 20 t, TIME (ms) Vin 30 40 Vout = 10 V IL = 50 mA TJ = 25C CL = 1.0 mF
-1.0 -2.0 -3.0 1.5 1.0 0.5 0 0 10 20 t, TIME (ms) 30 IL CL = 0.3 mF; CAdj = 10 mF
Vin , INPUT VOLTAGE CHANGE (V)
CL = 0
I L , LOAD CURRENT (A)
40
Figure 17. Line Transient Response
Figure 18. Load Transient Response
http://onsemi.com
7
LM317M
APPLICATIONS INFORMATION
Basic Circuit Operation External Capacitors
The LM317M is a three-terminal floating regulator. In operation, the LM317M develops and maintains a nominal 1.25 V reference (Vref) between its output and adjustment terminals. This reference voltage is converted to a programming current (IPROG) by R1 (see Figure 19), and this constant current flows through R2 to ground. The regulated output voltage is given by:
R Vout + Vref 1 ) 2 ) IAdj R2 R1
Since the current from the terminal (IAdj) represents an error term in the equation, the LM317M was designed to control IAdj to less than 100 mA and keep it constant. To do this, all quiescent operating current is returned to the output terminal. This imposes the requirement for a minimum load current. If the load current is less than this minimum, the output voltage will rise. Since the LM317M is a floating regulator, it is only the voltage differential across the circuit which is important to performance, and operation at high voltages with respect to ground is possible.
Vin Vout + R1 Adjust Vref IPROG Vout IAdj
A 0.1 mF disc or 1.0 mF tantalum input bypass capacitor (Cin) is recommended to reduce the sensitivity to input line impedance. The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor (CAdj) prevents ripple from being amplified as the output voltage is increased. A 10 mF capacitor should improve ripple rejection about 15 dB at 120 Hz in a 10 V application. Although the LM317M is stable with no output capacitance, like any feedback circuit, certain values of external capacitance can cause excessive ringing. An output capacitance (CO) in the form of a 1.0 mF tantalum or 25 mF aluminum electrolytic capacitor on the output swamps this effect and insures stability.
Protection Diodes
LM317M
When external capacitors are used with any IC regulator it is sometimes necessary to add protection diodes to prevent the capacitors from discharging through low current points into the regulator. Figure 20 shows the LM317M with the recommended protection diodes for output voltages in excess of 25 V or high capacitance values (CO > 25 mF, CAdj > 5.0 mF). Diode D1 prevents CO from discharging thru the IC during an input short circuit. Diode D2 protects against capacitor CAdj discharging through the IC during an output short circuit. The combination of diodes D1 and D2 prevents CAdj from discharging through the IC during an input short circuit.
D1
R2 Vin
1N4002 LM317M R1 Adjust R2 CAdj Vout Vout + D2 CO
Vref = 1.25 V Typical
Figure 19. Basic Circuit Configuration Load Regulation
Cin
1N4002
The LM317M is capable of providing extremely good load regulation, but a few precautions are needed to obtain maximum performance. For best performance, the programming resistor (R1) should be connected as close to the regulator as possible to minimize line drops which effectively appear in series with the reference, thereby degrading regulation. The ground end of R2 can be returned near the load ground to provide remote ground sensing and improve load regulation.
Figure 20. Voltage Regulator with Protection Diodes
http://onsemi.com
8
LM317M
+25V Vin Adjust * To provide current limiting of IO to the system ground, the source of the current limiting diode must be tied to a negative voltage below -7.25 V. Vref R2 IDSS R1 = Vref IOmax + IDSS LM317M Vout R1 1.25k D1 1N914 D2 1N914 Vin VO IO D1 1N4002 Vin LM317M Vout + 120 1N5314 Adjust MPS2222 720 VSS* 1.0k TTL Control 1.0mF Vout
R2 500
Minimum Vout = 1.25 V
VO < POV + 1.25 V + VSS ILmin - IP < IO < 500 mA - IP As shown O < IO < 495 mA
D1 protects the device during an input short circuit.
Figure 21. Adjustable Current Limiter
Figure 22. 5 V Electronic Shutdown Regulator
Vin
LM317M
Vout Vout 240 1N4001
Vin
LM317M
R1 Vout IAdj
R2
Iout
Adjust Adjust R2 MPS2907 50k + 10mF Ioutmax =
Vref R1 + R2
1.25 V + IAdj ^ R + R 1 2
5.0 mA < Iout < 100 mA
Figure 23. Slow Turn-On Regulator
Figure 24. Current Regulator
R JA, THERMAL RESISTANCE, JUNCTION-TO-AIR ( C/W)
100 90 80 70 60 50 RqJA 40 0 5.0 10 15 20 25 30 L, LENGTH OF COPPER (mm) Minimum Size Pad Free Air Mounted Vertically PD(max) for TA = 50C
2.4 2.0 2.0 oz. Copper L L 1.6 1.2 0.8 0.4 0
280 240 200 160 120 80 RqJA 40 0 5.0 10 15 20 Minimum Size Pad Free Air Mounted Vertically PD(max) for TA = 50C
2.50 1.25 2.0 oz. Copper L 0.83 0.63 0.50 0.42 0.35
L, LENGTH OF COPPER (mm)
Figure 25. DPAK Thermal Resistance and Maximum Power Dissipation versus PCB Copper Length
Figure 26. SOT-223 Thermal Resistance and Maximum Power Dissipation versus PCB Copper Length
http://onsemi.com
9
IIII IIII IIII
L 25 30
III III III
LM317M
ORDERING INFORMATION
Output Voltage Device LM317MABDT LM317MABDTG LM317MABDTRK LM317MABDTRKG LM317MABT LM317MABTG LM317MADTRK LM317MADTRKG LM317MBDT LM317MBDTG LM317MBDTRK LM317MBDTRKG LM317MBSTT3 LM317MBSTT3G LM317MBT LM317MBTG LM317MDT LM317MDTG LM317MDTRK LM317MDTRKG LM317MSTT3 LM317MSTT3G LM317MT LM317MTG TJ = 0C to 125C 4% TJ = -40C to 125C TJ = 0C to 125C 2% TJ = -40C to 125C Tolerance Operating Temperature Range Package DPAK DPAK (Pb-Free) DPAK DPAK (Pb-Free) TO-220 TO-220 (Pb-Free) DPAK DPAK (Pb-Free) DPAK DPAK (Pb-Free) DPAK DPAK (Pb-Free) SOT-223 SOT-223 (Pb-Free) TO-220 TO-220 (Pb-Free) DPAK DPAK (Pb-Free) DPAK DPAK (Pb-Free) SOT-223 SOT-223 (Pb-Free) TO-220 TO-220 (Pb-Free) Shipping 75 Units / Rail 75 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 50 Units / Rail 50 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 75 Units / Rail 75 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 50 Units / Rail 50 Units / Rail 75 Units / Rail 75 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 4000 / Tape & Reel 4000 / Tape & Reel 50 Units / Rail 50 Units / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
http://onsemi.com
10
LM317M
MARKING DIAGRAMS
DPAK DT SUFFIX CASE 369C
317ABG ALYWW
317MAG ALYWW
317MBG ALYWW
317MG ALYWW
TO-220 T SUFFIX CASE 221A
SOT-223 ST SUFFIX CASE 318E
LM 317MABT AWLYWWG
LM 317MBT AWLYWWG
LM 317MT AWLYWWG
AYW 317MB G G
AYW 317M G G
A = Assembly Location L, WL = Wafer Lot Y = Year WW, W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location)
http://onsemi.com
11
LM317M
PACKAGE DIMENSIONS
TO-220, SINGLE GAUGE T SUFFIX PLASTIC PACKAGE CASE 221AB-01 ISSUE O
-T- B
4 SEATING PLANE
F T S
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.020 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 0.508 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
Q
123
A U K
H Z L V G D N R J
DPAK DT SUFFIX PLASTIC PACKAGE CASE 369C-01 ISSUE O
-T- B V R
4 SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243
SCALE 3:1 mm inches
3.0 0.118
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
12
LM317M
PACKAGE DIMENSIONS
SOT-223 ST SUFFIX PLASTIC PACKAGE CASE 318E-04 ISSUE L
D b1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. MILLIMETERS NOM MAX 1.63 1.75 0.06 0.10 0.75 0.89 3.06 3.20 0.29 0.35 6.50 6.70 3.50 3.70 2.30 2.40 0.94 1.05 1.75 2.00 7.00 7.30 10 - INCHES NOM 0.064 0.002 0.030 0.121 0.012 0.256 0.138 0.091 0.037 0.069 0.276 -
4
HE
1
2
3
E
b e1 e q C
DIM A A1 b b1 c D E e e1 L1 HE
q
MIN 1.50 0.02 0.60 2.90 0.24 6.30 3.30 2.20 0.85 1.50 6.70 0
MIN 0.060 0.001 0.024 0.115 0.009 0.249 0.130 0.087 0.033 0.060 0.264 0
MAX 0.068 0.004 0.035 0.126 0.014 0.263 0.145 0.094 0.041 0.078 0.287 10
A 0.08 (0003) A1
L1
SOLDERING FOOTPRINT*
3.8 0.15 2.0 0.079
2.3 0.091
2.3 0.091
6.3 0.248
2.0 0.079
mm 1.5 SCALE 6:1 inches 0.059 *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
13
LM317M/D


▲Up To Search▲   

 
Price & Availability of LM317MABDTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X