Part Number Hot Search : 
1D13UM VCH1622 FAN4272 GL34A L9821 B80C53 VCH1622 AD588
Product Description
Full Text Search
 

To Download LM21105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM211, LM311 Single Comparators
The ability to operate from a single power supply of 5.0 V to 30 V or $15 V split supplies, as commonly used with operational amplifiers, makes the LM211/LM311 a truly versatile comparator. Moreover, the inputs of the device can be isolated from system ground while the output can drive loads referenced either to ground, the VCC or the VEE supply. This flexibility makes it possible to drive DTL, RTL, TTL, or MOS logic. The output can also switch voltages to 50 V at currents to 50 mA, therefore, the LM211/LM311 can be used to drive relays, lamps or solenoids.
Features
http://onsemi.com MARKING DIAGRAMS
8 PDIP-8 N SUFFIX CASE 626 1 1 LM311AN AWL YYWWG
* Pb-Free Packages are Available
8 3.0 k VCC VCC 5.0 k 5 2 RL 6 87 Output 1 Inputs 2 + 3 VEE - 4 8 7 1 RL Output 8 1
8 SOIC-8 D SUFFIX CASE 751 1 LMx11 ALYW G
+ -
Inputs
3
4 VEE Split Power Supply with Offset Balance
Single Supply
VCC 2 Inputs 3
VCC 2 7 Inputs Output 3
+ -
4 VEE
8 1
+ -
4
8 7 1 RL Output
x A WL, L YY, Y WW, W G G
= 2 or 3 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package = Pb-Free Package
RL
PIN CONNECTIONS
GND Inputs
3 1 2 8
Input polarity is reversed when GND pin is used as an output. Ground-Referred Load
VEE Input polarity is reversed when GND pin is used as an output. Load Referred to Negative Supply
VCC Output Balance/Strobe Balance
+ -
7 6 5
VEE VCC 2 VCC 2 Inputs 3 4 VEE Load Referred to Positive Supply Strobe Capability Inputs 7 1 1.0 k RL Output 3
4
(Top View) 8 7 Output 1 6 TTL Strobe RL
+ -
+ -
8
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
4 VEE
Figure 1. Typical Comparator Design Configurations
(c) Semiconductor Components Industries, LLC, 2005
1
July, 2005 - Rev. 5
Publication Order Number: LM211/D
LM211, LM311
ORDERING INFORMATION
Device LM211D LM211DG LM211DR2 LM211DR2G LM311D LM311DG LM311DR2 LM311DR2G LM311N LM311NG Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) Shipping 98 Units / Rail 98 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 98 Units / Rail 98 Units / Rail 2500 Units / Tape & Reel 2500 Units / Tape & Reel 50 Units / Rail 50 Units / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS (TA = +25C, unless otherwise noted.)
Rating Total Supply Voltage Output to Negative Supply Voltage Ground to Negative Supply Voltage Input Differential Voltage Input Voltage (Note 2) Voltage at Strobe Pin Power Dissipation and Thermal Characteristics Plastic DIP Derate Above TA = +25C Operating Ambient Temperature Range Operating Junction Temperature Storage Temperature Range Symbol VCC +VEE VO -VEE VEE VID Vin - PD RqJA TA TJ(max) Tstg -25 to +85 +150 -65 to +150 LM211 36 50 30 30 15 VCC to VCC-5 625 5.0 0 to +70 +150 -65 to +150 LM311 36 40 30 30 15 VCC to VCC-5 Unit Vdc Vdc Vdc Vdc Vdc Vdc mW mW/C C C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
http://onsemi.com
2
LM211, LM311
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = -15 V, TA = 25C, unless otherwise noted) Note 1
LM211 Characteristic Input Offset Voltage (Note 3) RS 50 kW, TA = +25C RS 50 kW, Tlow TA Thigh* Input Offset Current (Note 3) TA = +25C Tlow TA Thigh* Input Bias Current TA = +25C Tlow TA Thigh* Voltage Gain Response Time (Note 4) Saturation Voltage VID -5.0 mV, IO = 50 mA, TA = 25C VID -10 mV, IO = 50 mA, TA = 25C VCC 4.5 V, VEE = 0, Tlow TA Thigh* VID 66.0 mV, Isink 8.0 mA VID 610 mV, Isink 8.0 mA Strobe "On" Current (Note 5) Output Leakage Current VID 5.0 mV, VO= 35 V, TA = 25C, Istrobe= 3.0 mA VID 10 mV, VO= 35 V, TA = 25C, Istrobe= 3.0 mA VID 5.0 mV, VO= 35 V, Tlow TA Thigh* Input Voltage Range (Tlow TA Thigh*) VICR VOL - - - - IS - - - - -14.5 0.75 - 0.23 - 3.0 0.2 - 0.1 -14.7 to 13.8 +2.4 -1.3 1.5 - 0.4 - - 10 - 0.5 +13.0 - - - - - - - - -14.5 - 0.75 - 0.23 3.0 - 0.2 - -14.7 to 13.8 +2.4 -1.3 - 1.5 - 0.4 - - 50 - +13.0 mA nA nA mA V Symbol VIO - - IIO IIB AV - - - - 40 - 0.7 - 1.7 - 45 - 200 200 3.0 4.0 10 20 100 150 - - - - - - - - 40 - 2.0 - 1.7 - 45 - 200 200 7.5 10 50 70 250 300 - - nA nA V/mV ns V Min Typ Max Min LM311 Typ Max Unit mV
Positive Supply Current Negative Supply Current
ICC IEE
- -
+6.0 -5.0
- -
+7.5 -5.0
mA mA
* LM211: Tlow = -25C, Thigh = +85C LM311: Tlow = 0C, Thigh = +70C 1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single 5.0 V supply up to 15 V supplies. 2. This rating applies for 15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30 V below the positive supply, whichever is less. 3. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1.0 mA load. Thus, these parameters define an error band and take into account the "worst case" effects of voltage gain and input impedance. 4. The response time specified is for a 100 mV input step with 5.0 mV overdrive. 5. Do not short the strobe pin to ground; it should be current driven at 3.0 mA to 5.0 mA.
8 VCC Balance Balance/Strobe 5 6 1.3 k 300 300 3.7 k 1.3 k 100 3.7 k 300 250 900 600 800 2 Inputs 3 730 340 1.3 k 1 1.3 k 5.4 k 4 VEE GND 5.0 k 7 200 Output 800 800 3.0 k
Figure 2. Circuit Schematic http://onsemi.com
3
LM211, LM311
140 I IB , INPUT BIAS CURRENT (nA) 120 100 80 Normal Pins 5 & 6 Tied to VCC 5.0 I IO , INPUT OFFSET CURRENT (nA) VCC = +15 V VEE = -15 V VCC = +15 V VEE = -15 V Pins 5 & 6 Tied to VCC
4.0 3.0 2.0
40 0 -55
1.0 0 -55
Normal
-25
0
25
50
75
100
125
-25
0
25
50
75
100
125
TA, TEMPERATURE (C)
TA, TEMPERATURE (C)
Figure 3. Input Bias Current versus Temperature
Figure 4. Input Offset Current versus Temperature
140 I IB , INPUT BIAS CURRENT (nA) COMMON MODE LIMITS (V) 120 100 80 60 40 20 0 -16 -12 -8.0 -4.0 0 4.0 8.0 12 16 VCC = +15 V VEE = -15 V TA = +25C VCC -0.5 -1.0 -1.5 Referred to Supply Voltages
0.4 0.2 VEE -55 -25 0 25 50 75 100 125
DIFFERENTIAL INPUT VOLTAGE (V)
TA, TEMPERATURE (C)
Figure 5. Input Bias Current versus Differential Input Voltage
Figure 6. Common Mode Limits versus Temperature
Vin ,INPUT VOLTAGE (mV) VO , OUTPUT VOLTAGE (V)
Vin ,INPUT VOLTAGE (mV) VO , OUTPUT VOLTAGE (V)
+5.0 V
5.0 4.0 3.0 2.0 1.0 0 100 50 0
5.0 mV 20 mV
Vin +5.0 V
* )
500 W VO
2.0 mV VCC = +15 V VEE = -15 V TA = +25C 0 0.1 0.2 0.3 0.4 tTLH, RESPONSE TIME (ms) 0.5 0.6
5.0 4.0 3.0 2.0 1.0 0 0 -50 -100
5.0 mV 2.0 mV 20 mV
Vin
* )
500 W VO
VCC = +15 V VEE = -15 V TA = +25C 0 0.1 0.2 0.3 0.4 tTHL, RESPONSE TIME (ms) 0.5 0.6
Figure 7. Response Time for Various Input Overdrives
Figure 8. Response Time for Various Input Overdrives
http://onsemi.com
4
LM211, LM311
Vin ,INPUT VOLTAGE (mV) VO , OUTPUT VOLTAGE (V) Vin ,INPUT VOLTAGE (mV) VO , OUTPUT VOLTAGE (V
15 10 5.0 0 -5.0 -10 -15 0 -50
20 mV
5.0 mV
VCC Vin
* )
VEE
VO 2.0 k
2.0 mV
15 10 5.0 0 -5.0 -10 -15 100 50 0 0
VCC
5.0 mV 2.0 mV
Vin
* )
VEE
VO 2.0 k
20 mV VCC = +15 V VEE = -15 V TA = +25C
-100 0 1.0 tTLH, RESPONSE TIME (ms)
VCC = +15 V VEE = -15 V TA = +25C 2.0
1.0 tTHL, RESPONSE TIME (ms)
2.0
Figure 9. Response Time for Various Input Overdrives
Figure 10. Response Time for Various Input Overdrives
OUTPUT SHORT CIRCUIT CURRENT (mA)
150 TA = +25C 125 100 75 Short Circuit Current 50 25 0 Power Dissipation
0.90 PD , POWER DISSIPATION (W) V , SATURATION VOLTAGE (V) OL 0.75 0.60 0.45 0.30 0.15 0 15
0.90 0.75 0.60 TA = -55C 0.45 0.30 0.15 0 0 8.0 16 24 32 40 48 56 IO, OUTPUT CURRENT (mA) TA = +25C TA = +125C
0
5.0
10
VO, OUTPUT VOLTAGE (V)
Figure 11. Output Short Circuit Current Characteristics and Power Dissipation
Figure 12. Output Saturation Voltage versus Output Current
OUTPUT LEAKAGE CURRENT (mA)
100 POWER SUPPLY CURRENT (mA) VCC = +15 V VEE = -15 V 10
3.6 TA = +25C 3.0 Positive Supply - Output Low 2.4 1.8 Positive and Negative Power Supply - Output H igh 1.2 0.6 0 45 65 85 105 125 0 5.0 10 15 20 25 30 TA, TEMPERATURE (C) VCC-VEE, POWER SUPPLY VOLTAGE (V)
1.0
Output VO = +50 V (LM211 only)
0.1
0.01 25
Figure 13. Output Leakage Current versus Temperature
Figure 14. Power Supply Current versus Supply Voltage
http://onsemi.com
5
LM211, LM311
3.0 2.6 2.2 1.8 1.4 1.0 -55 Positive and Negative Supply - Output High VCC = +15 V VEE = -15 V Postive Supply - Output Low
SUPPLY CURRENT (mA)
-25
0
25 50 75 TA, TEMPERATURE (C)
100
125
Figure 15. Power Supply Current versus Temperature
APPLICATIONS INFORMATION
+15 V 3.0 k 33 k 0.1 mF 8 2 Input R1 C2 R2 3 + 5.0 k C1 0.002 6 mF 5 1 4 0.1 mF -15 V 7 4.7 k Input Output 100 R1 C2 100 R2 2 1.0 M -15 V 510 k 3 + LM311 - 4 0.1 mF 1 5 7 Output 0.1 mF 8 5.0 k C1 82 3.0 k 4.7 k +15 V
6
LM311 -
Figure 16. Improved Method of Adding Hysteresis Without Applying Positive Feedback to the Inputs
Figure 17. Conventional Technique for Adding Hysteresis
VEE VCC = +15 V Balance Adjust Balance Input Inputs 3.0 k Inputs 5.0 k + LM311 VEE VEE = -15 V VCC GND 10 k GND Output to CMOS Logic VEE + LM311
VCC1 VCC Output
VCC2
Balance/Strobe 2N2222 or Q1 Equivalent 1.0 k TTL Strobe
*D1
*Zener Diode D1 protects the comparator from inductive kickback and voltage transients on the VCC2 supply line.
Figure 18. Zero-Crossing Detector Driving CMOS Logic
Figure 19. Relay Driver with Strobe Capability
http://onsemi.com
6
LM211, LM311
TECHNIQUES FOR AVOIDING OSCILLATIONS IN COMPARATOR APPLICATIONS When a high speed comparator such as the LM211 is used with high speed input signals and low source impedances, the output response will normally be fast and stable, providing the power supplies have been bypassed (with 0.1 mF disc capacitors), and that the output signal is routed well away from the inputs (Pins 2 and 3) and also away from Pins 5 and 6. However, when the input signal is a voltage ramp or a slow sine wave, or if the signal source impedance is high (1.0 kW to 100 kW), the comparator may burst into oscillation near the crossing-point. This is due to the high gain and wide bandwidth of comparators like the LM211 series. To avoid oscillation or instability in such a usage, several precautions are recommended, as shown in Figure 16. The trim pins (Pins 5 and 6) act as unwanted auxiliary inputs. If these pins are not connected to a trim-pot, they should be shorted together. If they are connected to a trim-pot, a 0.01 mF capacitor (C1) between Pins 5 and 6 will minimize the susceptibility to AC coupling. A smaller capacitor is used if Pin 5 is used for positive feedback as in Figure 16. For the fastest response time, tie both balance pins to VCC. Certain sources will produce a cleaner comparator output waveform if a 100 pF to 1000 pF capacitor (C2) is connected directly across the input pins. When the signal source is applied through a resistive network, R1, it is usually advantageous to choose R2 of the same value, both for DC and for dynamic (AC) considerations. Carbon, tin-oxide, and metal-film resistors have all been used with good results in comparator input circuitry, but inductive wirewound resistors should be avoided. When comparator circuits use input resistors (e.g., summing resistors), their value and placement are particularly important. In all cases the body of the resistor should be close to the device or socket. In other words, there should be a very short lead length or printed-circuit foil run between comparator and resistor to radiate or pick up signals. The same applies to capacitors, pots, etc. For example, if R1 = 10 kW, as little as 5 inches of lead between the resistors and the input pins can result in oscillations that are very hard to dampen. Twisting these input leads tightly is the best alternative to placing resistors close to the comparator. Since feedback to almost any pin of a comparator can result in oscillation, the printed-circuit layout should be engineered thoughtfully. Preferably there should be a groundplane under the LM211 circuitry (e.g., one side of a double layer printed circuit board). Ground, positive supply or negative supply foil should extend between the output and the inputs to act as a guard. The foil connections for the inputs should be as small and compact as possible, and should be essentially surrounded by ground foil on all sides to guard against capacitive coupling from any fast high-level signals (such as the output). If Pins 5 and 6 are not used, they should be shorted together. If they are connected to a trim-pot, the trim-pot should be located no more than a few inches away from the LM211, and a 0.01 mF capacitor should be installed across Pins 5 and 6. If this capacitor cannot be used, a shielding printed-circuit foil may be advisable between Pins 6 and 7. The power supply bypass capacitors should be located within a couple inches of the LM211. A standard procedure is to add hysteresis to a comparator to prevent oscillation, and to avoid excessive noise on the output. In the circuit of Figure 17, the feedback resistor of 510 kW from the output to the positive input will cause about 3.0 mV of hysteresis. However, if R2 is larger than 100 W, such as 50 kW, it would not be practical to simply increase the value of the positive feedback resistor proportionally above 510 kW to maintain the same amount of hysteresis. When both inputs of the LM211 are connected to active signals, or if a high-impedance signal is driving the positive input of the LM211 so that positive feedback would be disruptive, the circuit of Figure 16 is ideal. The positive feedback is applied to Pin 5 (one of the offset adjustment pins). This will be sufficient to cause 1.0 mV to 2.0 mV hysteresis and sharp transitions with input triangle waves from a few Hz to hundreds of kHz. The positive-feedback signal across the 82 W resistor swings 240 mV below the positive supply. This signal is centered around the nominal voltage at Pin 5, so this feedback does not add to the offset voltage of the comparator. As much as 8.0 mV of offset voltage can be trimmed out, using the 5.0 kW pot and 3.0 kW resistor as shown.
http://onsemi.com
7
LM211, LM311
PACKAGE DIMENSIONS
PDIP-8 N SUFFIX CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M TA B
H
G 0.13 (0.005)
M M
http://onsemi.com
8
LM211, LM311
PACKAGE DIMENSIONS
SOIC-8 D SUFFIX CASE 751-07 ISSUE AG
-X- A
8 5
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
N
X 45 _
0.10 (0.004) M ZY
S
J
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
9
LM211, LM311
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
10
LM211/D


▲Up To Search▲   

 
Price & Availability of LM21105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X