Part Number Hot Search : 
SMC13CA SD5300N UPD75 SFM16 741035 SC265D3 AKD4366 S10K2
Product Description
Full Text Search
 

To Download LC0408FC33C07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05153
LC0408FC3.3C
thru
LC0408FC36C
LOW CAPACITANCE FLIP CHIP ARRAY
APPLICATIONS
Cellular Phones Personal Digital Assistant (PDA) Notebook Computers SMART Cards
IEC COMPATIBILITY (EN61000-4)
61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns
0402 CHIP SHOWN
FEATURES
ESD Protection > 25 kilovolts Available in Voltages Ranging From 3.3V to 36V 200 Watts Peak Pulse Power per Line (tp = 8/20s) Low Clamping Voltage Bidirectional Configuration & Monolithic Structure Protects 4 to 7 Lines Low Capacitance Low Leakage Current RoHS Compliant
MECHANICAL CHARACTERISTICS
Standard EIA Chip Size: 0408 Weight 0.73 milligrams (Approximate) Available in Lead-Free Plating Solder Reflow Temperature: Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 8mm Plastic & Paper Tape and Reel Per EIA Standard 481 Device Marking On Reel Top Contacts: Solder Bump 0.004" in Height (Nominal)
PIN CONFIGURATION
05153.R7 2/07
1
www.protekdevices.com
LC0408FC3.3C
thru
LC0408FC36C
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature
SYMBOL
PPP TA TSTG
VALUE
200 -55 to 150 -55 to 150
UNITS
Watts C C
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER (See Note 1) RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 7.0 11.0 13.2 19.8 25.4 37.2 70.0
@ 25C Unless Otherwise Specified
MAXIMUM CLAMPING VOLTAGE (See Fig. 2)
MAXIMUM LEAKAGE CURRENT (See Note 2) @VWM ID A 75* 10** 1 1 1 1 1
TYPICAL CAPACITANCE
VWM VOLTS LC0408FC3.3C LC0408FC05C LC0408FC08C LC0408FC12C LC0408FC15C LC0408FC24C LC0408FC36C 3.3 5.9 8.0 12.0 15.0 24.0 36.0
@ 1mA V(BR) VOLTS 4.0 6.0 8.5 13.3 16.7 26.7 40.0
@8/20s VC @ IPP 12.5V @ 16A 13V @ 15A 18V @ 11A 26.9V @ 7.4A 34.5V @ 5.8A 50.6V @ 4A 80.0V @ 2.5A
@0V, 1 MHz C pF 70 35 32 30 25 20 18
Note 1: All devices are bidirectional. Electrical characteristics apply in both directions. Note 2: *Maximum leakage current < 5A @ 2.8V. **Maximum leakage current <500nA @ 3.3V.
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
IPP - Peak Pulse Current - % of IPP PPP - Peak Pulse Current - Watts
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000 200W, 8/20s Waveform 100
e-t
td = t I /2 PP
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 t - Time - s
20
25
30
05153.R7 2/07
2
www.protekdevices.com
LC0408FC3.3C
thru
LC0408FC36C
GRAPHS
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
60
40 20 Average Power 0 0 25 50 75 100 125 TA - Ambient Temperature - C 150
FIGURE 4 OVERSHOOT & CLAMPING VOLTAGE FOR LC0408FC05C
35
5 Volts per Division
25
15
5
-5 ESD Test Pulse - 25 kilovolt, 1/30ns (waveshape)
FIGURE 5 TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR LC0408FC05C
14 12 10 8 6 4 2 0 0 5 10 IPP - Peak Pulse Current - Amps 15 20
05153.R7 2/07
VC - Clamping Voltage - Volts
3
www.protekdevices.com
LC0408FC3.3C
thru
LC0408FC36C
APPLICATION INFORMATION
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
Pad Size on PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening (laser cut, 5% tapered walls) Solder Paste Type Pad Protective Finish Tolerance - Edge To Corner Ball Solder Ball Side Coplanarity Maximum Dwell Time Above Liquidous (183C) Soldering Maximum Temperature
VALUE
0.275mm Round Non-Solder Mask Defined Pads 0.325mm Round 0.150mm 0.330mm Round No Clean OSP(Entek Cu Plus 106A) 50m 20m 60 Seconds 270C
REQUIREMENTS
Temperature: TP for Lead-Free (SnAgCu): 260-270C TP for Tin-Lead: 240-245C Preheat time and temperature depends on solder paste and flux activation temperature, component size, weight, surface area & plating.
RECOMMENDED NON-SOLDER MASK DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad 0.275mm DIA.
Solder Mask Opening 0.325mm DIA.
Solder Stencil Opening 0.330mm DIA.
TP Ramp-up
Temperature - C
Ramp-down TL TSMAX 155 TSMIN 140 TS - Preheat
t 25C to Peak 30-60 seconds
Ramp-up 15 seconds
Solder Time 15-20 seconds
Ramp-down
05153.R7 2/07
4
www.protekdevices.com
LC0408FC3.3C
thru
LC0408FC36C
0408 PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
DIM A B C E
SIDE
PACKAGE DIMENSIONS
MILLIMETERS 0.56 NOM 0.86 NOM 0.99 0.0254 0.15 SQ 2.0 0.0254 0.15 NOM 0.127 MAX 0.076 MIN I 0.406 NOM INCHES 0.022 NOM 0.034 NOM 0.039 0.001 0.006 SQ 0.079 0.001 0.006 NOM 0.005 MAX 0.003 MIN 0.016 NOM
TOP
F G H
A B C
E F H
G
NOTES: 1. Controlling dimensions in inches. 2. Decimal tolerances for mounting pad and outline: .xxx 0.05mm ( 0.002").
END
I
MOUNTING PAD LAYOUT - Option 1
DIM D C A
DIE SOLDER BUMP
PAD DIMENSIONS
MILLIMETERS 0.51 0.30 0.46 0.20 0.15 SQ 0.71 0.99 0.51 INCHES 0.020 0.012 0.018 0.008 0.006 SQ 0.028 0.039 0.020
A C D E F G H I
NOTE:
E
H G
1. Preferred: Using 0.1mm (0.004") stencil. I
SOLDER PADS SOLDER PRINT 0.010" - 0.012" DIA. SOLDER MASK
05153.R7 2/07
5
F
www.protekdevices.com
LC0408FC3.3C
thru
LC0408FC36C
0408 PACKAGE OUTLINE & DIMENSIONS
MOUNTING PAD LAYOUT - Option 2
DIM A F
COPPER CONTACT 0.009" [0.23] DIA.
PACKAGE DIMENSIONS
MILLIMETERS 0.51 0.15 SQ 0.71 0.99 0.51 INCHES 0.020 0.006 SQ 0.028 0.039 0.020
A
DIE SOLDER BUMP
G H I
NOTES: 1. Controlling dimensions in inches. 2. Decimal tolerances for mounting pad and outline: .xxx 0.05mm ( 0.002"). 3. Preferred: Using 0.1mm (0.004") stencil.
H G
I
TAPE & REEL ORIENTATION
SOLDER PRINT 0.014" [0.36] DIA. SOLDER MASK
F
Quad Die - 0408
NOTE: 1. Top view of tape. Solder bumps are face down in tape package.
TAPE & REEL ORDERING NOMENCLATURE 1. 2. 3. 4. Surface mount product is taped and reeled in accordance with EIA 481. 8mm Plastic Tape: 7 Inch Reels - 5,000 pieces per reel. OrderingSuffix: -T75-1, i.e., LC0408FC05C-T75-1. 8mm Paper Tape: 7 Inch Reels - 5,000 pieces per reel. Ordering Suffix: -T75-2, i.e., LC0408FC05C-T75-2. Suffix - LF = Lead-Free, i.e., LC0408FC05C-LF-T75-1.
Outline & Dimensions: Rev 4 - 2/04, 06021
COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05153.R7 2/07
6
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of LC0408FC33C07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X