Part Number Hot Search : 
ACS7131 RB751 BU406 ST52T301 HYS64T64 B555C 15K1A299 S64V162
Product Description
Full Text Search
 

To Download KSR2007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSR2007
KSR2007
Switching Application (Bias Resistor Built In)
* Switching circuit, Inverter, Interface circuit, Driver Circuit * Built in bias Resistor (R1=22K, R2=47K) * Complement to KSR1007
1
TO-92
1. Emitter 2. Collector 3. Base
Equivalent Circuit C
R1 B R2
PNP Epitaxial Silicon Transistor
E
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Value -50 -50 -10 -100 300 150 -55 ~ 150 Units V V V mA mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO BVCEO ICBO hFE VCE(sat) Cob fT VI(off) VI(on) R1 R1/R2 Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Output Capacitance Current Gain-Bandwidth Product Input Off Voltage Input On Voltage Input Resistor Resistor Ratio Test Condition IC= -10A, IE=0 IC= -100A, IB=0 VCB= -40V, IE=0 VCE= -5V, IC= -5mA IC= -10mA, IB= -0.5mA VCB= -10V, IE=0 f=1MHz VCE= -10V, IC= -5mA VCE= -5V, IC= -100A VCE= -0.3V, IC= -2mA 15 0.42 22 0.47 -0.4 -2.5 29 0.52 5.5 200 68 -0.3 V pF MHz V V K Min. -50 -50 -0.1 Typ. Max. Units V V A
(c)2002 Fairchild Semiconductor Corporation
Rev. A3, October 2002
KSR2007
Typical Characteristics
1000
-100
VCE = - 5V R1 = 22K R2 = 47K
VCE =- 0.3V R1 = 22K R2 = 47K
VI(on)[V], INPUT VOLTAGE
hFE, DC CURRENT GAIN
100
-10
10
-1
1 -0.1
-1
-10
-100
-0.1 -0.1
-1
-10
-100
IC[mA], COLLECTOR CURRENT
IC[mA], COLLECTOR CURRENT
Figure 1. DC current Gain
Figure 2. Input On Voltage
-10k
400
IC [A], COLLECTOR CURRENT
PC[mW], POWER DISSIPATION
VCE = - 5V R1 = 22K R2 = 47K
-1k
350
300
250
-100
200
150
-10
100
50
-1 -0.1
0 -0.3 -0.5 -0.7 -0.9 -1.1 -1.3 -1.5 -1.7 -1.9 -2.1 0 25 50
o
75
100
125
150
175
VI(OFF)[V], INPUT OFF VOLTAGE
T a[ C], AMBIENT TEMPERATURE
Figure 3. Input Off Voltage
Figure 4. Power Derating
(c)2002 Fairchild Semiconductor Corporation
Rev. A3, October 2002
KSR2007
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A3, October 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of KSR2007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X