Part Number Hot Search : 
330M10 AME8822 17555 ON0872 511120 120EI NT91214B 04023
Product Description
Full Text Search
 

To Download KBJ4005G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: KBJ4005G KBJ401G KBJ402G KBJ404G KBJ406G KBJ408G KBJ410G
KBJ4005G - KBJ410G
4.0A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * *
Glass Passivated Die Construction High Case Dielectric Strength of 1500VRMS Low Reverse Leakage Current Surge Overload Rating to 120A Peak Ideal for Printed Circuit Board Applications UL Listed Under Recognized Component Index, File Number E94661 Lead Free Finish, RoHS Compliant (Note 4) Dim A B C D E G H J K L M N KBJ Min 24.80 14.70 17.20 0.90 7.30 3.10 AE 3.30 1.50 9.30 2.50 3.40 4.40 0.60 Max 25.20 15.30 17.80 1.10 7.70 3.40 AE 3.70 1.90 9.70 2.90 3.80 4.80 0.80
P A H C B L M D R N
4.00 Nominal
Mechanical Data
* * * * * * * * * *
Case: KBJ Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Plated Leads, Solderable per MIL-STD-202, Method 208 e3 Polarity: Molded on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 in-lbs Maximum Ordering Information: See Last Page Marking: Type Number Weight: 4.6 grams (approximate)
_
K E J
G
P R
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBJ Symbol 4005G VRRM VRWM VR VR(RMS) @ TC = 115C IO IFSM VFM IRM I2 t CT RqJC Tj, TSTG 50 35
@ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current Non-Repetitive Peak Forward Surge Current, 8.3 ms single half-sine-wave superimposed on rated load Forward Voltage per element Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing, t <8.3ms (Note 3) Typical Total Capacitance per Element (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
KBJ 401G 100 70
KBJ 402G 200 140
KBJ 404G 400 280 4.0 120 1.0 5.0 500 60 40 5.5 -65 to +150
KBJ 406G 600 420
KBJ 408G 800 560
KBJ 410G 1000 700
Unit V V A A V A A2 s pF C/W C
@ IF = 2.0A @ TC = 25C @ TC = 125C
Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. Thermal resistance from junction to case per element. Unit mounted on 75 x 75 x 1.6mm aluminum plate heat sink. Non-repetitive, for t >1ms and <8.3ms. RoHs revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS21206 Rev. 9 - 2
1 of 3 www.diodes.com
KBJ4005G-KBJ410G
a Diodes Incorporated
5 4
IF, INSTANTANEOUS FORWARD CURRENT (A)
6
10
IO, AVERAGE RECTIFIED CURRENT (A)
TJ = 150C
1.0
TJ = 25C
3
2 1
Resistive or Inductive load
0.1
Pulse width = 300s
0 25 50 75 100 125 150
0.01 0 0.4 0.8 1.2 1.6 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
IFSM, PEAK FORWARD SURGE CURRENT (A)
180 160
Single half-sine-wave Tj = 150C
1000
f = 1MHz Tj = 25C
120
CT, TOTAL CAPACITANCE (pF)
100
80
100
40
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance, Per Element
IR, INSTANTANEOUS REVERSE CURRENT (A)
1000
TJ = 150C
100
TJ = 125C
TJ = 100C
10
1.0
TJ = 25C
0.1 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS21206 Rev. 9 - 2
2 of 3 www.diodes.com
KBJ4005G-KBJ410G
Ordering Information
Device KBJ4005G KBJ401G KBJ402G KBJ404G KBJ406G KBJ408G KBJ410G
Notes:
(Note 5) Packaging KBJ KBJ KBJ KBJ KBJ KBJ KBJ Shipping 20/Tube 20/Tube 20/Tube 20/Tube 20/Tube 20/Tube 20/Tube
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS21206 Rev. 9 - 2
3 of 3 www.diodes.com
KBJ4005G-KBJ410G


▲Up To Search▲   

 
Price & Availability of KBJ4005G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X