Part Number Hot Search : 
MC68331 LM2903HD ADR5040 LV1110NM AD5065 74HCT04 KDS165T G2406
Product Description
Full Text Search
 

To Download JANTX1N4153UR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N4153 and 1N4153-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/337 * SWITCHING DIODES * HERMETICALLY SEALED * METALLURGICALLY BONDED * DOUBLE PLUG CONSTRUCTION
1N4153 and 1N4153-1
MAXIMUM RATINGS
Junction Temperature: -65C to +175C Storage Temperature: -65C to +175C Operating Current: 150 mA @ TA = +25C Derating: 1.0 mA dc/C Above TA = +25C Forward Surge Current: 2A (pk), (tp = 1s); 0.25A (pk), (tp = 1s)
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
Type V BR V RWM I R1 VR = 50 V dc IR = 5 A V dc V (pk) TA = 25C nA dc 1 R2 VR = 50 V dc TA = 150C A dc pF C VR = 0; f = 1 Mhz; trr IF = IR = 10 mA dc RL = 100 ohms ns
FIGURE 1
1N4153-1
75
50
50
50
2.0
4
FORWARD VOLTAGE LIMITS - ALL TYPES
V F1 Limits I F = 100 A dc V F2 I F = 250 A dc V F3 I F = 1 mA dc V F4 I F = 2 mA dc V F5 I F = 10 mA dc V F6 I F = 20 mA dc
DESIGN DATA
CASE: Hermetically sealed glass case per MIL-S-19500/337 D0-35 outline LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJL): 250 C/W maximum at L = .375 THERMAL IMPEDANCE: (ZOJX): 70 C/W maximum POLARITY: Cathode end is banded. MOUNTING POSITION: Any.
V dc minimum maximum 0.49 0.55
V dc 0.53 0.59
V dc 0.59 0.67
V dc 0.62 0.70
V dc 0.70 0.81
V dc 0.74 0.88
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
IN4153
1000
and
IN4153-1
100 IF - Forward Current - (mA)
10
10 0C
15 0 C
1
25 C
0.1 .3 .4 .5 .6 .7 .8 .9 1.0 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.1 1.2 1.3
1000
100
150C
10
IR - Reverse Current - (A)
100C
1
0.1
25C
.01
-65C
-65C
NOTE : .001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage
All temperatures shown on graphs are junction temperatures
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JANTX1N4153UR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X