Part Number Hot Search : 
4N2X08 045984 NTE3056 7808P 7808P 20120 M52979E GAL20V8
Product Description
Full Text Search
 

To Download IRS2130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Data Sheet No. PD60274 revA
IRS2130/IRS21303/IRS2132 (J&S)PbF 3-PHASE BRIDGE DRIVER
Features
* * * * * * * * * * * *
Floating channel designed for bootstrap operation Fully operational to +600 V Tolerant to negative transient voltage, dV/dt immune Gate drive supply range from 10 V to 20 V Undervoltage lockout for all channels Over-current shutdown turns off all six drivers Three Independent half-bridge drivers Matched propagation delay for all channels 2.5 V logic compatible Outputs out of phase with inputs Cross-conduction prevention logic All parts are LEAD-FREE
Product Summary
VOFFSET IO+/- (min.) VOUT ton/off (typ.) Deadtime (typ.) 600 V max. 200 mA / 420 mA 10 V - 20 V (IRS213(0,2)) 13 V - 20 V (IRS21303) 500 ns 2.0 s (IRS2130) 0.7 s (IRS213(2,03))
Applications:
*Motor Control *Air Conditioners/ Washing Machines *General Purpose Inverters *Micro/Mini Inverter Drives
Description
Packages
The IRS213(0, 03, 2) are high voltage, high speed power MOSFET and IGBT drivers with three independent high and low side referenced output channels. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS or LSTTL outputs, down to 2.5 V logic. A ground-referenced operational amplifier provides analog feedback of bridge 28-Lead SOIC 28-Lead PDIP current via an external current sense resistor. A current trip function which terminates all six outputs is also derived from this resistor. An open drain FAULT signal indicates if an over-current or undervoltage shutdown has occurred. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use at high frequencies. The 44-Lead PLCC w/o 12 Leads floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration which operates up to 600 V.
Typical Connection
www.irf.com
1
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to VSO. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. Zener clamps are included between VCC & VSO (25 V), VCC & VSS (20V), and VBx & VSx (20 V).
Symbol
VB1,2,3 VS1,2,3 VHO1,2,3 VCC VSS VLO1,2,3 VIN VFLT VCAO VCAdVS/dt PD
Definition
High side floating supply voltage High side floating offset voltage High side floating output voltage Low side and logic fixed supply voltage Logic ground Low side output voltage Logic input voltage ( HIN1,2,3, LIN1,2,3 & ITRIP) FAULT output voltage Operational amplifier output voltage Operational amplifier inverting input voltage Allowable offset supply voltage transient (28 lead PDIP) Package power dissipation @ TA +25 C (28 lead SOIC) (44 lead PLCC) (28 lead PDIP)
Min.
-0.3 VB1,2,3 - 20 VS1,2,3 - 0.3 -0.3 VCC - 20 -0.3 VSS -0.3 VSS -0.3 VSS -0.3 VSS -0.3 -- -- -- -- -- -- -- -- -55 --
Max.
625 VB1,2,3 + 0.3 VB1,2,3 + 0.3 25 VCC + 0.3 VCC + 0.3 (VSS + 15) or (VCC + 0.3), whichever is lower VCC +0.3 VCC +0.3 VCC +0.3 50 1.5 1.6 2.0 83 78 63 150 150 300
Units
V
V/ns W
Rth,JA TJ TS TL
Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds)
(28 lead SOIC) (44 lead PLCC)
C/W
C
www.irf.com
2
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation, the device should be used within the recommended conditions. All voltage parameters are absolute voltage referenced to VSO. The VS offset rating is tested with all supplies biased at a 15 V differential.
Symbol
VB1,2,3 VS1,2,3 VHO1,2,3 VCC VSS VLO1,2,3 VIN VFLT VCAO VCATA
Definition
High side floating supply voltage High side floating offset voltage High side floating output voltage Low side and logic fixed supply voltage Logic ground Low side output voltage Logic input voltage (HIN1,2,3, LIN1,2,3 & ITRIP) FAULT output voltage Operational amplifier output voltage Operational amplifier inverting input voltage Ambient temperature IRS213(0,2) IRS21303 IRS213(0,2) IRS21303
Min.
VS1,2,3 +10 VS1,2,3 +13 Note 1 VS1,2,3 10 13 -5 0 VSS VSS VSS VSS -40
Max.
VS1,2,3 +20 600 VB1,2,3 20 5 VCC VSS + 5 VCC VSS + 5 VSS + 5 125
Units
V
C
Note 1: Logic operational for VS of (VSO - 8 V) to (VSO + 600 V). Logic state held for VS of (VSO - 8 V) to (VSO - VBS). (Please refer to the Design Tip DT97-3 for more details). Note 2: The CAO pin and all input pins (except CA-) are internally clamped with a 5.2 V zener diode.
www.irf.com
3
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS and TA = 25 C unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3. The VO and IO parameters are referenced to VSO1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
VIH VIL VIT,TH+ VOH VOL ILK IQBS IQCC IIN+ IINIITRIP+ IITRIPVBSUV+ VBSUVVCCUV+ VCCUVVCCUVH VBSUVH Ron, FLT IO+ IOVOS ICACMRR PSRR VOH,AMP VOL,AMP
Definition
Logic "0" input voltage (OUT = LO) Logic "1" input voltage (OUT = HI) ITRIP input positive going threshold High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current (OUT = HI) Logic "0" input bias current (OUT = LO) "High" ITRIP bias current "Low" ITRIP bias current IRS213(0,2) VBS supply undervoltage positive going threshold IRS21303 IRS213(0,2) VBS supply undervoltage negative going threshold IRS21303 IRS213(0,2) VCC supply undervoltage positive going threshold IRS21303 IRS213(0,2) VCC supply undervoltage negative going threshold IRS21303 IRS213(0,2) Hysteresis IRS21303 IRS213(0,2) Hysteresis IRS21303 FAULT low on-resistance Output high short circuit pulsed current Output low short circuit pulsed current Operational amplifier input offset voltage CA- input bias current Operational amplifier common mode rejection ratio Operational amplifier power supply rejection ratio Operational amplifier high level output voltage Operational amplifier low level output voltage
Min. Typ. Max. Units Test Conditions
2.2 -- 400 -- -- -- -- -- -- -- -- -- 7.5 11 7.1 9 8.3 11 8 9 -- -- -- -- 200 420 -- -- TBD TBD 4.9 -- -- -- 490 -- -- -- 30 3 300 220 5 -- 8.35 -- 7.95 -- 9 -- 8.7 -- 0.3 2 0.4 2 55 250 500 -- -- 80 75 5.2 -- -- 0.8 580 1 400 50 70 5 400 300 10 100 9.2 13 8.8 11 9.7 13 9.4 11 -- -- -- 75 -- mA -- 10 50 -- dB -- 5.4 30 V mV mV nA V mV V mV A mA A nA VIN = 0 V, Io= 20 mA VIN = 5 V, Io= 20 mA VB = VS = 600 V VIN = 0 V VIN = 5 V ITRIP = 5 V ITRIP = 0 V
V
VO = 0 V, VIN = 0 V PW 10 s VO = 15 V, VIN = 5 V PW 10 s VSO = VCA- = 0.2 V VCA- = 2.5 V VSO = VCA- = 0.1 V & 1.1 V VSO = VCA- = 0.2 V VCC = 10 V & 20 V VCA- = 0 V, VSO =1 V VCA- = 1 V, VSO =0 V
www.irf.com
4
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Static Electrical Characteristics - (Continued)
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS and TA = 25 C unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3. The VO and IO parameters are referenced to VSO1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
ISRC,AMP ISNK,AMP IO+,AMP IO-,AMP
Definition
Operational amplifier output source current Operational amplifier output sink current Operational amplifier output high short circuit current Operational amplifier output low short circuit current
Min. Typ. Max. Units Test Conditions
4 1 -- -- 7 2.1 10 4 -- -- mA -- -- VCA- = 0 V, VSO =1 V VCAO = 4 V VCA- = 1 V, VSO =0 V VCAO = 2 V VCA- = 0 V, VSO =5 V VCAO = 0 V VCA- = 5 V, VSO =0 V VCAO = 5 V
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS , CL = 1000 pF, TA = 25 C unless otherwise specified.
Symbol
ton toff tr tf titrip tbl tflt tflt, in tfltclr DT SR+ SR-
Definition
Turn-on propagation delay Turn-off propagation delay Turn-on rise time Turn-off fall time ITRIP to output shutdown propagation delay ITRIP blanking time ITRIP to FAULT indication delay Input filter time (all six inputs) LIN1,2,3 to FAULT clear time IRS213(0,2) LIN1,2,3 & HIN1,2,3 to FAULT clear time IRS21303 IRS2130 Deadtime IRS213(2,03) Operational amplifier slew rate (+) Operational amplifier slew rate (-)
Min. Typ. Max. Units Test Conditions
400 400 -- -- 400 -- 350 -- 500 500 80 35 660 400 550 325 700 700 125 55 920 -- 870 -- ns VS1,2,3 = 0 V to 600 V
5300 8500 13700 1300 2000 3100 500 700 1100 5 10 -- 2.4 3.2 --
V/s
1 V input step
NOTE: For high side PWM, HIN pulse width must be > 1.5 s.
www.irf.com
5
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Fig. 1. Input/Output Timing Diagram
Fig. 2. Deadtime Waveform Definitions
Fig. 3. Input/Output Switching Time Waveform Definitions
www.irf.com
6
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Fig. 4. Overcurrent Shutdown Switching Time Waveform Definitions
Fig. 5. Input Filter Function
Fig. 6. Diagnostic Feedback Operational Amplifier Circuit
www.irf.com
7
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Lead Definitions
Symbol
HIN1,2,3 LIN1,2,3 FAULT VCC ITRIP CAO CAVSS VB1,2,3 HO1,2,3 VS1,2,3 LO1,2,3 VSO
Description
Logic input for high side gate driver outputs (HO1,2,3), out of phase Logic input for low side gate driver output (LO1,2,3), out of phase Indicates over-current or undervoltage lockout (low side) has occurred, negative logic Low side and logic fixed supply Input for over-current shutdown Output of current amplifier Negative input of current amplifier Logic ground High side floating supply High side gate drive output High side floating supply return Low side gate drive output Low side return and positive input of current amplifier
Lead Assignments
www.irf.com
8
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Functional Block Diagram
www.irf.com
9
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Functional Block Diagram
www.irf.com
10
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
1 PCB Layout Tips
1.1 Distance from H to L Voltage
The IRS213(0,03,2)J package lacks some pins (see page 8) in order to maximizing the distance between the high voltage and low voltage pins. It's strongly recommended to place the components tied to the floating voltage in the respective high voltage portions of the device (VB1,2,3, VS1,2,3) side.
1.2 Ground Plane
To minimize noise coupling the ground plane must not be placed under or near the high voltage floating side.
1.3 Gate Drive Loops
Current loops behave like an antenna able to receive and transmit EM noise (see Fig. 7). In order to reduce EM coupling and improve the power switch turn on/off performances, gate drive loops must be reduced as much as possible. Moreover, current can be injected inside the gate drive loop via the IGBT collector-to-gate parasitic capacitance. The parasitic auto-inductance of the gate loop contributes to develop a voltage across the gate-emitter increasing the possibility of self turn-on effect.
IGC VBX (VCC)
gate resistance
CGC
HOX ( LOX )
Gate Drive Loop
VGE
VSX ( Vs0 )
Fig. 7. Antenna Loops
1.4 Supply Capacitors
Supply capacitors must be placed as close as possible to the device pins (VCC and VSS for the ground tied supply, VB and VS for the floating supply) in order to minimize parasitic inductance/resistance.
1.5 Routing and Placement
Power stage PCB parasitic may generate dangerous voltage transients for the gate driver and the control logic. In particular it's recommended to limit phase voltage negative transients. In order to avoid such undervoltage it is highly recommended to minimize high side emitter to low side collector distance and low side emitter to negative bus rail stray inductance. See DT04-4 at www.irf.com for more detailed information.
www.irf.com
11
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Figures 8-38 provide information on the experimental performance of the IRS2130S HVIC. The line plotted in each figure is generated from actual lab data. A large number of individual samples were tested at three temperatures (-40 C, 25 C, and 125 C) in order to generate the experimental (Exp.) curve. The line labeled Exp. consist of three data points (one data point at each of the tested temperatures) that have been connected together to illustrate the understood trend. The individual data points on the curve were determined by calculating the averaged experimental value of the parameter (for a given temperature).
1500 1200 900 600
Exp.
Turn-on Propagation Delay (ns)
Turn-off Propagation Delay (ns)
1000 800 600
Exp.
400 200 0 -50 -25 0 25 50
o
300 0 -50 -25 0 25 50
o
75
100
125
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 8. Turn-On Propagation Delay vs. Temperature
Fig. 9. Turn-Off Propagation Delay vs. Temperature
Turn-On Rise Time (ns)
Turn-Off fall Time (ns)
250 200 150 100 50 0 -50 -25 0 25 50
o
Exp.
125 100 75 50 25 0
Exp.
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 10. Turn-On Rise Time vs. Temperature
Fig. 11. Turn-Off Fall Time vs. Temperature
www.irf.com
12
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
DT Propagation Delay (ns)
3000 2500 2000 1500 1000 500 0 -50 -25 0 25 50
o
Exp.
1500 1200
TiTRIP Propagation Delay (ns)
900
Exp.
600 300 0 -50 -25 0 25 50
o
75
100
125
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 12. DT Propagation Delay vs. Temperature
Fig. 13. TITRIP Propagation Delay vs. Temperature
ITRIP to FAULT Propagation Delay (ns)
FAULT Low On Resistance ( Ohm)
1500 1200 900
Exp.
250 200 150 100 50
Exp.
600 300 0 -50 -25 0 25 50 75 100 125 Temperature (oC)
0 -50 -25 0 25 50
o
75
100
125
Temperature ( C)
Fig. 14. ITRIP to FAULT Propagation Delay vs. Temperature
VCC Quiescent Supply Current (mA)
VBS Quiescent Supply Current (uA)
Fig.15. FAULT Low On Resistance vs. Temperature
10 8 6 4
Exp.
100 80 60 40 20 0 -50 -25 0 25 50
o
Exp.
2 0 -50 -25 0 25 50
o
75
100
125
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 16. VCC Quiescent Current vs. Temperature
Fig. 17. VBS Quiescent Current vs. Temperature
www.irf.com
13
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
11 10 9 8 7 6 -50 -25 0 25 50
o
Exp.
11 10 9 8 7 6
75 100 125
VCCUV+ Threshold (V)
VCCUV- Threshold (V)
Exp.
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 18. VCCUV+ Threshold vs. Temperature
11 10 VBSUV+ Threshold (V) 9 8 7 6 -50 -25 0 25 50 75 100 125 Temperature (oC)
Exp.
Fig. 19. VCCUV- Threshold vs. Temperature
11 10
VBSUV- Threshold (V)
9 8 7 6 -50 -25 0 25 50
o
Exp.
75
100
125
Temperature ( C)
Fig. 20. VBSUV+ Threshold vs. Temperature
Fig. 21. VBSUV- Threshold vs. Temperature
ITRIP Positive Going Threshold (mV)
500
EXP.
ITRIP Negative Going Threshold (mV)
750
750
500
Exp.
250
250
0 -50 -25 0 25 50 75 100 125 Temperature (oC)
0 -50 -25 0 25 50
o
75
100
125
Temperature ( C)
Fig. 22. ITRIP Positive Going Threshold vs. Temperature
Fig. 23. ITRIP Negative Going Threshold vs. Temperature
www.irf.com
14
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Output High SC Pulsed Current (mA)
Output Low SC Pulsed Current (mA)
500 400 300
Exp.
750 600
Exp.
450 300 150 0 -50 -25 0 25 50
o
200 100 0 -50 -25 0 25 50
o
75
100
125
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 24. Output High Short Circuit Pulsed Current vs. Temperature
"HIGH" ITRIP Bias Current (uA)
"Low" ITRIP Bias Current (nA)
Fig. 25. Output Low Short Circuit Current vs. Temperature
25 20 15 10
Exp.
25 20 15 10 5
Exp.
5 0
0 -50 -25 0 25 50
o
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 26. "High" ITRIP Bias Current vs. Temperature
Fig. 27. "Low" ITRIP Bias Current vs. Temperature
8 6
VOH,AMP (V)
25 20
Exp.
VOL,AMP (mV)
15
Exp.
4 2 0 -50 -25 0 25 50
o
10 5 0
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 28. VOH,AMP vs. Temperature
Fig. 29. VOL,AMP vs. Temperature
www.irf.com
15
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
20 15
SR-,AMP (V/us)
Exp.
7 6
SR+,AMP (V/us)
5 4 3 2 1
Exp.
10 5 0 -50 -25 0 25 50
o
0
75 100 125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 30. SR+,AMP vs. Temperature
5 4 ISNK,AMP (mA)
ISRC,AMP (mA) 12 10
Exp.
Exp.
Fig. 31. SR-,AMP vs. Temperature
3 2 1 0 -50
8 6 4 2 0
-25
0
25
50
o
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 32. ISNK,AMP vs. Temperature
20 16
Exp. Exp.
Fig. 33. ISRC,AMP vs. Temperature
15 12 IO+,AMP (mA) IO-,AMP (mA) 9 6 3 0 -50 -25 0 25 50
o
12 8 4 0
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
Fig. 34. IO-,AMP vs. Temperature
Fig. 35. IO+,AMP vs. Temperature
www.irf.com
16
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
90 70 VOS,AMP (mV)
PSRR (dB)
125 100
Exp.
50 30 10
Exp.
75 50 25 0
-10 -50 -25 0 25 50 75 100 125 Temperature (oC)
-50
-25
0
25
50
75
100
125
Temperature (oC)
Fig. 36. VOS,AMP vs. Temperature
Fig. 37. PSRR vs. Temperature
150 125 100
CMRR (dB)
75
Exp.
50 25 0 -50 -25 0 25 50
o
75
100
125
Temperature ( C)
Fig. 38. CMRR vs. Temperature
www.irf.com
17
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Case Outlines
www.irf.com
18
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
Case Outlines
www.irf.com
19
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
LOADED TAPE FEED DIRECTION
B
A
H
D F C
NOTE : CONTROLLING DIM ENSION IN M M
E G
CARRIER TAPE DIMENSION FOR Metric Code Min Max A 11.90 12.10 B 3.90 4.10 C 23.70 24.30 D 11.40 11.60 E 10.80 11.00 F 18.20 18.40 G 1.50 n/a H 1.50 1.60
28SOICW Imperial Min Max 0.468 0.476 0.153 0.161 0.933 0.956 0.448 0.456 0.425 0.433 0.716 0.724 0.059 n/a 0.059 0.062
F
D C E B A
G
H
REEL DIMENSIONS FOR 28SOICW Metric Imperial Code Min Max Min Max A 329.60 330.25 12.976 13.001 B 20.95 21.45 0.824 0.844 C 12.80 13.20 0.503 0.519 D 1.95 2.45 0.767 0.096 E 98.00 102.00 3.858 4.015 F n/a 30.40 n/a 1.196 G 26.50 29.10 1.04 1.145 H 24.40 26.40 0.96 1.039
www.irf.com
20
IRS2130/IRS21303/IRS2132 (J&S)PbF
LOADED TAPE FEED DIRECTION
PRELIMINARY
B
A
H
D F C
NOTE : CONTROLLING DIM ENSION IN M M
E G
CARRIER TAPE DIMENSION FOR Metric Code Min Max A 23.90 24.10 B 3.90 4.10 C 31.70 32.30 D 14.10 14.30 E 17.90 18.10 F 17.90 18.10 G 2.00 n/a H 1.50 1.60
44PLCC Imperial Min Max 0.94 0.948 0.153 0.161 1.248 1.271 0.555 0.562 0.704 0.712 0.704 0.712 0.078 n/a 0.059 0.062
F
D C E B A
G
H
REEL DIMENSIONS FOR 44PLCC Metric Code Min Max A 329.60 330.25 B 20.95 21.45 C 12.80 13.20 D 1.95 2.45 E 98.00 102.00 F n/a 38.4 G 34.7 35.8 H 32.6 33.1
Imperial Min Max 12.976 13.001 0.824 0.844 0.503 0.519 0.767 0.096 3.858 4.015 n/a 1.511 1.366 1.409 1.283 1.303
www.irf.com
21
IRS2130/IRS21303/IRS2132 (J&S)PbF
PRELIMINARY
ORDER INFORMATION 28-Lead PDIP IRS2130PbF 28-Lead PDIP IRS21303PbF 28-Lead PDIP IRS2132PbF 28-Lead SOIC IRS2130SPbF 28-Lead SOIC IRS21303SPbF 28-Lead SOIC IRS2132SPbF 44-Lead PLCC IRS2132JPbF 44-Lead PLCC IRS21303JPbF 44-Lead PLCC IRS2132JPbF 28-Lead SOIC Tape & Reel IRS2130STRPbF 28-Lead SOIC Tape & Reel IRS21303STRPbF 28-Lead SOIC Tape & Reel IRS2132STRPbF 44-Lead PLCC Tape & Reel IRS2130JTRPbF 44-Lead PLCC Tape & Reel IRS21303JTRPbF 44-Lead PLCC Tape & Reel IRS2132JTRPbF
WORLDWIDE HEADQUARTERS: 233 Kansas Street, El Segundo, CA 90245 Tel: (310) 252-7105 This part has been qualified per industrial level http://www.irf.com Data and specifications subject to change without notice.5/19/2006
www.irf.com
22


▲Up To Search▲   

 
Price & Availability of IRS2130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X