Part Number Hot Search : 
K2078 EC12E12 EE08720 4VHC1G SMA6F12A BZX84C16 LV4993M 105000
Product Description
Full Text Search
 

To Download IRGBC40M-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
Preliminary Data Sheet PD - 9.1135
IRGBC40M-S
INSULATED GATE BIPOLAR TRANSISTOR
Features
* Short circuit rated - 10s @ 125C, V GE = 15V * Switching-loss rating includes all "tail" losses * Optimized for medium operating frequency (1 to 10kHz)
G E C
Short Circuit Rated Fast IGBT
VCES = 600V VCE(sat) 3.0V
@VGE = 15V, I C = 24A
n-channel
Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, highcurrent applications. These new short circuit rated devices are especially suited for motor control and other applications requiring short circuit withstand capability.
SMD-220
Max.
600 40 24 80 80 10 20 15 160 65 -55 to +150
Absolute Maximum Ratings
Parameter
VCES IC @ T C = 25C IC @ T C = 100C ICM ILM tsc VGE EARV PD @ T C = 25C PD @ T C = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Short Circuit Withstand Time Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting torque, 6-32 or M3 screw.
Units
V A
s V mJ W
C 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1N*m)
Thermal Resistance
Parameter
RJC RJA RJA Wt Junction-to-Case Junction-to-Ambient, (PCB mount)** Junction-to-Ambient, typical socket mount Weight
Min.
-- -- -- --
Typ.
-- -- -- 2 (0.07)
Max.
0.77 40 80 --
Units
C/W g (oz)
** When mounted on 1" square PCB (FR-4 or G-10 Material)
For recommended footprint and soldering techniques refer to application note #AN-994.
Revision 1
C-347
To Order
Previous Datasheet
Index
Next Data Sheet
IRGBC40M-S
Electrical Characteristics @ T
V(BR)CES V(BR)ECS
V(BR)CES/TJ
J
= 25C (unless otherwise specified)
Min. Typ. Max. Units Conditions 600 -- -- V VGE = 0V, I C = 250A 20 -- -- V VGE = 0V, IC = 1.0A -- 0.70 -- V/C VGE = 0V, I C = 1.0mA -- 2.0 3.0 IC = 24A V GE = 15V -- 2.6 -- V IC = 40A -- 2.4 -- IC = 24A, T J = 150C 3.0 -- 5.5 VCE = VGE, IC = 250A -- -12 -- mV/C VCE = VGE, IC = 250A 9.2 12 -- S VCE = 100V, I C = 24A -- -- 250 A VGE = 0V, V CE = 600V -- -- 1000 VGE = 0V, V CE = 600V, T J = 150C -- -- 100 nA VGE = 20V
VCE(on)
Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Temp. Coeff. of Breakdown Voltage Collector-to-Emitter Saturation Voltage
VGE(th) VGE(th)/TJ gfe ICES IGES
Gate Threshold Voltage Temperature Coeff. of Threshold Voltage Forward Transconductance Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current
Switching Characteristics @ T
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets tsc td(on) tr td(off) tf Ets LE Cies Coes Cres Notes: Repetitive rating; V GE=20V, pulse width limited by max. junction temperature. VCC=80%(V CES), VGE=20V, L=10H, R G= 10
J
= 25C (unless otherwise specified)
Min. Typ. Max. Units Conditions -- 59 80 IC = 24A -- 8.6 10 nC VCC = 400V -- 25 42 VGE = 15V -- 26 -- TJ = 25C -- 37 -- ns IC = 24A, V CC = 480V -- 240 410 VGE = 15V, R G = 10 -- 230 420 Energy losses include "tail" -- 0.75 -- -- 1.65 -- mJ -- 2.4 3.6 10 -- -- s VCC = 360V, T J = 125C VGE = 15V, R G = 10, VCPK < 500V -- 28 -- TJ = 150C, -- 37 -- ns IC = 24A, V CC = 480V -- 380 -- VGE = 15V, R G = 10 -- 460 -- Energy losses include "tail" -- 4.5 -- mJ -- 7.5 -- nH Measured 5mm from package -- 1500 -- VGE = 0V -- 190 -- pF VCC = 30V -- 20 -- = 1.0MHz Repetitive rating; pulse width limited by maximum junction temperature. Pulse width 80s; duty factor 0.1%. Pulse width 5.0s, single shot.
Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Short Circuit Withstand Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Refer to Section D for the following: Package Outline 2 - SMD-220 Section D - page D-12
C-348
To Order


▲Up To Search▲   

 
Price & Availability of IRGBC40M-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X