Part Number Hot Search : 
LVB14A X183BK REEL1 FN3595 FAN70851 STWD100P IRFF420 SC768110
Product Description
Full Text Search
 

To Download ICM7242CBAZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ICM7242
Data Sheet February 9, 2007 FN2866.4
Long Range Fixed Timer
The ICM7242 is a CMOS timer/counter circuit consisting of an RC oscillator followed by an 8-bit binary counter. It will replace the 2242 in most applications, with a significant reduction in the number of external components. Three outputs are provided. They are the oscillator output, and buffered outputs from the first and eighth counters.
Features
* Replaces the 2242 in Most Applications * Timing From Microseconds to Days * Cascadable * Monostable or Astable Operation * Wide Supply Voltage Range . . . . . . . . . . . . . . . 2V to 16V * Low Supply Current . . . . . . . . . . . . . . . . . . . . 115A at 5V
PACKAGE 8 Ld PDIP 8 Ld PDIP** (Pb-free) 8 Ld SOIC (Pb-free) 8 Ld SOIC (Pb-free) PKG. DWG. # E8.3 E8.3 M8.15
VDD 1 2 3 4 8 7 6 5 TB I/O RC TRIGGER RESET
Ordering Information
PART TEMP. PART NUMBER MARKING RANGE (C) ICM7242IPA ICM7242IPAZ (See Note) 7242 IPA 7242 IPAZ -25 to +85 -25 to +85 0 to +70 -25 to +85
* Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ICM7242 (8 LD PDIP, SOIC) TOP VIEW
ICM7242CBAZ* 7242 CBAZ ICM7242IBAZ* 7242 IBAZ
M8.15
/2 OUT /128/256 OUT
VSS
*Add "-T" suffix for tape and reel. **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 1996, 2005, 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ICM7242 Functional Block Diagram
R1 50k CL + R2 86k R S R Q Q CL Q S S Q CL S
Q CL Q S
Q CL Q S
Q CL Q S
Q Q
+ 7 RC R3 50k -
Q CL Q S
Q CL Q S
Q Q
1 VDD
4 VSS
8 TB I/O
5 RESET
6
2
3
TRIGGER /2 OUT /128/256 OUTPUT
2
FN2866.4 February 9, 2007
ICM7242
Absolute Maximum Ratings
Supply Voltage (VDD to VSS). . . . . . . . . . . . . . . . . . . . . . . . . . . .18V Input Voltage (Note 1) Terminals (Pins 5, 6, 7, 8). . . . . . . . . . (VSS -0.3V) to (VDD +0.3V) Continuous Output Current (Each Output). . . . . . . . . . . . . . . . 50mA
Thermal Information
Thermal Resistance (Typical, Note2) JA (C/W) PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160 Maximum Storage Temperature Range . . . . . . . . . -65C to +150C Maximum Junction Temperature (Plastic Package) . . . . . . . +150C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Operating Conditions
Temperature Range ICM7242I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-25C to +85C ICM7242C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. Due to the SCR structure inherent in the CMOS process, connecting any terminal to voltages greater than VDD or less than VSS may cause destructive device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same supply be applied to the device before its supply is established and, that in multiple supply systems, the supply to the ICM7242 be turned on first. 2. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER Guaranteed Supply Voltage Supply Current
VDD = 5V, TA = +25C, R = 10k, C = 0.1F, VSS = 0V, Unless Otherwise Specified SYMBOL VDD IDD Reset Operating, R = 10k, C = 0.1F Operating, R = 1M, C = 0.1F TB Inhibited, RC Connected to VSS TEST CONDITIONS MIN 2 f/t VOTB Independent of RC Components ISOURCE = 100A ISINK = 1.0mA VDD = 2V VDD = 5V VDD = 15V 50% Duty Cycle Input with Peak to Peak Voltages Equal to VDD and VSS Counter/Divider Mode 2 TYP 125 340 220 225 5 250 3.5 0.40 1.6 3.5 1.3 2.7 10 1 6 13 MAX 16 800 600 25 2.0 4.5 2.0 4.0 UNITS V A A A A % ppm/C V V A V V V V A MHz MHz MHz
Timing Accuracy RC Oscillator Frequency Temperature Drift Time Base Output Voltage
Time Base Output Leakage Current Trigger Input Voltage
ITBLK VTRIG
RC = Ground VDD = 5V VDD = 15V
Reset Input Voltage
VRST
VDD = 5V VDD = 15V
Trigger/Reset Input Current Max Count Toggle Rate
ITRIG, IRST fT
Output Saturation Voltage Output Sourcing Current MIN Timing Capacitor (Note 3) Timing Resistor Range (Note 3) NOTE: 3. For design only, not tested.
VSAT ISOURCE CT RT
All Outputs Except TB Output VDD = 5V, IOUT = 3.2mA VDD = 5V Terminals 2 and 3, VOUT = 1V
10
0.22 300 -
0.4 22M
V A pF
VDD = 2 - 16V
1k
3
FN2866.4 February 9, 2007
ICM7242 Test Circuit
VDD 1 /21 (RC/2) OUTPUT /28 (RC/256) OUTPUT 2 3 4 8 7 6 5 RESET TRIGGER TIME BASE PERIOD = 1.0RC; 1s = 1M x 1F C R TIME BASE INPUT/OUTPUT VDD
NOTE: 4. /21 and /28 outputs are inverters and have active pullups.
Application Information
Operating Considerations
Shorting the RC terminal or output terminals to VDD may exceed dissipation ratings and/or maximum DC current limits (especially at high supply voltages). There is a limitation of 50pF maximum loading on the TB I/O terminal if the timebase is being used to drive the counter section. If higher value loading is used, the counter sections may miscount. For greatest accuracy, use timing component values shown in Figure 8. For highest frequency operation it will be desirable to use very low values for the capacitor; accuracy will decrease for oscillator frequencies in excess of 200kHz. The timing capacitor should be connected between the RC pin and the positive supply rail, VDD , as shown in Figure 1. When system power is turned off, any charge remaining on the capacitor will be discharged to ground through a large internal diode between the RC node and VSS. Do NOT reference the timing capacitor to ground, since there is no high current path in this direction to safely discharge the capacitor when power is turned off. The discharge current from such a configuration could potentially damage the device. When driving the counter section from an external clock, the optimum drive waveform is a square wave with an amplitude equal to the supply voltage. If the clock is a very slow ramp triangular, sine wave, etc., it will be necessary to "square up" the waveform; this can be done by using two CMOS inverters in series, operating from the same supply voltage as the ICM7242. The ICM7242 is a non-programmable timer whose principal applications will be very low frequency oscillators and long range timers; it makes a much better low frequency oscillator/timer than a 555 or ICM7555, because of the onchip 8-bit counter. Also, devices can be cascaded to produce extremely low frequency signals. Because outputs will not be ANDed, output inverters are used instead of open drain N-Channel transistors, and the 4
external resistors used for the 2242 will not be required for the ICM7242. The ICM7242 will, however, plug into a socket for the 2242 having these resistors. The timing diagram for the ICM7242 is shown in Figure 1. Assuming that the device is in the RESET mode, which occurs on power up or after a positive signal on the RESET terminal (if TRIGGER is low), a positive edge on the trigger input signal will initiate normal operation. The discharge transistor turns on, discharging the timing capacitor C, and all the flip-flops in the counter chain change states. Thus, the outputs on terminals 2 and 3 change from high to low states. After 128 negative timebase edges, the /28 output returns to the high state.
TRIGGER INPUT (TERMINAL 6) TIMEBASE INPUT (TERMINAL 8) /2 OUTPUT (TERMINAL 2) /128/256 OUTPUT (TERMINAL 3) (ASTABLE OR "FREE RUN" MODE) /128/256 OUTPUT (TERMINAL 3) (MONOSTABLE OR "ONE SHOT" MODE)
128RC
128RC
128RC
FIGURE 1. TIMING DIAGRAMS OF OUTPUT WAVEFORMS FOR THE ICM7242 (COMPARE WITH FIGURE 5)
VDD 1 fIN/2 OUTPUTS fIN/256 2 3 4 8 7 6 VDD 5 fIN >3/4 (V+) <1/4 (V+)
FIGURE 2. USING THE ICM7242 AS A RIPPLE COUNTER (DIVIDER)
FN2866.4 February 9, 2007
ICM7242
To use the 8-bit counter without the timebase, Terminal 7 (RC) should be connected to ground and the outputs taken from Terminals 2 and 3. The ICM7242 may be used for a very low frequency square wave reference. For this application the timing components are more convenient than those that would be required by a 555 timer. For very low frequencies, devices may be cascaded (see Figure 3).
VDD 1 2 ICM7242 3 4 6 5 3 4 8 7 R C 2 ICM7242 6 5 7 1 8
TABLE 1. COMPARING THE ICM7242 WITH THE 2242 CHARACTERISTICS Operating Voltage Operating Temperature Range Supply Current, VDD = 5V Pullup Resistors TB Output No No No 3.0MHz No No No Yes Yes Yes 0.5MHz Yes Yes Sometimes ICM7242 2V to 16V -25C to 85C 0.7mA (Max) 2242 4V to 15V 0C to 70C 7mA (Max)
/2 Output /256 Output
Toggle Rate Resistor to Inhibit Oscillator Resistor in Series with Reset for Monostable Operation Capacitor TB Terminal for HF Operation
f = RC/216
FIGURE 3. LOW FREQUENCY REFERENCE (OSCILLATOR)
For monostable operation the /28 output is connected to the RESET terminal. A positive edge on TRIGGER initiates the cycle (NOTE: TRIGGER overrides RESET).
VDD
By selection of R and C, a wide variety of sequence timing can be realized. A typical flow chart for a machine tool controller could be as shown in Figure 5.
TRIGGERING CAN BE OBTAINED FROM A PREVIOUS STAGE, START A LIMIT SWITCH, OPERATOR SWITCH, ETC. ENABLE 5s ICM7242 START WAIT 5s ENABLE 10s WAIT 5s COUNT TO 185 ICM7242 WAIT 5s ICM7242 ENABLE 10s
1 2 ICM7242 OUTPUT 3 4
8 7 6 5 100k S1
R C TRIGGER
STOP
COUNT TO 185 ICM7240
WAIT 5s ICM7242 STOP
RESET
TRIGGER
TERMINAL 6
ENABLE 5s
FIGURE 5. FLOW CHART FOR MACHINE TOOL CONTROLLER
TB OUTPUT OUTPUT TERMINAL 8 TERMINAL 3
FIGURE 4. MONOSTABLE OPERATION
The ICM7242 is superior in all respects to the 2242 except for initial accuracy and oscillator stability. This is primarily due to the fact that high value p-resistors have been used on the ICM7242 to provide the comparator timing points.
By cascading devices, use of low cost CMOS AND/OR gates and appropriate RC delays between stages, numerous sequential control variations can be obtained. Typical applications include injection molding machine controllers, phonograph record production machines, automatic sequencers (no metal contacts or moving parts), milling machine controllers, process timers, automatic lubrication systems, etc.
Sequence Timing
* Process Control * Machine Automation * Electro-Pneumatic Drivers * Multi Operation (Serial or Parallel Controlling)
5
FN2866.4 February 9, 2007
ICM7242
VDD VDD VDD VDD
TRIGGER VDD 6 S1 50k
R (NOTE) C 3 33k 5 100pF
A 1F 6 10k
R (NOTE) C 3 33k 5 100pF
B 1F 6 10k
R (NOTE) C 3 33k 5 100pF
C 1F 6 10k
R (NOTE) C 3 33k 5 100pF
D
ICM7242 A
ICM7242 B
ICM7242 C
ICM7242 D
PUSH S1 TO START SEQUENCE: MUST BE SHORTER THAN "ON TIMEA" TRIGGER
128RC OUTPUT A (NOTE) 128RC OUTPUT B (NOTE)
128RC OUTPUT C (NOTE)
128RC OUTPUT D (NOTE) ON TIMEC
ON TIMEA
ON TIMEB
ON TIMED
NOTE:
Select RC values for desired "ON TIME" for each ICM7242. FIGURE 6. SEQUENCE TIMER
6
FN2866.4 February 9, 2007
ICM7242 Typical Performance Curves
260 240 220 SUPPLY CURRENT (A) 200 180 160 140 120 100 80 60 40 20 0 0 2 4 6 8 10 12 14 16 SUPPLY VOLTAGE (V) 100 100pF 0.001 0.01 0.1 1 10 100 RESET MODE TA = +75C TA = +25C TA = -20C TIMING RESISTOR, R () 10M 1M 100k 10k 1k TA = +25C 1000 10,000 RECOMMENDED RANGE OF TIMING COMPONENT VALUES 100M
TIMING CAPACITOR, C (F)
FIGURE 7. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 8. RECOMMENDED RANGE OF TIMING COMPONENT VALUES FOR ACCURATE TIMING
10,000 1,000 100 CAPACITANCE (F) 10 1 0.1 0.01 0.001 100p 10M 10p 1p 0.1 1 10 100 1k 10k 100k 1M 10M 1M 1k 100k 10k VDD = 5.0V TRIGGER PULSE WIDTH (ns) TA = +25C
1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 0
TA = +25C
VDD = 16V VDD = 5V
VDD = 2V 1 2 3 4 5 6 7 8 9 10
TIME BASE FREQUENCY (Hz)
TRIGGER AMPLITUDE (V)
FIGURE 9. TIMEBASE FREE RUNNING FREQUENCY vs R AND C
FIGURE 10. MINIMUM TRIGGER PULSE WIDTH vs TRIGGER AMPLITUDE
1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 0 1 2
TA = 25C
NORMALIZED FREQUENCY DEVIATION (%)
+10.0 +8.0 +6.0 +4.0 +2.0 0.0 -2.0 -4.0 -6.0 -8.0 -10.0 2 4 6 10 12 14 8 SUPPLY VOLTAGE (V) 16 18 20 TA = +25C R 10k 1M 1k 100k 10k 100k C 0.001F 100pF 0.1F 0.001F 0.01F 0.01F
RESET PULSE WIDTH (ns)
VDD = 5V
VDD = 2V
VDD = 16V
3 4 5 6 7 RESET AMPLITUDE (V)
8
9
10
FIGURE 11. MINIMUM RESET PULSE WIDTH vs RESET AMPLITUDE
FIGURE 12. NORMALIZED FREQUENCY STABILITY IN THE ASTABLE MODE vs SUPPLY VOLTAGE
7
FN2866.4 February 9, 2007
ICM7242 Typical Performance Curves
NORMALIZED FREQUENCY DEVIATION (%) +5 +4 +3 +2 +1 0 -1 -2 -3 -4 -5 -25 0 25 TEMPERATURE (C) 50 75 R = 1k C = 0.1F 5V VDD 15V R = 10M C = 0.1F MAXIMUM DIVIDER FREQUENCY (Hz)
(Continued)
100M
10M
TA = +25C RC CONNECTED TO GROUND
1M
100k
10k 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V)
FIGURE 13. NORMALIZED FREQUENCY STABILITY IN THE ASTABLE MODE vs TEMPERATURE
FIGURE 14. MAXIMUM DIVIDER FREQUENCY vs SUPPLY VOLTAGE
100 DISCHARGE SINK CURRENT (mA)
VDD = 15V VDD = 5V 10
OUTPUT SATURATION CURRENT (mA)
TA = +25C
100 TA = +25C
VDD = 15V VDD = 5V
10
VDD = 2V 1
VDD = 2V 1
0.1 0.01
0.1
1
10
0.1 0.01
0.1
1
10
DISCHARGE SATURATION VOLTAGE (V)
OUTPUT SATURATION VOLTAGE (V)
FIGURE 15. DISCHARGE OUTPUT CURRENT vs DISCHARGE OUTPUT VOLTAGE
FIGURE 16. OUTPUT SATURATION CURRENT vs OUTPUT SATURATION VOLTAGE
8
FN2866.4 February 9, 2007
ICM7242 Dual-In-Line Plastic Packages (PDIP)
N INDEX AREA E1 12 3 N/2 -B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 -CA2 L A C L E
E8.3 (JEDEC MS-001-BA ISSUE D)
8 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B B1 C D D1 E E1 e eA eB L N eA eC
C A BS C
MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 9.01 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 10.16 8.25 7.11 NOTES 4 4 8, 10 5 5 6 5 6 7 4 9 Rev. 0 12/93
MIN 0.015 0.115 0.014 0.045 0.008 0.355 0.005 0.300 0.240
MAX 0.210 0.195 0.022 0.070 0.014 0.400 0.325 0.280
e
A1
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
0.100 BSC 0.300 BSC 0.115 8 0.430 0.150 -
2.54 BSC 7.62 BSC 10.92 3.81 8 2.93
9
FN2866.4 February 9, 2007
ICM7242 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45 H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.25 0.40 8 8 0 8 MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.20 0.50 1.27 NOTES 9 3 4 5 6 7 Rev. 1 6/05
MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 0.2284 0.0099 0.016 8 0
MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 0.2440 0.0196 0.050
B C D E e H
C
A1 0.10(0.004)
0.050 BSC
1.27 BSC
e
B 0.25(0.010) M C AM BS
h L N
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 10
FN2866.4 February 9, 2007


▲Up To Search▲   

 
Price & Availability of ICM7242CBAZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X