Part Number Hot Search : 
MPSA92RA BZX79 15100 BDS19 EML6243 4ACT1 RDFS02 EML6243
Product Description
Full Text Search
 

To Download HI-1565PSMF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-1565, HI-1566
August 2006
MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
PIN CONFIGURATIONS
44 43 BUSA 42 BUSA 41 BUSA 40 BUSA 39 VDDA 38 VDDA 37 TXA 36 TXA 35 34 -1 RXENA 2 GNDA 3 GNDA 4 GNDA 5 VDDB 6 VDDB 7 BUSB 8 BUSB 9 BUSB 10 BUSB 11
DESCRIPTION
The HI-1565 and HI-1566 are low power CMOS dual transceivers designed to meet the requirements of the MIL-STD-1553 /1760 specifications. The transmitter section of each channel takes complementary CMOS / TTL digital input data and converts it to bi-phase Manchester encoded 1553 signals suitable for driving the bus isolation transformer. Separate transmitter inhibit control signals are provided for each transmitter. The receiver section of each channel converts the 1553 bus bi-phase data to complementary CMOS / TTL data suitable for inputting to a Manchester decoder. Each receiver has a separate enable input which can be used to force the output of the receiver to a logic 0 (HI-1565) or logic 1 (HI-1566). To minimize the package size for this function, the transmitter outputs are internally connected to the receiver inputs, so that only two pins are required for connection to each coupling transformer.
1565PCI 1565PCT 1566PCI 1566PCT
33 32 31 TXINHA 30 RXA 29 RXA 28 27 26 TXB 25 TXB 24 TXINHB 23 -
44 Pin Plastic 7mm x 7mm Chip-scale package
VDDA 1 BUSA 2 BUSA 3 RXENA 4 GNDA 5 VDDB 6 BUSB 7 BUSB 8 RXENB 9 GNDB 10 20 19 18 17 16 15 14 13 12 11 TXA TXA TXINHA RXA RXA TXB TXB TXINHB RXB RXB
FEATURES
! Compliant to MIL-STD-1553A & B,
MIL-STD-1760, ARINC 708A
! CMOS technology for low standby power ! Smallest footprint available in 44-pin plastic
chip-scale package with integral heatsink
20 Pin Plastic ESOIC - WB package
RXENB GNDB GNDB GNDB RXB RXB -
12 13 14 15 16 17 18 19 20 21 22
1565PSI 1565PST 1565PSM 1565PSI 1565PST 1565PSM
VDDA 1 BUSA 2 BUSA 3 RXENA 4 GNDA 5 VDDB 6 BUSB 7 BUSB 8 RXENB 9 GNDB 10
20 TXA 19 TXA
! Less than 1.0W maximum power dissipation ! BUS pins ESD protected to greater than 8KV ! Also available in DIP and small outline
(ESOIC) package options
1565CDI 1565CDT 1565CDM 1566CDI 1566CDT 1566CDM
18 TXINHA 17 RXA 16 RXA 15 TXB 14 TXB 13 TXINHB 12 RXB 11 RXB
! Military processing options ! Industry standard pin configurations
(DS1565 Rev. A)
20 Pin Ceramic DIP package
HOLT INTEGRATED CIRCUITS www.holtic.com
08/06
HI-1565, HI-1566
PIN DESCRIPTIONS
PIN (DIP/ESOIC)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
SYMBOL
VDDA BUSA BUSA RXENA GNDA VDDB BUSB BUSB RXENB GNDB RXB RXB TXINHB TXB TXB RXA RXA TXINHA TXA TXA
FUNCTION
power supply analog output analog output digital input power supply power supply analog output analog output digital input power supply digital output digital output digital input digital input digital input digital output digital output digital input digital input digital input +5 volt power for channel A
DESCRIPTION
MIL-STD-1533 bus driver A, positive signal MIL-STD-1553 bus driver A, negative signal Receiver A enable. If low, forces RXA and RXA low (HI-1565) or High (HI-1566) Ground for channel A +5 volt power for channel B MIL-STD-1533 bus driver B, positive signal MIL-STD-1553 bus driver B, negative signal Receiver B enable. If low, forces RXB and RXB low (HI-1565) or High (HI-1566) Ground for channel B Receiver B output, inverted Receiver B output, non-inverted Transmit inhibit, channel B. If high BUSB, BUSB disabled Transmitter B digital data input, non-inverted Transmitter B digital data input, inverted Receiver A output, inverted Receiver A output, non-inverted Transmit inhibit, channel A. If high BUSA, BUSA disabled Transmitter A digital data input, non-inverted Transmitter A digital data input, inverted
FUNCTIONAL DESCRIPTION
The HI-1565 family of data bus transceivers contain differential voltage source drivers and differential receivers. They are intended for applications using a MIL-STD-1553 A/B data bus. The device produces a trapezoidal output waveform during transmission. TRANSMITTER Data input to the device's transmitter section is from the complementary CMOS /TTL inputs TXA/B and TXA/B. The transmitter accepts Manchester II bi-phase data and converts it to differential voltages on BUSA/B and BUSA/B. The transceiver outputs are either direct or transformer coupled to the MIL-STD-1553 data bus. Both coupling methods produce a nominal voltage on the bus of 7.5 volts peak to peak. The transmitter is automatically inhibited and placed in the high impedance state when both TXA/B and TXA/B are either at a logic "1" or logic "0" simultaneously. A logic "1" applied to the TXINHA/B input will force the transmitter to the high impedance state, regardless of the state of TXA/B and TXA/B. RECEIVER The receiver accepts bi-phase differential data from the MIL-STD-1553 bus through the same direct or transformer coupled interface as the transmitter. The receiver's differential input stage drives a filter and threshold comparator that produces CMOS/TTL data at the RXA/B and RXA/B output pins. Each set of receiver outputs can be independently forced to a logic "0" (HI-1565) or logic "1" (HI-1566) by setting RXENA or RXENB low. MIL-STD-1553 BUS INTERFACE A direct coupled interface (see Figure 2) uses a 1:2.5 ratio isolation transformer and two 55 ohm isolation resistors between the transformer and the bus. In a transformer coupled interface (see Figure 3), the transceiver is connected to a 1:1.79 isolation transformer which in turn is connected to a 1:1.4 coupling transformer. The transformer coupled method also requires two coupling resistors equal to 75% of the bus characteristic impedence (Zo) between the coupling transformer and the bus.
HOLT INTEGRATED CIRCUITS 2
HI-1565, HI-1566
Each Channel
TRANSMITTER
Data Bus Isolation Transformer Coupler Network Direct or Transformer
BUSA/B
TXA/B Transmit Logic TXA/B TXINHA/B RECEIVER RXA/B Receive Logic RXA/B RXENA/B
BUSA/B Slope Control
Input Filter
Comparator
Figure 1. Block Diagram
TRANSMIT WAVEFORM - EXAMPLE PATTERN
TXA/B
TXA/B
BUSA/B - BUSA/B
RECEIVE WAVEFORMS - EXAMPLE PATTERN
Vin (Line to Line)
tDR tDR tDR tDR
RXA/B
tRG tRG
RXA/B
HOLT INTEGRATED CIRCUITS 3
HI-1565, HI-1566 ABSOLUTE MAXIMUM RATINGS
Supply voltage (VDD) Logic input voltage range Receiver differential voltage Driver peak output current Power dissipation at 25C ceramic DIL, derate Solder Temperature Junction Temperature Storage Temperature -0.3 V to +7 V -0.3 V dc to +5.5 V 10 Vp-p Temperature Range +1.0 A 1.0 W 7mW/C 275C for 10 sec. 175C -65C to +150C Industrial Screening.........-40C to +85C Hi-Temp Screening........-55C to +125C Military Screening..........-55C to +125C NOTE: Stresses above absolute maximum ratings or outside recommended operating conditions may cause permanent damage to the device. These are stress ratings only. Operation at the limits is not recommended.
RECOMMENDED OPERATING CONDITIONS
Supply Voltage VDD....................................... 5V... 5%
DC ELECTRICAL CHARACTERISTICS
VDD = 5.0V, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
PARAMETER
Operating Voltage Total Supply Current
SYMBOL
VDD ICC1 ICC2 ICC3
CONDITION
Not Transmitting Transmit one channel @ 50% duty cycle Transmit one channel @ 100% duty cycle Not Transmitting Transmit one channel @ 100% duty cycle Digital inputs Digital inputs VIH = 4.9V, Digital inputs VIL = 0.1V, Digital inputs IOUT = -0.4mA, Digital outputs IOUT = 4.0mA, Digital outputs
MIN
4.75
TYP
5 14 200 400
MAX
5.25 22 340 550 0.11
UNITS
V mA mA mA W W V
Power Dissipation
PD1 PD2
0.70 2.0 1.4 1.4
0.95
Min. Input Voltage Max. Input Voltage Min. Input Current Max. Input Current Min. Output Voltage Max. Output Voltage RECEIVER Input resistance Input capacitance
(HI) (LO) (HI) (LO) (HI) (LO)
VIH VIL IIH IIL VOH VIH
0.8 20
V A A V
-20 2.7 0.4
V
(Measured at Point "AD" in Figure 2 unless otherwise specified) RIN CIN CMRR VIN VICM Detect No Detect VTHD VTHND VTHD VTHND 1 Mhz Sine Wave (Measured at Point "AD" in Figure 2) 1 MHz Sine Wave (Measured at Point "AT" in Figure 3) Differential -5.0 1.15 Differential Differential 40 9 5.0 20.0 0.28 0.86 14.0 0.20 20 5 Kohm pF dB Vp-p V-pk Vp-p Vp-p Vp-p Vp-p
Common mode rejection ratio Input Level Input common mode voltage Threshold Voltage - Direct-coupled
Threshold Voltage - Transformer-coupled Detect No Detect
HOLT INTEGRATED CIRCUITS 4
HI-1565, HI-1566
DC ELECTRICAL CHARACTERISTICS (cont.)
VDD = 5.0V, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
PARAMETER
TRANSMITTER Output Voltage
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
(Measured at Point "AD" in Figure 2 unless otherwise specified) Direct coupled Transformer coupled VOUT VOUT VON Direct coupled VDYN VDYN ROUT COUT 35 ohm load (Measured at Point "AD" in Figure 2) 70 ohm load (Measured at Point "AT" in Figure 3) Differential, inhibited 35 ohm load (Measured at Point "AD" in Figure 2) 70 ohm load (Measured at Point "AT" in Figure 3) Differential, not transmitting 1 MHz sine wave -90 -250 10 15 7.0 20.0 9.0 27.0 10.0 90 250 Vp-p Vp-p mVp-p mV mV Kohm pF
Output Noise Output Dynamic Offset Voltage
Transformer coupled Output resistance Output Capacitance
AC ELECTRICAL CHARACTERISTICS
VDD = 5.0V, GND = 0V, TA =Operating Temperature Range (unless otherwise specified).
PARAMETER
RECEIVER Receiver Delay Receiver gap time Receiver Enable Delay TRANSMITTER Driver Delay Rise time Fall Time Inhibit Delay
SYMBOL
tDR tRG tREN
TEST CONDITIONS
From input zero crossing to RXA/B or RXA/B Spacing between RXA/B and RXA/B pulses From RXENA/B rising or falling edge to RXA/B or RXA/B
MIN
TYP
MAX
450
UNITS
ns ns ns
(Measured at Point "AD" in Figure 2) 90 365 40
(Measured at Point "AD" in Figure 2) tDT tr tf tDI-H tDI-L TXA/B, TXA/B to BUSA/B, BUSA/B 35 ohm load 35 ohm load Inhibited output Active output 100 100 150 300 300 100 150 ns ns ns ns ns
TRANSMITTER TXA/B TXA/B TXINHA/B BUSA/B
1:2.5
55 W 35 W Point "AD"
BUSA/B
Isolation Transformer
55 W
55 W Point "AD" 35 W 55 W
2.5:1
RECEIVER RXA/B RXA/B
Isolation Transformer RXENA/B
Figure 2. Direct Coupled Test Circuits
HOLT INTEGRATED CIRCUITS 5
HI-1565, HI-1566
Point "AT"
TRANSMITTER TXA/B TXA/B TXINHA/B 52.5 W (.75 Zo) 35 W (.5 Zo) 52.5 W (.75 Zo) BUSA/B
1:1.79
1:1.4
52.5 W (.75 Zo) 35 W (.5 Zo)
BUSA/B
Isolation Transformer Point "AT" 1.79:1
Coupling Transformer
52.5 W (.75 Zo)
1.4:1
RECEIVER RXA/B RXA/B
Coupling Transformer
Isolation Transformer RXENA/B
Figure 3. Transformer Coupled Test Circuits
HEAT SINK - ESOIC & CHIP-SCALE PACKAGE
Both the HI-1565PSI/T/M and HI-1566PSI/T/M use a 20-pin thermally enhanced SOIC package. The HI-1565PCI/T and HI-1566PCI/T use a plastic chip-scale package. These packages include a metal heat sink located on the bottom surface of the device. This heat sink should be soldered down to the printed circuit board for optimum thermal dissipation. The heat sink is electrically isolated and may be soldered to any convenient power or ground plane..
THERMAL CHARACTERISTICS
PART NUMBER HI-1565PSI / T / M HI-1566PSI / T / M HI-1565CDI / T / M HI-1566CDI / T / M HI-1565PCI / T HI-1566PCI / T PACKAGE STYLE CONDITION Heat sink unsoldered Heat sink soldered Socketed Heat sink unsoldered OJA 54C/W 47C/W 62C/W 49C/W JUNCTION TEMPERATURE TA=25C 62C 57C 69C 59C TA=85C TA=125C 122C 117C 129C 119C 162C 157C 169C 159C
20-pin Thermally enhanced plastic SOIC (ESOIC) 20-pin Ceramic side-brazed DIP 44-pin Plastic chipscale package
Data taken at VDD=5.0V, continuous transmission at 1Mbit/s, single transmitter enabled.
APPLICATIONS NOTE
Holt Applications Note AN-500 provides circuit design notes regarding the use of Holt's family of MIL-STD-1553 transceivers. Layout considerations, as well as recommended interface and protection components are included.
HOLT INTEGRATED CIRCUITS 6
HI-1565, HI-1566 ORDERING INFORMATION HI - 156x xx x x (Plastic)
PART NUMBER LEAD FINISH
Blank F
PART NUMBER
Tin / Lead (Sn / Pb) Solder 100% Matte Tin (Pb-free, RoHS compliant)
TEMPERATURE RANGE FLOW BURN IN
I T M
PART NUMBER
-40C TO +85C -55C TO +125C -55C TO +125C
PACKAGE DESCRIPTION
I T M
NO NO YES
PC PS
PART NUMBER
44 PIN PLASTIC CHIP-SCALE (LPCC) 20 PIN PLASTIC ESOIC (Wide Body, Thermally Enhanced SOIC w/Heat Sink)
RXENA = 0 RXENB = 0 RXA RXA RXB RXB
1565 1566
0 1
0 1
0 1
0 1
HI - 156xCD x (Ceramic)
PART NUMBER TEMPERATURE RANGE FLOW BURN IN LEAD FINISH
I T M
PART NUMBER
-40C TO +85C -55C TO +125C -55C TO +125C
I T M
NO NO YES
Gold (Pb-free, RoHS compliant) Gold (Pb-free, RoHS compliant) Tin / Lead (Sn / Pb) Solder
RXENA = 0 RXENB = 0 PACKAGE RXA RXA RXB RXB DESCRIPTION
1565CD 1566CD
0 1
0 1
0 1
0 1
20 PIN CERAMIC SIDE BRAZED DIP 20 PIN CERAMIC SIDE BRAZED DIP
RECOMMENDED TRANSFORMERS
The HI-1565 and HI-1566 transceivers have been characterized for compliance with the electrical requirements of MIL-STD-1553 when used with the following
MANUFACTURER
Technotrol Premier Magnetics Technotrol Premier Magnetics
transformers. Holt recommends the Premier Magnetics parts as offering the best combination of electrical performance, low cost and small footprint.
TURNS RATIO(S)
Dual tapped 1:1.79, 1:2.5 Dual tapped 1:1.79, 1:2.5 1:1.4 1:1.4
PART NUMBER
TL1553-45 PM-DB2725EX TQ1553-2 PM-DB2702
APPLICATION
Isolation Isolation Stub coupling Stub coupling
DIMENSIONS
.630 x 630 x .155 inches .500 x .500 x .375 inches .625 x .625 x .250 inches .625 x .500 x .250 inches
HOLT INTEGRATED CIRCUITS 7
PACKAGE DIMENSIONS
inches (millimeters)
20-PIN PLASTIC SMALL OUTLINE (ESOIC) - WB (Wide Body, Thermally Enhanced)
.0105 .0015 (.2667 .0381)
Heat sink stud on bottom of package.
Package Type: 24HEW
.5035 .0075 (12.789 .191)
.300 TYP. (7.620)
.025 Min.. (.635)
.4065 .0125 (10.325 .318)
Top View
.296 .003 (7.518 .076)
.215 TYP. (5.461)
Bottom View
.018 TYP. (.457)
SEE DETAIL A
.025 Min.. (.635) .090 .010 (2.286 .254)
0 to 8 .050 TYP (1.27) .033 .017 (.838 .432) DETAIL A
.0075 .0035 (.191 .889)
20-PIN CERAMIC SIDE-BRAZED DIP
PACKAGE TYPE: 20C
1.000 .010 (25.400 .254) .310 .010 (7.874 .254) .050 TYP. (1.270 TYP.) .200 MAX. (5.080 MAX.) .085 .009 (2.159 .229)
.300 .010 (7.620 .254)
.125 MIN. (3.175 MIN.)
.017 .002 (.432 .051)
.100 .005 (2.540 .127)
.010 + .002/- .001 (.254 + .051/- .025)
HOLT INTEGRATED CIRCUITS 8
PACKAGE DIMENSIONS
millimeters
44-PIN PLASTIC CHIP-SCALE PACKAGE
Heat sink stud on bottom of package.
7.00 .10
5.65 .15
0.50 7.00 .10 5.65 .15 0.25 typ
0.40 .05 0.90 .10 0.2 typ
HOLT INTEGRATED CIRCUITS 9


▲Up To Search▲   

 
Price & Availability of HI-1565PSMF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X