Part Number Hot Search : 
TL432A ASI10719 74HC273 HD14584B SMBJ100 LV800 SSAC60 WR200
Product Description
Full Text Search
 

To Download HCF4010M013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF4010B
HEX BUFFER/CONVERTER (NON INVERTING)
I
I I I
I
I I
I I
PROPAGATION DELAY TIME: tPD = 50ns (Typ.) at VDD = 10V CL = 50pF HIGH TO LOW LEVEL LOGIC CONVERSION MULTIPLEXER: 1 TO 6 OR 6 TO 1 HIGH "SINK" AND "SOURCE" CURRENT CAPABILITY QUIESCENT CURRENT SPECIFIED UP TO 20V 5V, 10V AND 15V PARAMETRIC RATINGS INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC JESD13B "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
DIP
SOP
Table 1: Order Codes
PACKAGE DIP SOP TUBE HCF4010BEY HCF4010BM1 T&R HCF4010M013TR
DESCRIPTION The HCF4010B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages.
It is an non inverting Hex Buffer/Converter and can be used as CMOS to TTL logic level converter as current "sink" or "source" driver or as multiplexer (1 to 6). It is a preferred replacement of HCF4050B in buffer applications.
Figure 1: Pin Connection
March 2005
Rev. 3
1/10
HCF4010B
Figure 2: Input Equivalent Circuit Table 2: Pin Description
PIN N SYMBOL NAME AND FUNCTION Data Inputs Data Outputs Not Connected Positive Supply Voltage Negative Supply Voltage Positive Supply Voltage
3, 5, 7, 9, 11, A, B, C, D, E, 14 F 2, 4, 6, 10, G, H, I, J, K, 12, 15 L 13 NC VCC 1 8 16 VSS VDD
Table 3: Truth Table
INPUTS A, B, C, D, E, F L H OUTPUTS G, H, I, J, K, L L H
Table 4: Absolute Maximum Ratings
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
Table 5: Recommended Operating Conditions
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C
2/10
HCF4010B
Table 6: DC Specifications
Test Condition Symbol Parameter VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 VO (V) VDD |IO| = (A) VCC (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 18 TA = 25C Min. Typ. 0.02 0.02 0.02 0.04 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -0.8 -0.2 -0.45 -1.5 3 8 24 -1.6 -0.4 -0.9 -3 4 10 36 10-5 5 0.1 7.5 -0.65 -0.18 -0.38 -1.25 2.4 6.4 19 1 3.5 7 11 1.5 3 4 -0.65 -0.18 -0.38 -1.25 2.4 6.4 19 1 Max. 1 2 4 20 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 Value -40 to 85C Min. Max. 30 60 120 600 4.95 9.95 14.95 0.05 0.05 0.05 -55 to 125C Min. Max. 30 60 120 600 Unit
IL
Quiescent Current
A
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current
VOL
VIH
VIL
IOH
IOL
Output Sink Current Input Leakage Current Input Capacitance
0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/18
<1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1
V
V
V
V
mA
mA A pF
II CI
Any Input Any Input
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
3/10
HCF4010B
Table 7: Dynamic Electrical Characteristics (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol tTLH Parameter Output Transition Time VDD (V) 5 10 15 5 10 15 5 10 10 15 15 5 10 10 15 15 VI (V) 5 10 15 5 10 15 5 10 10 15 15 5 10 10 15 15 VCC (V) 5 10 15 5 10 15 5 10 5 15 5 5 10 5 15 5 Min. Value (*) Typ. 150 75 55 35 20 15 100 50 50 35 35 65 35 30 25 20 Max. 350 15 110 70 40 30 200 100 100 70 70 130 70 70 50 40 ns Unit
tTHL
Output Transition Time
ns
tPLH
Propagation Delay Time
ns
tPHL
Propagation Delay Time
ns
(*) Typical temperature coefficient for all VDD value is 0.3%/C.
Figure 3: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200K RT = ZOUT of pulse generator (typically 50)
4/10
HCF4010B
Figure 4: Waveform - Propagation Delay Times (f=1MHz; 50% duty cycle)
5/10
HCF4010B
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
6/10
HCF4010B
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.25 1.64 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.010 0.063 0.018 0.010
0016020D
7/10
HCF4010B
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
8/10
HCF4010B
Table 8: Revision History
Date 16-Mar-2005 Revision 3 Add VCC on Table 6. Description of Changes
9/10
HCF4010B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2005 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of HCF4010M013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X