Part Number Hot Search : 
160160 60GB2APB BZX84C3W P80NF06 C100MC A1225 F060250 MBR880L
Product Description
Full Text Search
 

To Download H2N6388 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6714-C Issued Date : 1992.12.15 Revised Date : 1999.08.01 Page No. : 1/3
H2N6388
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The H2N6388 is designed for general-purpose amplifier and switching applications.
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 65 W Total Power Dissipation (Ta=25C) ...................................................................................... 2 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage ...................................................................................... 80 V BVCEO Collector to Emitter Voltage................................................................................... 80 V BVEBO Emitter to Base Voltage ........................................................................................... 5 V IC Collector Current ............................................................................................................ 10 A
Characteristics (Ta=25C)
Symbol BVCBO *BVCEO ICBO IEBO ICEO ICEV *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VBE(sat) VBE(on)1 VBE(on)2 *hFE1 *hFE2 VFEC Cob Min. 80 80 1 100 Typ. 1.5 2 3 Max. 100 5 1 300 2 3 2.8 4.5 20 200 Unit V V uA mA mA uA V V V V V V K V pF Test Conditions IC=1mA, IE=0 IC=200mA, IB=0 VCB=160V, IE=0 VEB=5V, IC=0 VCE=80V, IB=0 VCE=80V, VBE(off)=1.5V IC=5A, IB=10mA IC=10A, IB=100mA IC=5A, IB=2.5mA IC=5A, IB=5mA IC=5A, VCE=3V IC=10A, VCE=3V IC=5A, VCE=3V IC=10A, VCE=3V IC=5A VCB=10V, IE=0
*Pulse Test : Pulse Width 380us, Duty Cycle2%
Classification of
Rank KC Normal hFE1 2-20K 1-20K VCE(sat)1 <1.3V <2.0V VCE(sat)3 <1.5V VBE(sat) <2.0V VFEC <3.0V -
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
10000 10000
Spec. No. : HE6714-C Issued Date : 1992.12.15 Revised Date : 1999.08.01 Page No. : 2/3
Saturation Voltage & Collector Current
hFE @ VCE=3V
Saturation Voltage (mV)
1000
hFE
100
1000
VBE(sat) @ IC=100IB VCE(sat) @ IC=100IB
10
1 1 10 100 1000 10000
100 100 1000 10000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10000 10
Switching Time & Collector Current
VCC=30V, IC=250IB1=-250IB2
Switching Times (us)
On Voltage (mV)
Tstg
1000
VBE(on) @ VCE=3V
1 Tf Ton
100 10 100 1000 10000
0.1 1 10
Collector Current (mA)
Collector Current (A)
Capacitance & Reverse-Biased Voltage
1000 100000 PT=1ms 10000 PT=100ms PT=1s 1000
Safe Operating Area
100
Collector Current-IC (mA)
Capactiance (pF)
100
Cob
10
10 0.1 1 10 100
1 1 10 100
Reverse-Biased Voltage (V)
Forward Voltage-VCE (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking :
A D B E C
HSMC Logo Part Number Date Code
Spec. No. : HE6714-C Issued Date : 1992.12.15 Revised Date : 1999.08.01 Page No. : 3/3
Product Series Rank
H I G 4 P M 3 2 1 N K
Style : Pin 1.Base 2.Collector 3.Emitter
O
3-Lead TO-220AB Plastic Package HSMC Package Code : E *:Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398 -
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25 -
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes : 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H2N6388

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X