Part Number Hot Search : 
KSP94 MB905 A3FF1ACP 74ACT LS404CD KAQY212A 2SC52 KK74A
Product Description
Full Text Search
 

To Download FYLS-1206HX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD LAMP FYLS-1206XX
o Features:
3.2mmx1.6mm SMD, 1.1mm THICKNESS. STANDARD BRIGHTNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE : REEL.
oPart No.: FYLS-1206HX FYLS-1206SRx FYLS-1206LRx FYLS-1206URx FYLS-1206Ex FYLS-1206Ax FYLS-1206Yx FYLS-1206Gx Note:X = Len Color: C=Water Clear, D=Color Diffused, T=Color Trans
o Description: Color Code & Chip characteristics: (Test Condition: IF=20mA) Peak Wave Length ( P) 700nm 660nm 660nm 660nm 635nm 610nm 585nm 570nm Spectral Line halfwidth(/ 1/2) 90nm 20nm 20nm 20nm 35nm 35nm 35nm 30nm Forward Voltage(VF) Unit:V Typ 2.25 1.85 1.85 1.85 2.10 2.10 2.10 2.20 Max 2.60 2.20 2.20 2.20 2.50 2.50 2.50 2.50 Luminous Intensity (Iv) Unit:ucd 500 3500 6000 7000 2500 2000 2000 2500
Emitting Color
Dice Material GaP/GaP GaAlAs/GaAs,SH AlGaAs,DH GaAlAs/GaAs,DD H GaAsP/GaP GaAsP GaAsP/GaP GaP/GaP
H S LR UR E A Y G
Red Hi Red Super Red Ultra Red Orange Amber Yellow Green
REV NO: V.1 PAGE: 1 OF 4 APPROVED : Ying Liming CHECKED :Hu Wei DRAWN: Zhan Wenqi Ningbo Foryard Optoelectronics Co.,Ltd No.115 Qixin Road Jiangdong District Ningbo 315051,Ningbo,Zhejiang, China Tel:+86-574-87927870 fax:+86-574-87927917 Website:www.foryard.com
SMD LAMP FYLS-1206XX
o Electrical-optical characteristics: (Ta=25ae )
Parameter
Symbol
AlGaAs
GaAsP
AlGaInP
InGaN 120 100 30
Unit mW mA mA
Power Pad 60 80 75 Dissipation Peak Forward Ipf 150 150 150 Current * Continuous Iaf 25 30 30 Forward Current Notes: Test Condition = Duty 0.1,10KHZ * oPackage configuration & Internal circuit diagram:
Notes: dimensions are in millimeters (inches) All Tolerance is A 0.25(0.01")unless otherwise noted. Specificaions are subject to change whitout notice. o Absolute maximum ratings (Ta=25ae ) Reverse Voltage 5V Reverse Current 20A Operating Temperature Range -40ae to+85ae Storage Temperature Range -40ae to+85ae Lead Solder Temperature (1.6mm(1/16" )from body) 230aefor 5 Seconds
REV NO: V.1 PAGE: 2 OF 4 APPROVED : Ying Liming CHECKED :Hu Wei DRAWN: Zhan Wenqi Ningbo Foryard Optoelectronics Co.,Ltd No.115 Qixin Road Jiangdong District Ningbo 315051,Ningbo,Zhejiang, China Tel:+86-574-87927870 fax:+86-574-87927917 Website:www.foryard.com
SMD LAMP FYLS-1206XX
oTypical electrical-optical characteristics curves:
1.0 (A) (B) (C) (D) (2) (3) (8) (4) (1) ( 6 ) (5) (9) (10)
0.5
0 350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Wavelength(nm) RELATIVE INTENSITY Vs WAVELENGTH(|E ) p
(1) - GaAsP/GaAs 655nm/Red (2) - GaP 570nm/Yellow Green (3) - GaAsP/GaP 585nm/Yellow (4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red (5) - GaP 700nm/Bright Red (6) - GaAlAs/GaAs 660nm/Super Red (8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm (10) - GaAs/GaAs & GaAlAs/GaAs 940nm (A) - GaN/SiC 430nm/Blue (B) - InGaN/SiC 470nm/Blue (C) - InGaN/SiC 505nm/Ultra Green (D) - InGaAl/SiC 525nm/Ultra Green
50 F ORWARD CURRENT(mA)
RELATIV E LUMINOUS INTE NSITY 3 2 1 0.5 0.2 0.1 -30 -20 -10
1
8 64 5
23
4.0 1 3.0 F ORWARD CURRENT(mA)
R ELATIVE LUMINOUS INTENSIT Y
50 40 30 20 10 0
40 30 20 10 0 1.2
1 6 2,4,8,A 3 5
2.0
5 B
1.0 0 20 40 60 80 100
1.6
2.0
2.4
2.6
3.0
20
40
60
80
100
FORWARD VOLTAGE (Vf) FORWARD CURRENT VS. FORWARD VOLTAGE
FORWARD CURRENT (mA) RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
AMBIENT TEMPERATURE Ta(ae ) FORWARD CURRENT VS. AMBIENT TEMPERATURE
1 5 4 2 3
3KHz 300KHz 1KHz 100KHz F-REFRESH RATE 10 10KHz 9 8 7 6 5 Ipeak MAX . IDC M AX. 4 3 2 0 10 20 30 40 50 60 70 1 AMBIENT TEMPERATURE Ta(ae ) 1 10 100 1000 10,000 Ipeak M AX. IDC M AX.
3KHz 300Hz 30KHz 100KHz 10KHz 1KHz 100Hz 10 9 8 7 6 5 4 3 2 1
1
10
100
1000
10,000
tp-PULSE DURATION uS (1,2,3,4,6,8,B.D.J.K)
tp-PULSE DURATION uS (5)
NOTE:25ae free air temperature unless otherwise specified
REV NO: V.1 PAGE: 3 OF 4 APPROVED : Ying Liming CHECKED :Hu Wei DRAWN: Zhan Wenqi Ningbo Foryard Optoelectronics Co.,Ltd No.115 Qixin Road Jiangdong District Ningbo 315051,Ningbo,Zhejiang, China Tel:+86-574-87927870 fax:+86-574-87927917 Website:www.foryard.com
SMD LAMP FYLS-1206XX
Tape Specifications
Unit mm Tolerance 0. 1 A 1.50+0.10/-0 4.00A0.10 Cathode mark 1.75A0.100.23A0.05 2.00A0.05 3.50A0.05 5 8.00A0.20
3.5 0.10 A
4.00A0.10
1.88 0.10 1.00 0.01 A A
1.27 0.10 A
9 178A1.0 60+0.5/-0
Label sticking position
9.0A0.5 12.0A0.15
REV NO: V.1 PAGE: 4 OF 4 APPROVED : Ying Liming CHECKED :Hu Wei DRAWN: Zhan Wenqi Ningbo Foryard Optoelectronics Co.,Ltd No.115 Qixin Road Jiangdong District Ningbo 315051,Ningbo,Zhejiang, China Tel:+86-574-87927870 fax:+86-574-87927917 Website:www.foryard.com
13.5A0.5
PS


▲Up To Search▲   

 
Price & Availability of FYLS-1206HX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X