Part Number Hot Search : 
00IU1 FH50N20 SBR30 F2UAOR0 AN1381 KT931L51 MN3860B T5123T
Product Description
Full Text Search
 

To Download ESM2012DV03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ESM2012DV
NPN DARLINGTON POWER MODULE
s s s
s s
s s
HIGH CURRENT POWER BIPOLAR MODULE VERY LOW Rth JUNCTION TO CASE SPECIFIED ACCIDENTAL OVERLOAD AREAS ULTRAFAST FREEWHEELING DIODE FULLY INSULATED PACKAGE (UL COMPLIANT) EASY TO MOUNT LOW INTERNAL PARASITIC INDUCTANCE
INDUSTRIAL APPLICATIONS: MOTOR CONTROL s UPS s DC/DC & DC/AC CONVERTERS
s
ISOTOP
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEV V EBO IC I CM IB I BM P tot V isol T stg Tj Parameter Collector-Emitter Voltage (V BE = -5 V) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p = 10 ms) Base Current Base Peak Current (t p = 10 ms) Total Dissipation at T c = 25 o C Insulation Withstand Voltage (RMS) from All Four Terminals to Exernal Heatsink Storage Temperature Max. Operating Junction Temperature Value 150 120 7 120 180 2 4 175 2500 -55 to 150 150 Unit V V V A A A A W V
o o
V CEO(sus) Collector-Emitter Voltage (I B = 0)
C C
September 2003
1/8
ESM2012DV
THERMAL DATA
R thj-case R thj-case R thc-h Thermal Resistance Junction-case (transistor) Thermal Resistance Junction-case (diode) Thermal Resistance Case-heatsink With Conductive Grease Applied Max Max Max 0.7 0.9 0.05
o o o
C/W C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CER # I CEV # I EBO # Parameter Collector Cut-off Current (R BE = 5 ) Collector Cut-off Current (V BE = -5V) Emitter Cut-off Current (I C = 0) Test Conditions V CE = V CEV V CE = V CEV V CE = V CEV V CE = V CEV V EB = 5 V IC = 5 A L = 15 mH V clamp = 125 V I C = 100 A IC IC IC IC = = = = 70 A 70 A 100 A 100 A V CE = 5 V IB IB IB IB = = = = 0.25 A 0.25 A T j = 100 o C 1A 1 A T j = 100 o C T j = 100 o C 200 125 T j = 100 o C T j = 100 o C Min. Typ. Max. 1.5 10 1 7 1 Unit mA mA mA mA mA V
V CEO(SUS) * Collector-Emitter Sustaining Voltage (I B = 0) h FE V CE(sat) DC Current Gain Collector-Emitter Saturation Voltage
1200 1.25 1.35 1.5 1.65 2.3 2.35 230 2 3 1.5 2 3 V V V V V V A/s V
V BE(sat) di C /dt V CE (3 s)** V CE (5 s)** ts tf tc V CEW
Base-Emitter Saturation Voltage Rate of Rise of On-state Collector Collector-Emitter Dynamic Voltage Collector-Emitter Dynamic Voltage Storage Time Fall Time Cross-over Time Maximum Collector Emitter Voltage Without Snubber Diode Forward Voltage Reverse Recovery Current
I C = 100 A I C = 100 A V CC = 90 V I B1 = 0.5 A V CC = 90 V I B1 = 0.5 A V CC = 90 V I B1 = 0.5 A
IB = 1 A IB = 1 A
RC = 0 tp = 3 s T j = 100 o C R C = 1.3 T j = 100 o C R C = 1.3 T j = 100 o C V CC = 90 V R BB = I B1 = 0.25 A o T j = 100 C I B1 = 1A V CC = 90 V R BB = 1.25 T j = 100 o C
1.8
2.5
V
I C = 70 A V BB = -5 V V clamp = 125 V L = 60 H I CWoff = 120 A V BB = -5 V L = 60 H T j = 125 o C I F = 100 A
0.9 0.15 0.3 125
2 0.3 0.6
s s s V
VF I RM
0.92 10
1 14
V A
V CC = 125 V I F = 100 A di F /dt = -200 A/s L < 0.05 H T j = 100 o C
Pulsed: Pulse duration = 300 s, duty cycle 1.5 % # See test circuits in databook introduction To evaluate the conduction losses of the diode use the following equations: P = 0.66 IF(AV) + 0.0034 I2F(RMS) VF = 0.66 + 0.0034 IF
2/8
ESM2012DV
Safe Operating Areas Thermal Impedance
Derating Curve
Collector-emitter Voltage Versus base-emitter Resistance
Collector Emitter Saturation Voltage
Base-Emitter Saturation Voltage
3/8
ESM2012DV
Reverse Biased SOA Foward Biased SOA
Reverse Biased AOA
Forward Biased AOA
Switching Times Inductive Load
Switching Times Inductive Load Versus Temperature
4/8
ESM2012DV
Dc Current Gain Typical VF Versus IF
Peak Reverse Current Versus diF/dt
Turn-on Switching Test Circuit
Turn-on Switching Waveforms
5/8
ESM2012DV
Turn-on Switching Test Circuit Turn-off Switching Waveforms
Turn-off Switching Test Circuit of Diode
Turn-off Switching Waveform of Diode
6/8
ESM2012DV
ISOTOP MECHANICAL DATA
DIM. MIN. A A1 B C C2 D D1 E E1 E2 G G1 G2 F F1 P P1 S 14.9 12.6 3.5 4.1 4.6 4 4 30.1 11.8 8.9 7.8 0.75 1.95 37.8 31.5 25.15 23.85 24.8 15.1 12.8 4.3 4.3 5 4.3 4.4 30.3 0.586 0.496 0.137 0.161 0.181 0.157 0.157 1.185 mm TYP. MAX. 12.2 9.1 8.2 0.85 2.05 38.2 31.7 25.5 24.15 MIN. 0.465 0.350 0.307 0.029 0.076 1.488 1.240 0.990 0.938 0.976 0.594 0.503 1.169 0.169 0.196 0.169 0.173 1.193 inch TYP. MAX. 0.480 0.358 0.322 0.033 0.080 1.503 1.248 1.003 0.950
P093A
7/8
ESM2012DV
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2003 STMicroelectronics - All Rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of ESM2012DV03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X