Part Number Hot Search : 
SB250 IL3842N 1N4454 PMD17K60 Z89304 SD01127 TC170 B1A0A
Product Description
Full Text Search
 

To Download ESDA05C-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05197
ESDA05C-4
Only One Name Means ProT ek'TionTM
LOW CAPACIT ANCE TVS ARRA Y
APPLICA TIONS Set-Top Boxes Modems Computers Printers Communication Systems IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns FEA TURES ESD Protection > 25 kilovolts 80 Watt Peak Pulse Power per Line (tp = 8/20s) Low Clamping Voltage Provides Four (4) Lines of Protection Bidirectional Configuration LOW LEAKAGE CURRENT < 1.0A LOW CAPACITANCE: 15pF Per Diode RoHS Compliant on Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC SOT-23-6 Weight 16 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Marking: Marking Code & Pin One Defined By DOT on Top of Package
SOT-23-6
PIN CONFIGURA TION
1 2 3
6 5 4
05197.R0 4/05
1
www.protekdevices.com
ESDA05C-4
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP TJ TSTG VALUE 80 -55C to 150C -55C to 150C UNITS Watts C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Note 1) DEVICE MARKING RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE (See Note 2)
VWM VOLTS ESDA05C-4 ED4 5.0
@ 1mA V(BR) VOLTS 6.1
@VWM ID A 1
@0V, 1 MHz C pF 15
Note 1: Bidirectional Only: Test between pins 2 to 1, 2 to 6, 2 to 5, 2 to 4 and 2 to 3 Electrical characteristics apply in both directions. Note 2: Bidirectional Only: Capacitance measured between pins 1, 3, 4, 5, and 6 to 2.
05197.R0 4/05
2
www.protekdevices.com
ESDA05C-4
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
1,000
PPP - Peak Pulse Current - Watts
100
80W, 8/20s Waveform
10
1 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
120
IPP - Peak Pulse Current - % of IPP
FIGURE 2 PULSE WAVE FORM
tf Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
100 80 60 40 20 0 0 5
e-t
td = t I /2 PP
10
15 t - Time - s
20
25
30
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
05197.R0 4/05
3
www.protekdevices.com
ESDA05C-4
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
SOT-23-6
D E
6
5
4 K J 0 - 10
PACKAGE DIMENSIONS
DIM MILLIMETERS MIN MAX 2.80 1.50 0.90 0.35 0.85 1.70 0.90 0.090 2.60 0.20 TYP 0.35 INCHES MIN MAX
1
2
3 L J B M
V F A
G
C
A B C D E F G J K L M
NOTES
3.05 0.110 0.120 1.75 0.059 0.070 1.30 0.036 0.051 0.50 0.014 0.020 1.05 0.033 0.040 2.10 0.067 0.083 1.45 0.036 0.057 0.20 0.0035 0.008 3.00 0.102 0.118 0.20 TYP 0.007 TYP 0.007 TYP 0.55 0.014 0.022
MOUNTING PAD
0.094" (2.40mm)
1. Dimensioning and tolerances per ANSI Y14.5M, 1985. 2. Controlling Dimension: Inches 3. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., ESDA05C-4-T7. 3. Suffix-T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., ESDA05C-4-T13. 4. Suffix- LF = Lead-Free, Pure-Tin Plating, i.e., ESDA05C-4-LF-T13.
0.074" (1.90mm)
0.028" (0.70mm) 0.037" (0.95mm) 0.039" (1.00mm)
Outline & Dimensions: Rev 1 - 11/01, 06013
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05197.R0 4/05
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of ESDA05C-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X