Part Number Hot Search : 
SR810 NJM741V DAC33 32900 SBL3040C 93L66 N25F40 3266P501
Product Description
Full Text Search
 

To Download ES2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES2A THRU ES2J
2.0 AMPS. Super Fast Surface Mount Rectifiers
Voltage Range 50 to 600 Volts Current 2.0 Amperes
Features
Glass passivated junction chip For surface mounted application Low profile package Built-in strain relief Ideal for automated placement Easy pick and place Superfast recovery time for high efficiency Glass passivated chip junction High temperature soldering: O 260 C/10 seconds at terminals Plastic material used carries Underwriters Laboratory Classification 94V-O
.082(2.08) .076(1.93)
SMB/DO-214AA
.147(3.73) .137(3.48)
.187(4.75) .167(4.25) .012(.31) .006(.15)
.103(2.61) .078(1.99) .012(.31) .006(.15) .056(1.41) .035(0.90) .208(5.28) .200(5.08) .008(.20) .004(.10)
Mechanical Data
Cases: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Packing: 12mm tape per E1A STD RS-481 Weight: 0.093 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol ES ES ES Type Number 2A 2B 2C Maximum Recurrent Peak Reverse 50 100 150 VRRM
Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 2.0A Maximum DC Reverse Current @TA =25 at Rated DC Blocking Voltage @ TA=100 Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance ( Note 2 ) Maximum Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
ES 2D 200 140 200
ES 2F 300 210 300
ES 2G 400 280 400
ES 2H 500 350 500
ES 2J 600 420 600
Units
V V V A A
VRMS VDC I(AV) IFSM VF IR Trr Cj
RJA RJL TJ TSTG
35 50
70 100
105 150
2.0 50 0.95 10 350 35 25 75 20 -55 to +150 -55 to + 150 20 1.3 1.7
V uA uA nS pF /W
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied VR=4.0 Volts 3. Units Mounted on P.C.B. 0.4 x 0.4" (10 x 10mm) Pad Areas
- 168 -
RATINGS AND CHARACTERISTIC CURVES (ES2A THRU ES2J)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
3.0 60 RESISTIVE OR INDUCTIVE LOAD 0.4X0.4"(10X10mm) COPPER PAD AREAS 2.0
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
8.3ms Single Half Sine Wave o (JEDEC Method) at TL=120 C
AVERAGE FORWARD CURRENT. (A)
50
40
30
1.0
20 10 0 1 10 NUMBER OF CYCLES AT 60Hz 100
0 80 90 100 110 120
o
130
140
150
LEAD TEMPERATURE. ( C)
60
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
10
100 Tj=125 0C
2A
-D
ES
ES
2F
-G
ES
2H
1
-J
10 Tj=85 0C
1 Tj=25 0C
0.1
0.1
0.01 0.4
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 20 40 60 80 100 120 140 FORWARD VOLTAGE. (V) PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
60
JUNCTION CAPACITANCE.(pF)
50
Tj=25 0C f=1.0MHz Vsig=50mVp-p
40
30 20
ES
2A
-D
ES
2F
-J
10 0 0 1 10 100 REVERSE VOLTAGE. (V)
- 169 -


▲Up To Search▲   

 
Price & Availability of ES2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X