Part Number Hot Search : 
HNF364 C0603 G903T66U D8086 C0603 KMZ52 MOB34T 820000
Product Description
Full Text Search
 

To Download CS5207-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS5207-2 7.0 A, 1.5 V Fixed Linear Regulator
The CS5207-2 provides 7.0 A at 1.5 V with an accuracy of 2.0 %. The regulator is intended for use as an active termination for the GTL bus on Intel based motherboards. The fast loop response and low dropout voltage make these regulators ideal for applications where low voltage operation and good transient response are important. The circuit is designed to operate with dropout voltages as low as 1.0 V depending on the output current level. The maximum quiescent current is only 10 mA at full load. The regulators are fully protected against overload conditions with protection circuitry for Safe Operating Area (SOA), overcurrent and thermal shutdown. The CS5207-2 is available in TO-220 packages. Features * Output Current to 7.0 A * Output Voltage Trimmed to 2.0% * Dropout Voltage 1.45 V @ 7.0 A * Fast Transient Response * Fault Protection Circuitry - Thermal Shutdown - Overcurrent Protection - Safe Area Protection
1 2 3
http://onsemi.com
TO-220 THREE LEAD T SUFFIX CASE 221A
PIN CONNECTIONS AND MARKING DIAGRAMS
CS5207-2 AWLYWW
Tab = VOUT Pin 1. GND 2. VOUT 3. VIN
VIN
VOUT
1 A WL, L YY, Y WW, W = Assembly Location = Wafer Lot = Year = Work Week
Output Current Limit Thermal Shutdown - + Error Amplifier
ORDERING INFORMATION*
Device CS5207-2GT3 GND Package TO-220 Shipping 50 Units/Rail
Bandgap
*Additional ordering information can be found on page 5 of this data sheet. TO-220 is 3-pin, straight leaded.
Figure 1. Block Diagram
(c) Semiconductor Components Industries, LLC, 2006
September, 2006 - Rev. 8
1
Publication Order Number: CS5207-2/D
CS5207-2
MAXIMUM RATINGS*
Parameter Supply Voltage, VCC Operating Temperature Range Junction Temperature Storage Temperature Range Lead Temperature Soldering: ESD Damage Threshold 1. 10 second maximum. *The maximum package power dissipation must be observed. Wave Solder (through hole styles only) Note 1 Value 17 -40 to +70 150 -60 to +150 260 Peak 2.0 Unit V C C C C kV
ELECTRICAL CHARACTERISTICS (CIN = 10 F, COUT = 22 F Tantalum, VIN - VOUT = 3.0 V, VIN 10 V, 0C TA 70C,
TJ +150C, unless otherwise specified, Ifull load = 7.0 A) Characteristic Fixed Output Voltage Output Voltage (Notes 2 and 3) Line Regulation Load Regulation (Notes 2 and 3) Dropout Voltage (Note 4) Current Limit Quiescent Current Thermal Regulation Ripple Rejection Temperature Stability RMS Output Noise (%VOUT) Thermal Shutdown Thermal Shutdown Hysteresis 10 Hz f 10 kHz - - VIN - VOUT = 1.65 V; 0 IOUT 7.0 A 1.65 V VIN - VOUT 6.0 V; IOUT = 10 mA VIN - VOUT = 1.65 V; 10 mA IOUT 7.0 A IOUT = 7.0 A VIN - VOUT = 3.0 V; TJ 25C VIN - VOUT = 12 V VIN 9.0 V; IOUT = 10 mA 30 ms Pulse, TA = 25C f = 120 Hz; IOUT = 7.0 A - 1.47 (-2.0%) - - - 7.1 - - - - - - 150 - 1.50 0.04 0.08 1.42 8.5 1.0 5.0 0.003 80 0.5 0.003 180 25 1.53 (+2.0%) 0.20 0.40 1.65 - - 10 - - - - - - V % % V A A mA %/W dB % %/VOUT C C Test Conditions Min Typ Max Unit
2. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output voltage due to thermal gradients or temperature changes must be taken into account seperately. 3. Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4" from the bottom of the package. 4. Dropout voltage is a measurement of the minimum input/output differential at full load. PACKAGE PIN DESCRIPTION Package Pin Number TO-220 1 2 3 Pin Symbol GND VOUT VIN Ground connection. Regulated output voltage (case). Input voltage. Function
http://onsemi.com
2
CS5207-2
TYPICAL PERFORMANCE CHARACTERISTICS
1.55 1.50 1.45 1.40 1.35 1.30 1.25 1.20 1.15 1.10 1.05 1.00 0.95 0.90 0.85 0.80 0.75 0.70 0.10 0.08 Output Voltage Deviation (%)
6 7
0.06 0.04 0.02 0.00 -0.02 -0.04 -0.06 -0.08 -0.10 -0.12
Dropout Voltage (V)
TCASE = 0C TCASE = 25C
TCASE = 125C
0
1
2
3
4
5
0
10 20 30 40 50 60 70 80 90 100 110 120 130
Output Current (A)
TJ (C)
Figure 2. Dropout Voltage vs. Output Current
0.200 Output Voltage Deviation (%) 0.175 0.150 0.125 0.100 0.075 0.050 0.025 0.000
0 1 2 3 4 TCASE = 0C TCASE = 25C TCASE = 125C
Figure 3. Output Voltage vs. Temperature
100 90 80 Ripple Rejection (dB) 70 60 50 40 30 20 10
5 6 7 TCASE = 25C
IOUT = 7.0 A (VIN - VOUT) = 3.0 V VRIPPLE = 1.6 VPP
0
101
102
103
104
105
Output Current (A)
Frequency (Hz)
Figure 4. Load Regulation vs. Output Current
Figure 5. Ripple Rejection vs. Frequency
http://onsemi.com
3
CS5207-2
APPLICATIONS INFORMATION The CS5207-2 linear regulator provides a fixed 1.5 V output at currents up to 7.0 A. The regulator is protected against short circuit, and includes thermal shutdown and safe area protection (SOA) circuitry. The SOA protection circuitry decreases the maximum available output current as the input-output differential voltage increase. The CS5207-2 has a composite PNP-NPN output transistor and requires an output capacitor for stability. A detailed procedure for selecting this capacitor is included in the Stability Considerations section.
Stability Considerations Protection Diodes
The output or compensation capacitor helps determine three main characteristics of a linear regulator: start-up delay, load transient response, and loop stability. The capacitor value and type is based on cost, availability, size and temperature constraints. A tantalum or aluminum electrolytic capacitor is best, since a film or ceramic capacitor with almost zero ESR can cause instability. The aluminum electrolytic capacitor is the least expensive solution. However, when the circuit operates at low temperatures, both the value and ESR of the capacitor will vary considerably. The capacitor manufacturer's data sheet provides this information. A 22 F tantalum capacitor will work for most applications, but with high current regulators such as the CS5207-2 the transient response and stability improve with higher values of capacitance. The majority of applications for this regulator involve large changes in load current so the output capacitor must supply the instantaneous load current. The ESR of the output capacitor causes an immediate drop in output voltage given by:
DV + DI ESR
When large external capacitors are used with a linear regulator it is sometimes necessary to add protection diodes. If the input voltage of the regulator gets shorted, the output capacitor will discharge into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage and the rate at which VIN drops. In the CS5207-2 linear regulator, the discharge path is through a large junction and protection diodes are not usually needed. If the regulator is used with large values of output capacitance and the input voltage is instantaneously shorted to ground, damage can occur. In this case, a diode connected as shown in Figure 6 is recommended.
IN4002 (Optional) VIN C1 VOUT
VIN
VOUT
CS5207-2 GND
C2
Figure 6. Protection Diode Scheme for Fixed Output Regulators Output Voltage Sensing
Since the CS5207-2 is a three terminal regulator, it is not possible to provide true remote load sensing. Load regulation is limited by the resistance of the conductors connecting the regulator to the load. For best results the regulator should be connected as shown in Figure 7.
Conductor Parasitic Resistance
For microprocessor applications it is customary to use an output capacitor network consisting of several tantalum and ceramic capacitors in parallel. This reduces the overall ESR and reduces the instantaneous output voltage drop under transient load conditions. The output capacitor network should be as close to the load as possible for the best results.
VIN
VIN
VOUT CS5207-2
RC
RLOAD
Figure 7. Conductor Parasitic Resistance Effects Can Be Minimized With the Above Grounding Scheme for Fixed Output Regulators
http://onsemi.com
4
CS5207-2
Calculating Power Dissipation and Heat Sink Requirements
The CS5207-2 includes thermal shutdown and safe operating area circuitry to protect the device. High power regulators such as these usually operate at high junction temperatures so it is important to calculate the power dissipation and junction temperatures accurately to ensure that an adequate heat sink is used. The case is connected to VOUT on the CS5207-2, electrical isolation may be required for some applications. Thermal compound should always be used with high current regulators such as these. The thermal characteristics of an IC depend on the following four factors: 1. 2. 3. 4. Maximum Ambient Temperature TA (C) Power dissipation PD (Watts) Maximum junction temperature TJ (C) Thermal resistance junction to ambient RJA (C/W) These four are related by the equation
TJ + TA ) PD RQJA
(1)
A heat sink effectively increases the surface area of the package to improve the flow of heat away from the IC and into the surrounding air. Each material in the heat flow path between the IC and the outside environment has a thermal resistance. Like series electrical resistances, these resistances are summed to determine RJA, the total thermal resistance between the junction and the surrounding air. 1. Thermal Resistance of the junction to case, RJC (C/W) 2. Thermal Resistance of the case to Heat Sink, RCS (C/W) 3. Thermal Resistance of the Heat Sink to the ambient air, RSA (C/W) These are connected by the equation:
RQJA + RQJC ) RQCS ) RQSA
(3)
The maximum ambient temperature and the power dissipation are determined by the design while the maximum junction temperature and the thermal resistance depend on the manufacturer and the package type. The maximum power dissipation for a regulator is:
PD(max) + {VIN(max) * VOUT(min)}IOUT(max) ) VIN(max)IQ (2)
where: VIN(max) is the maximum input voltage, VOUT(min) is the minimum output voltage, IOUT(max) is the maximum output current, for the application IQ is the maximum quiescent current at IOUT(max).
The value for RJA is calculated using equation (3) and the result can be substituted in equation (1). RJC is 1.6C/Watt for the CS5207-2. For a high current regulator such as the CS5207-2 the majority of the heat is generated in the power transistor section. The value for RSA depends on the heat sink type, while RCS depends on factors such as package type, heat sink interface (is an insulator and thermal grease used?), and the contact area between the heat sink and the package. Once these calculations are complete, the maximum permissible value of RJA can be calculated and the proper heat sink selected. For further discussion on heat sink selection, see application note "Thermal Management," document number AND8036/D, available through the Literature Distribution Center or via our website at http://onsemi.com.
ADDITIONAL ORDERING INFORMATION Orderable Part Number CS5207-2GT3 Type 7.0 A, 1.5 V Output Description TO-220 THREE LEAD, STRAIGHT
http://onsemi.com
5
CS5207-2
PACKAGE DIMENSIONS
TO-220 THREE LEAD T SUFFIX CASE 221A-08 ISSUE AA
-T- -B- F T C S
SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L N Q R S T U V INCHES MIN MAX 0.560 0.625 0.380 0.420 0.140 0.190 0.025 0.035 0.139 0.155 0.100 BSC --- 0.280 0.012 0.045 0.500 0.580 0.045 0.060 0.200 BSC 0.100 0.135 0.080 0.115 0.020 0.055 0.235 0.255 0.000 0.050 0.045 --- MILLIMETERS MIN MAX 14.23 15.87 9.66 10.66 3.56 4.82 0.64 0.89 3.53 3.93 2.54 BSC --- 7.11 0.31 1.14 12.70 14.73 1.15 1.52 5.08 BSC 2.54 3.42 2.04 2.92 0.51 1.39 5.97 6.47 0.00 1.27 1.15 ---
Q H
4 123
A U K
-Y-
L V G D 3 PL 0.25 (0.010)
M
R J B
M
N
Y
PACKAGE THERMAL DATA Parameter RJC RJA Typical Typical TO-220 THREE LEAD 1.6 50 Unit C/W C/W
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
CS5207-2/D


▲Up To Search▲   

 
Price & Availability of CS5207-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X