Part Number Hot Search : 
AD1939 VN3205N3 22S1GD08 ST25W16 C1000 TS274CDT NCP5392Q ISL6608
Product Description
Full Text Search
 

To Download BZX84CXXXET3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C2V4ET1 Series Zener Voltage Regulators
225 mW SOT-23 Surface Mount
This series of Zener diodes is offered in the convenient, surface mount plastic SOT-23 package. These devices are designed to provide voltage regulation with minimum space requirement. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.
Specification Features
http://onsemi.com
3 Cathode 1 Anode
* * * * * * *
225 mW Rating on FR-4 or FR-5 Board Zener Breakdown Voltage Range - 2.4 V to 75 V Package Designed for Optimal Automated Board Assembly Small Package Size for High Density Applications ESD Rating of Class 3 (>16 kV) per Human Body Model Peak Power - 225 W (8 X 20 ms) Pb-Free Packages are Available
3 1 2
Mechanical Characteristics CASE: Void-free, transfer-molded, thermosetting plastic case FINISH: Corrosion resistant finish, easily solderable MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
SOT-23 CASE 318 STYLE 8
MARKING DIAGRAM
260C for 10 Seconds
POLARITY: Cathode indicated by polarity band FLAMMABILITY RATING: UL 94 V-0
1 xxx M G G
MAXIMUM RATINGS
Rating Peak Power Dissipation @ 20 ms (Note 1) @ TL 25C Total Power Dissipation on FR-5 Board, (Note 2) @ TA = 25C Derated above 25C Thermal Resistance, Junction-to-Ambient Total Power Dissipation on Alumina Substrate, (Note 3) @ TA = 25C Derated above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Range Symbol Ppk PD 225 1.8 RqJA PD 300 2.4 RqJA TJ, Tstg 417 -65 to +150 mW mW/C C/W C 556 mW mW/C C/W Max 225 Unit W
xxx = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location.
ORDERING INFORMATION
Device BZX84CxxxET1 BZX84CxxxET1G BZX84CxxxET3 BZX84CXXXET3G Package SOT-23 SOT-23 (Pb-Free) SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Nonrepetitive current pulse per Figure 9. 2. FR-5 = 1.0 X 0.75 X 0.62 in. 3. Alumina = 0.4 X 0.3 X 0.024 in, 99.5% alumina.
SOT-23 10,000/Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking column of the Electrical Characteristics table on page 3 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2005
1
August, 2005 - Rev. 5
Publication Order Number: BZX84C2V4ET1/D
BZX84C2V4ET1 Series
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25C unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA) Symbol VZ IZT ZZT IR VR IF VF QVZ C Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF Maximum Temperature Coefficient of VZ Max. Capacitance @ VR = 0 and f = 1 MHz VZ VR IR VF IZT V IF I
Zener Voltage Regulator
http://onsemi.com
2
BZX84C2V4ET1 Series
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
VZ1 (V) @ IZT1 = 5 mA (Note 4) Device* BZX84C2V4ET1, G BZX84C2V7ET1, G BZX84C3V0ET1, G BZX84C3V3ET1, G BZX84C3V6ET1, G BZX84C3V9ET1, G BZX84C4V3ET1, G BZX84C4V7ET1, G BZX84C5V1ET1, G BZX84C5V6ET1, G BZX84C6V2ET1, G BZX84C6V8ET1, G BZX84C7V5ET1, G BZX84C8V2ET1, G BZX84C9V1ET1, G BZX84C10ET1, G BZX84C11ET1, G BZX84C12ET1, G BZX84C13ET1, G BZX84C15ET1, G BZX84C16ET1, G BZX84C18ET1, G BZX84C20ET1, G BZX84C22ET1, G BZX84C24ET1, G Device Marking BA1 BA2 BA3 BA4 BA5 BA6 BA7 BA9 BB1 BB2 BB3 BB4 BB5 BB6 BB7 BB8 BB9 BC1 BC2 BC3 BC4 BC5 BC6 BC7 BC8 Min 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 Nom 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 Max 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 VZ2 (V) @ IZT2 = 1 mA (Note 4) Min 1.7 1.9 2.1 2.3 2.7 2.9 3.3 3.7 4.2 4.8 5.6 6.3 6.9 7.6 8.4 9.3 10.2 11.2 12.3 13.7 15.2 16.7 18.7 20.7 22.7 Max 2.1 2.4 2.7 2.9 3.3 3.5 4.0 4.7 5.3 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14 15.5 17 19 21.1 23.2 25.5 VZ3 (V) @ IZT3=20 mA (Note 4) Min 2.6 3.0 3.3 3.6 3.9 4.1 4.4 4.5 5.0 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.5 13.9 15.4 16.9 18.9 20.9 22.9 Max 3.2 3.6 3.9 4.2 4.5 4.7 5.1 5.4 5.9 6.3 6.8 7.4 8.0 8.8 9.7 10.7 11.8 12.9 14.2 15.7 17.2 19.2 21.4 23.4 25.7 Max Reverse Leakage Current V IR @R (V) mA 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14 15.4 16.8 qVZ C (pF) (mV/k) @ @ IZT1=5 mA VR = 0 f= Min Max 1 MHz -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 0 0 0 0 0 -2.5 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 11 13 14 16 18 20 22 450 450 450 450 450 450 450 260 225 200 185 155 140 135 130 130 130 130 120 110 105 100 85 85 80
ZZT1 (W) @ IZT1 = 5 mA 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70
ZZT2 (W) @ IZT2 = 1 mA 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250
ZZT3 (W) @ IZT3= 20 mA 50 50 50 40 40 30 30 15 15 10 6 6 6 6 8 10 10 10 15 20 20 20 20 25 25
VZ1 Below @ IZT1 = 2 mA Device BZX84C27ET1, G BZX84C30ET1 BZX84C33ET1, G BZX84C36ET1, G BZX84C39ET1, G BZX84C43ET1, G BZX84C47ET1, G BZX84C51ET1, G BZX84C56ET1, G BZX84C62ET1, G BZX84C68ET1, G BZX84C75ET1, G Device Marking BC9 BD1 BD2 BD3 BD4 BK6 BD5 BD6 BD7 BD8 BD9 BE1 Min 25.1 28 31 34 37 40 44 48 52 58 64 70 Nom 27 30 33 36 39 43 47 51 56 62 68 75 Max 28.9 32 35 38 41 46 50 54 60 66 72 79
ZZT1 Below @ IZT1 = 2 mA 80 80 80 90 130 150 170 180 200 215 240 255
VZ2 Below @ IZT2 = 0.1 mA Min 25 27.8 30.8 33.8 36.7 39.7 43.7 47.6 51.5 57.4 63.4 69.4 Max 28.9 32 35 38 41 46 50 54 60 66 72 79
ZZT2 Below @ IZT4 = 0.5 mA 300 300 325 350 350 375 375 400 425 450 475 500
VZ3 Below @ IZT3 = 10 mA Min 25.2 28.1 31.1 34.1 37.1 40.1 44.1 48.1 52.1 58.2 64.2 70.3 Max 29.3 32.4 35.4 38.4 41.5 46.5 50.5 54.6 60.8 67 73.2 80.2
ZZT3 Below @ IZT3 = 10 mA 45 50 55 60 70 80 90 100 110 120 130 140
Max Reverse Leakage Current V IR @R (V) mA 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 18.9 21 23.1 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5
qVZ (mV/k) Below @ IZT1 = 2 mA Min 21.4 24.4 27.4 30.4 33.4 37.6 42 46.6 52.2 58.8 65.6 73.4 Max 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6
C (pF) @ VR =0 f= 1 MHz 70 70 70 70 45 40 40 40 40 35 35 35
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25C * The "G" suffix indicates Pb-Free package available.
http://onsemi.com
3
BZX84C2V4ET1 Series
TYPICAL CHARACTERISTICS
8 7 6 5 4 3 2 1 0 VZ @ IZT TYPICAL TC VALUES 100 VZ , TEMPERATURE COEFFICIENT (mV/ C) TYPICAL TC VALUES
VZ , TEMPERATURE COEFFICIENT (mV/ C)
VZ @ IZT
10
-1
-2 -3 2
3
4 5 6 7 8 9 10 VZ, NOMINAL ZENER VOLTAGE (V)
11
12
1
10 VZ, NOMINAL ZENER VOLTAGE (V)
100
Figure 1. Temperature Coefficients (Temperature Range - 55C to +150C)
Figure 2. Temperature Coefficients (Temperature Range - 55C to +150C)
1000 Z ZT, DYNAMIC IMPEDANCE ( ) IZ = 1 mA TJ = 255C IZ(AC) = 0.1 IZ(DC) f = 1 kHz
1000 IF, FORWARD CURRENT (mA) 75 V (MMBZ5267BLT1) 91 V (MMBZ5270BLT1)
100 5 mA 20 mA 10
100
10
150C 1 1 10 VZ, NOMINAL ZENER VOLTAGE 100 1 0.4 0.5
75C 25C
0C 1.1 1.2
0.6 0.7 0.8 0.9 1.0 VF, FORWARD VOLTAGE (V)
Figure 3. Effect of Zener Voltage on Zener Impedance
Figure 4. Typical Forward Voltage
http://onsemi.com
4
BZX84C2V4ET1 Series
TYPICAL CHARACTERISTICS
1000 0 V BIAS C, CAPACITANCE (pF) 1 V BIAS TA = 25C 1000 I R , LEAKAGE CURRENT (A) 100 10 1 0.1 +150C
100 BIAS AT 50% OF VZ NOM 10
0.01 + 25C -55C 0 10 20 30 40 50 60 70 VZ, NOMINAL ZENER VOLTAGE (V) 80 90
0.001 0.0001 1 1 10 VZ, NOMINAL ZENER VOLTAGE (V) 100 0.00001
Figure 5. Typical Capacitance
Figure 6. Typical Leakage Current
100 I Z, ZENER CURRENT (mA) TA = 25C I Z , ZENER CURRENT (mA) 10
100 TA = 25C 10
1
1
0.1
0.1
0.01
0
2
4 6 8 VZ, ZENER VOLTAGE (V)
10
12
0.01
10
30
50 70 VZ, ZENER VOLTAGE (V)
90
Figure 7. Zener Voltage versus Zener Current (VZ Up to 12 V)
100 % OF PEAK PULSE CURRENT 90 80 70 60 50 40 30 20 10 0 0 20 40 tP tr
Figure 8. Zener Voltage versus Zener Current (12 V to 91 V)
PEAK VALUE IRSM @ 8 ms PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAY = 8 ms HALF VALUE IRSM/2 @ 20 ms
60
80
t, TIME (ms)
Figure 9. 8 x 20 ms Pulse Waveform
http://onsemi.com
5
BZX84C2V4ET1 Series
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AL
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. DIM A A1 b c D E e L HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.35 2.10 MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.54 0.69 2.40 2.64 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.014 0.083 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.021 0.094 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.029 0.104
3 1 2
E HE
e
A b A1 L C
STYLE 9: PIN 1. ANODE 2. ANODE 3. CATHODE
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
BZX84C2V4ET1/D


▲Up To Search▲   

 
Price & Availability of BZX84CXXXET3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X