Part Number Hot Search : 
CEE125 MC10H643 SFT66781 ZB4BP5 2N3337 SDR1K TSL13S NJM2153
Product Description
Full Text Search
 

To Download BUT10003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUT100
HIGH POWER NPN SILICON TRANSISTOR
s
s s s s
STMicroelectronics PREFERRED SALESTYPE NPN TRANSISTOR HIGH CURRENT CAPABILITY FAST SWITCHING SPEED HIGH RUGGEDNESS
APPLICATION MOTOR CONTROL s UNINTERRUPTABLE POWER SUPPLY
s
1 2
TO-3 (version " S ")
DESCRIPTION The BUT100 is a Multiepitaxial Planar NPN Transistor in TO-3 package. It is intended for use in high frequency and efficency converters, switching regulators and motor control.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEV V CEO V EBO IE I EM IB I BM P tot T stg Tj Parameter Collector-Emitter Voltage (V BE = -1.5V) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Emitter Current Emitter Peak Current Base Current Base Peak Current Total Dissipation at T c < 25 o C Storage Temperature Max. Operating Junction Temperature Value 200 125 7 50 150 10 30 300 -65 to 200 200 Unit V V V A A A A W
o o
C C
February 2003
1/4
BUT100
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 0.58
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CER I CEV I EBO Parameter Collector Cut-off Current (R BE = 5) Collector Cut-off Current (V BE = -1.5V) Emitter Cut-off Current (I C = 0) Test Conditions V CE = V CEV V CE = V CEV V CE = V CEV V CE = VCEV V EB = 5 V I C = 0.2 A L = 25mH 125 T C = 100 o C T C = 100 o C Min. Typ. Max. 1 5 1 4 1 Unit mA mA mA mA mA V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V EBO V CE(sat) Emitter-Base Voltage (I C = 0) Collector-Emitter Saturation Voltage
I E = 50mA IC IC IC IC IC IC IC IC = = = = = = = = 50A 100A 50A 100A 50A 100A 50A 100A IB IB IB IB IB IB IB IB = = = = = = = = 2.5A 10A 2.5A 10A 2.5A 10A 2.5A 10A
7 0.9 0.9 1.2 1.5 1.4 2 1.4 2.1 180
V V V V V V V V V A/s
T c = 100 o C T c = 100 o C
V BE(sat)
Base-Emitter Saturation Voltage
T c = 100 o C T c = 100 o C
di c /dt
Rate of Rise of on-state Collector Current INDUCTIVE LOAD Storage time Fall Time Crossover Time Maximum Collector Emitter Voltage without Snubber
V CC = 100V R C = 0 I B1 = 5A T c = 100 o C T p = 3s V CC = 90V I C = 50A V BB = - 5V R B2 = 1 V CC = 90V VBB = - 5V L C = 30H T c = 125 o C V clamp = 125 V I B1 = 2.5A L C = 80H T c = 100 o C I CWoff = 150A I B1 = 10A R B2 = 1
ts tf tc V CEW
2 0.2 0.35 125
s s s V
Pulsed: Pulse duration = 3s, duty cycle = 2 %
2/4
BUT100
TO-3 (version S) MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 1.47 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.60 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.058 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.063 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D C
U
V
O
N
R
B
P003O
3/4
E
BUT100
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of BUT10003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X