Part Number Hot Search : 
ST777ACD NCV4279 1600C 30KPA108 6024878 E220K 4A0857 FN3054
Product Description
Full Text Search
 

To Download BC807-16-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BC807-16 BC807-25 BC807-40
BC807-16/ -25/ -40
PNP SURFACE MOUNT TRANSISTOR
Features
* * * * * Ideally Suited for Automatic Insertion Epitaxial Planar Die Construction For Switching, AF Driver and Amplifier Applications Complementary NPN Types Available (BC817) Lead Free/RoHS Compliant (Note 3) Qualified to AEC-Q101 Standards for High Reliability
C
SOT-23 Dim A Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0 Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
*
B
E
B C D E G H J K L M
Mechanical Data
* * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Pin Connections: See Diagram Ordering Information: See Page 3 Marking Information: See Page 3 - BC807-16 5A, K5A - BC807-25 5B, K5B - BC807-40 5C, K5C Weight: 0.008 grams (approximate) @TA = 25C unless otherwise specified Characteristic Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current Power Dissipation at TSB = 50C (Note 1) Thermal Resistance, Junction to Substrate Backside (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VCEO VEBO IC ICM IEM Pd RJSB
B
All Dimensions in mm
*
Maximum Ratings
Value -45 -5.0 -500 -1000 -1000 310 320 403 -65 to +150
Unit V V mA mA mA mW C/W C/W C
RJA Tj, TSTG
Electrical Characteristics
DC Current Gain
@TA = 25C unless otherwise specified Symbol Min 100 160 250 60 100 170 -- -- -- -- 100 -- Typ Max 250 400 600 -- -- -- -0.7 -1.2 -100 -5.0 -100 -- 12 Unit Test Condition VCE = 1.0V, IC = 100mA VCE = 1.0V, IC = 300mA
Characteristic (Note 2) Current Gain Group -16 -25 -40 Current Gain Group -16 -25 -40 Collector-Emitter Saturation Voltage Base-Emitter Voltage Collector-Emitter Cutoff Current Emitter-Base Cutoff Current Gain Bandwidth Product Collector-Base Capacitance
Notes: 1. 2. 3. Device mounted on ceramic substrate 0.7mm; 2.5cm area. Short duration pulse test used to minimize self-heating effect. No purposefully added lead.
2
hFE
--
--
VCE(SAT) VBE ICES IEBO fT CCBO
-- -- -- -- -- --
V V nA A nA MHz pF
IC = 500mA, IB = 50mA
B
VCE = 1.0V, IC = 300mA VCE = 45V VCE = 25V, Tj = 150C VEB = 4.0V VCE = 5.0V, IC = 10mA, f = 50MHz VCB = 10V, f = 1.0MHz
DS11208 Rev. 15 - 2
1 of 3 www.diodes.com
BC807-16/-25/-40
(c) Diodes Incorporated
DS11208 Rev. 15 - 2
2 of 3 www.diodes.com
BC807-16/-25/-40
(c) Diodes Incorporated
Ordering Information
Device* BC807-xx-7-F
* Notes: 4.
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
xx = gain group, eg. BC807-16-7-F. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code (See Page 1): e.g. K5A = BC807-16 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
1998 J Jan 1
1999 K Feb 2
2000 L
2001 M Mar 3
2002 N Apr 4
2003 P May 5
2004 R Jun 6
2005 S
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS11208 Rev. 15 - 2
3 of 3 www.diodes.com
BC807-16/-25/-40
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BC807-16-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X