Part Number Hot Search : 
SMBJ400A 20ETTTS FN1189 2SA1416 C2000 ISL6528 76MHZ 4731BDM
Product Description
Full Text Search
 

To Download BC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC327, BC328
Small Signal Transistors (PNP)
TO-92
.181 (4.6) min. .492 (12.5) .181 (4.6) .142 (3.6)
FEATURES PNP Silicon Epitaxial Planar Transistors for
switching and amplifier applications. Especially suit-able for AF-driver stages and low-power output stages.
These types are also available subdivided
into three groups -16, -25, and -40, according to their DC current gain. As complementary types, the NPN transistors BC337 and BC338 are recommended.
max. .022 (0.55) .098 (2.5) C B E
On special request, these transistors are also
manufactured in the pin configuration TO-18.
MECHANICAL DATA
Case: TO-92 Plastic Package Weight: approx. 0.18 g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Base Current Power Dissipation at Tamb = 25 C Junction Temperature Storage Temperature Range
1)
Value 50 30 45 25 5 800 1 100 6251) 150 -65 to +150
Unit V V V V V mA A mA mW C C
BC327 BC328 BC327 BC328
-VCES -VCES -VCEO -VCEO -VEBO -IC -ICM -IB Ptot Tj TS
Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
4/98
BC327, BC328
ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified
Symbol DC Current Gain at -VCE = 1 V, -IC = 100 mA Current Gain Group-16 -25 -40 at -VCE = 1 V, -IC = 300 mA Current Gain Group-16 -25 -40 Thermal Resistance Junction to Ambient Air Collector-Emitter Cutoff Current at -VCE = 45 V at -VCE = 25 V at -VCE = 45 V, Tamb = 125 C at -VCE = 25 V, Tamb = 125 C Collector-Emitter Breakdown Voltage at -IC = 10 mA BC327 BC328 BC327 BC328 BC327 BC328
Min.
Typ.
Max.
Unit
hFE hFE hFE hFE hFE hFE RthJA -ICES -ICES -ICES -ICES - V(BR)CEO - V(BR)CEO - V(BR)CES - V(BR)CES - V(BR)EBO -VCEsat -VBE fT CCBO
100 160 250 60 100 170 - - - - - 45 25
160 250 400 130 200 320 - 2 2 - - - -
250 400 630 - - - 2001) 100 100 10 10 - -
- - - - - - K/W nA nA A A V V
Collector-Emitter Breakdown Voltage at -IC = 0.1 mA
BC327 BC328
50 30
- -
- -
V V
Emitter-Base Breakdown Voltage at -IE = 0.1 mA Collector Saturation Voltage at -IC = 500 mA, -IB = 50 mA Base-Emitter Voltage at -VCE = 1 V, -IC = 300 mA Gain-Bandwidth Product at -VCE = 5 V, -IC = 10 mA, f = 50 MHz Collector-Base Capacitance at -VCB = 10 V, f = 1 MHz
1)
5 - - - -
- - - 100 12
- 0.7 1.2 - -
V V V MHz pF
Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
RATINGS AND CHARACTERISTIC CURVES BC327, BC328
RATINGS AND CHARACTERISTIC CURVES BC327, BC328
RATINGS AND CHARACTERISTIC CURVES BC327, BC328


▲Up To Search▲   

 
Price & Availability of BC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X