Part Number Hot Search : 
HFD1N65S 0512SH 0DPBF TPP100 CSWM9125 ZMM525 M48T86PC SAA6712E
Product Description
Full Text Search
 

To Download BAV16WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148WS / BAV16WS
SURFACE MOUNT FAST SWITCHING DIODE
SPICE MODELS: 1N4148WS BAV16WS
Features
* * * * * Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance Also Available in Lead Free Version
H G A B D
SOD-323 Dim A
J
Min 2.30 1.60 1.20 0.25 0.20 0.10 0
Max 2.70 1.80 1.40 0.35 0.40 0.15 8
B C D E G H J a
Mechanical Data
* * * * * * * * * Case: SOD-323, Plastic Plastic Material - UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020A Polarity: Cathode Band Terminals: Solderable per MIL-STD-202, Method 208 Also Available in Lead Free Plating (Matte Tin Finish). Please See Ordering Information, Note 4, on Page 2 Marking: T4, T6 Weight: 0.004 grams (approx.) Ordering Information: See Page 2
1.05 Typical
C
E
0.05 Typical
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG Value 100 75 53 300 150 2.0 1.0 200 625 -65 to +150 Unit V V V mA mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage Forward Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)R VFM Min 75 3/4 Max 3/4 0.715 0.855 1.0 1.25 1.0 50 30 25 2.0 4.0 Unit V V mA mA mA nA pF ns Test Condition IR = 1.0mA IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
Peak Reverse Current (Note 2) Total Capacitance Reverse Recovery Time Note:
IRM CT trr
3/4 3/4 3/4
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect.
DS30097 Rev. 6 - 2
1 of 2 www.diodes.com
1N4148WS / BAV16WS
a Diodes Incorporated
200
IF, INSTANTANEOUS FORWARD CURRENT (A)
300
1
PD, POWER DISSIPATION (mW)
0.1
TA = 150C TA = 75C TA = 25C TA = 0C TA = -40C
100
0.01
0 0 25 50 75 100 125 150
0.001 0 0.5 1.0 1.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Forward Characteristics
2.0
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
IR, INSTANTANEOUS REVERSE CURRENT (nA) 10000
TA = 150C TA = 125C
1.8 CT, TOTAL CAPACITANCE (pF) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
f = 1.0MHz
1000
100
TA = 75C
10
TA = 25C TA = 0C
1
TA = -40C
0.1 0 20 40 60 80 100 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
0.0 0 10 20 30 40
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Capacitance vs. Reverse Voltage
Ordering Information
Device 1N4148WS-7 BAV16WS-7 Notes:
(Note 3) Packaging SOD-323 SOD-323 Shipping 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above. Example: BAV16WS-7-F.
Marking Information
XX
DS30097 Rev. 6 - 2
XX = Product Type Marking Code See Page 1
2 of 2 www.diodes.com
1N4148WS / BAV16WS
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of BAV16WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X