Part Number Hot Search : 
SE555 G4PSH71K CY7C132 003931 BN1L3N MMBZ5254 ETD34 L5988D
Product Description
Full Text Search
 

To Download BAV16W-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
BAV16W
SURFACE MOUNT FAST SWITCHING DIODE
Features
! ! ! High Conductance A
SOD-123 Dim A Min 3.6 2.5 1.4 0.5 -- 0.4 0.95 -- Max 3.9 2.8 1.8 0.7 0.2 -- 1.35 0.12
Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion ! For General Purpose Switching Application C ! Plastic Material - UL Recognition Flammability Classification 94V-O E
D B
B C D E G H J
Mechanical Data
! ! ! ! ! Case: SOD-123, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.01 grams (approx.) Marking: A6
@TA=25C unless otherwise specified
H
G
J
All Dimensions in mm
Maximum Ratings
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t = 1.0s @ t = 1.0s
Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RJA Tj, TSTG
Value 100 75 53 300 150 2.0 1.0 350 357 -65 to +150
Unit V V V mA mA A mW K/W C
Electrical Characteristics
Characteristic Forward Voltage Drop Peak Reverse Leakage Current
@TA=25C unless otherwise specified
Symbol @ IF = 10mA @ VR = 75V VFM IRM Cj trr
Value 0.855 1.0 2.0 6.0
Unit V A pF nS
Typical Junction Capacitance (VR = 0V DC, f = 1.0MHz) Reverse Recovery Time (Note 2)
Note: 1. Valid provided that terminals are kept at ambient temperature. 2. Measured with IF = IR = 10mA, IRR = 0.1 x IR, RL = 100.
BAV16W
1 of 3
(c) 2002 Won-Top Electronics
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
BAV16W
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
BAV16W-T1 BAV16W-T3
Package Type
SOD-123 SOD-123
Shipping Quantity
3000/Tape & Reel 10000/Tape & Reel
Products listed in bold are WTE Preferred devices. ! T1 suffix refers to a 7" reel. T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.04 (1.02)
0.055 (1.40)
0.094 (2.40)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
BAV16W
3 of 3


▲Up To Search▲   

 
Price & Availability of BAV16W-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X