Part Number Hot Search : 
0100S KD200 658C2I2 G4BC30FD 15ADR FSB50550 LTC21 NTD20
Product Description
Full Text Search
 

To Download BAT54A-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD BAT54x
SCHOTTKY BARRIER (DUAL) DIODES
DESCRIPTION
Planar Schottky barrier diodes encapsulated in the SOT-23 and SOT-323 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available.
DIODE
3
2
1
SOT-23
3 1
FEATURES
* Low forward voltage * Guard ring protected * Small plastic SMD package
2
SOT-323
*Pb-free plating product number: BAT54xL
ORDERING INFORMATION
Order Number Normal Lead Free Plating BAT54-AE3-R BAT54L-AE3-R BAT54A-AE3-R BAT54AL-AE3-R BAT54C-AE3-R BAT54CL-AE3-R BAT54S-AE3-R BAT54SL-AE3-R BAT54-AL3-R BAT54L-AL3-R BAT54A-AL3-R BAT54AL-AL3-R BAT54C-AL3-R BAT54CL-AL3-R BAT54S-AL3-R BAT54SL-AL3-R Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-323 SOT-323 SOT-323 SOT-323 Pin Assignment 1 2 3 x A K K1 K2 A2A1 A1 A2 K2K1 K1 A2 K2A1 x A K K1 K2 A2A1 A1 A2 K2K1 K1 A2 K2A1 Packing Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel
Note: Pin Assignment: A: Anode K: Cathode x:NC
BAT54L-AE3-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323 (3) L: Lead Free Plating Blank: Pb/Sn ,
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R601-007,C
BAT54x
DIODE CONFIGURATION AND SYMBOL
BAT54
3 2 1 n.c
2
DIODE
BAT54A
3 1 2
BAT54C
3 1 2
BAT54S
3 1
MARKING
BAT54 BAT54A BAT54C BAT54S
E4
E42
E43
E44
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R601-007,C
BAT54x
ABSOLUTE MAXIMUM RATINGS
DIODE
PARAMETER SYMBOL RATINGS UNIT Per diode Continuous Reverse Voltage VR 30 V Continuous Forward Current IF 200 mA Repetitive Peak Forward Current (tp < 1s, 0.5) IFRM 300 mA Non-repetitive Peak Forward Current (tp < 10ms) IFSM 600 mA Junction Temperature TJ +125 Storage Temperature TSTG -60 ~ +150 Per device Power Dissipation (Ta 25 ) PD 230 mW Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Thermal Resistance From Junction to Ambient SOT-23 SOT-323 SYMBOL
JA
RATINGS 500 625
UNIT K/W K/W
ELECTRICAL CHARACTERISTICS (Ta = 25 , unless otherwise specified.)
PARAMETER SYMBOL TEST CONDITIONS IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V When switched from IF =10mA to IR = 10mA, RL = 100 measured at IR = 1mA f = 1 MHz, VR = 1V; MIN TYP MAX UNIT mV 240 mV 320 mV 400 mV 500 mV 800 2 A 5 10 ns pF
Forward Voltage (See Fig.1)
VF
Reverse Current (See Fig.2) Reverse Recovery Time (see Fig.4) Diode Capacitance (see Fig.3)
IR trr Cd
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R601-007,C
BAT54x
TYPICAL CHARACTERISTICS
Fig.1 Forward current as a function of forward voltage ; typical values . 103
DIODE
Fig.2 Reverse current as a function of reverse voltage; typical values . 103 Ta=125C
10
2
10 Ta=125C
IR ( A)
2
Ta=85C 10 Ta=85C
IF (mA)
10
1
Ta=25C
1 Ta=25C
10-1
0
0.4 V F (V)
0.8
1.2
10- 1
0
10 VR (V)
20
30
Fig.3 Diode capacitance as a function of reverse voltage; typical values . 103 Ta = 25C, f = 1 MHz
Fig.4 Reverse recovery definitions
IF dIF dt
10
Cd (pF)
10% t
5
Qr 90% IR tF
0
0
10 VR (V)
20
30
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R601-007,C


▲Up To Search▲   

 
Price & Availability of BAT54A-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X