Part Number Hot Search : 
KBP06M XSCC1 32252 1G305 ELECTRON 1N5401 F75339P HS3010
Product Description
Full Text Search
 

To Download BAT42W-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BAT42W BAT43W
BAT42W / BAT43W
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
* * * * Low Forward Voltage Drop Fast Switching Time Surface Mount Package Ideally Suited for Automatic Insertion Lead Free/RoHS Compliant Version (Note 3) SOD-123 Dim A B C D E G H J Min 3.55 2.55 1.40 -- 0.45 Max 3.85 2.85 1.70 1.35 0.65
Mechanical Data
* * * * * * * * * * Case: SOD-123 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: Cathode Band Marking Information: See Page 3 Type Codes: BAT42W S7 BAT43W S8 Ordering Information: See Page 3 Weight: 0.01 grams (approximate)
0.55 Typical 0.25 --
0.11 Typical -- 0 0.10 8
All Dimensions in mm
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t < 1.0s @ t < 10ms IFRM IFSM Pd RJA Tj, TSTG BAT42W / BAT43W 30 21 200 500 4.0 200 500 -55 to +125 Unit V V mA mA A mW C/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Drop
@TA = 25C unless otherwise specified Symbol V(BR)R All Types BAT42W BAT42W BAT43W BAT43W Min 30 0.26 Max 1.0 0.40 0.65 0.33 0.45 500 100 10 5.0 Unit V Test Condition IR = 100A IF = 200mA IF = 10mA IF = 50mA IF = 2.0mA IF = 15mA VR = 25V VR = 25V, Tj = 100C VR = 1.0V, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100
VFM
V
Peak Reverse Current (Note 2) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3.
IRM CT trr
nA A pF ns
Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used to minimize self-heating effect. No purposefully added lead.
DS30016 Rev. 15 - 2
1 of 3 www.diodes.com
BAT42W/BAT43W
(c) Diodes Incorporated
DS30016 Rev. 15 - 2
2 of 3 www.diodes.com
BAT42W/BAT43W
(c) Diodes Incorporated
Ordering Information
Device BAT42W-7-F BAT43W-7-F
Notes: 4.
(Note 4) Packaging SOD-123 SOD-123 Shipping 3000/Tape & Reel 3000/Tape & Reel
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX = Product Type Marking Code YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September)
Data Code Key Year Code Month Code
2001 M Jan 1
2002 N Feb 2
2003 P Mar 3
2004 R Apr 4
2005 S May 5
2006 T Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30016 Rev. 15 - 2
3 of 3 www.diodes.com
BAT42W/BAT43W
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAT42W-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X