Part Number Hot Search : 
H8205A DTC143 W79E824 KM150M APK35 FKBL402 221MR 01LFT
Product Description
Full Text Search
 

To Download BAS70JW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BAS70JW
Lead-free
BAS70JW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Features
* * * * *
Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 3)
BC A
SOT-363 Dim A B C D F
M
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
Mechanical Data
* * * * * * * *
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Please see Ordering Information, Note 5, on Page 3 Orientation: See Diagram Marking: K78 (See Page 3) Weight: 0.006 grams (approximate)
A1
G H K
0.65 Nominal
H J K L M a
J
D
F
L
C1
C2
(Jumper connection between middle pins)
All Dimensions in mm
A2
TOP VIEW
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t < 1.0s IFSM Pd RqJA Tj TSTG Value 70 49 70 100 200 625 -55 to +125 -65 to +125 Unit V V mA mA mW C/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Reverse Current (Note 2) Total Capacitance Reverse Recovery Time
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT trr Min 70 3/4 3/4 3/4 3/4 Max 3/4 410 1000 100 2.0 5.0 Unit V mV mV nA pF ns Test Condition IR = 10mA tp <300s, IF = 1.0mA tp <300s, IF = 15mA tp < 300s, VR = 50V VR = 0V, f = 1.0MHz IF = IR = 10mA to IR = 1.0mA, Irr = 0.1 x IR, RL = 100W
Notes: 1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. No purposefully added lead.
DS30188 Rev. 10 - 2
1 of 3 www.diodes.com
BAS70JW
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (mA)
100
TA = 125C TA = 75C TA = 25C
10
1.0
TA = 0C
0.1 0 0.2 0.4
TA = -40C
0.6
0.8
1.0
1.2
1.4
1.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics
IR, INSTANTANEOUS REVERSE CURRENT (nA)
10000
TA = 125C
1000
TA = 75C
100
10
TA = 25C
TA = 0C
1
TA = -40C
0.1 0 10 20 30 40 50 60 70 VR, REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
1.8 1.6
250
Note 1
f = 1.0MHz
Pd, POWER DISSIPATION (mW)
40
CT, TOTAL CAPACITANCE (pF)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35
200
150
100
50
0 0 40 80 120 160 200 TA, AMBIENT TEMPERATURE ( C) Fig. 4 Power Derating Curve, Total Package
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance
DS30188 Rev. 10 - 2
2 of 3 www.diodes.com
BAS70JW
Ordering Information
Device BAS70JW-7-F
Notes:
(Note 4) Packaging SOT-363 Shipping 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. For Lead Free/RoHS Compliant version part number, please add "-F" suffix to the part number above. Example: BAS70JW-7-F.
Marking Information
K78 = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
K78
Date Code Key Year Code Month Code 2001 M Jan 1 2002 N Feb 2 2003 P 2004 R March 3 Apr 4 2005 S
YM
2006 T May 5
2007 U Jun 6
2008 V Jul 7 Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30188 Rev. 10 - 2
3 of 3 www.diodes.com
BAS70JW


▲Up To Search▲   

 
Price & Availability of BAS70JW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X