Part Number Hot Search : 
2SC2036 74AUP1 MB86961 NCP1083 P6KE150A PKG058CC PKG058CC 002000
Product Description
Full Text Search
 

To Download BAS16LT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS16LT1
Preferred Device
Switching Diode
Features
* Pb-Free Packages are Available
MAXIMUM RATINGS
Rating Continuous Reverse Voltage Peak Forward Current Peak Forward Surge Current Symbol VR IF IFM(surge) Value 75 200 500 Unit Vdc mAdc mAdc 3 CATHODE 1 ANODE
http://onsemi.com
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
3 1 2
MARKING DIAGRAM
A6 M G 1
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 225 1.8 RqJA PD 300 2.4 RqJA TJ, Tstg 417 -55 to +150 mW mW/C C/W C 556 mW mW/C C/W Max Unit
SOT-23 CASE 318 STYLE 8 A6 M G
= Specific Device Code = Date Code = Pb-Free Package
ORDERING INFORMATION
Device BAS16LT1 BAS16LT1G BAS16LT3 BAS16LT3G Package SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel 10000/Tape & Reel
1. FR-5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
January, 2006 - Rev. 5
Publication Order Number: BAS16LT1/D
BAS16LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Reverse Voltage Leakage Current (VR = 75 Vdc) (VR = 75 Vdc, TJ = 150C) (VR = 25 Vdc, TJ = 150C) Reverse Breakdown Voltage (IBR = 100 mAdc) Forward Voltage (IF = 1.0 mAdc) (IF = 10 mAdc) (IF = 50 mAdc) (IF = 150 mAdc) Diode Capacitance (VR = 0, f = 1.0 MHz) Forward Recovery Voltage (IF = 10 mAdc, tr = 20 ns) Reverse Recovery Time (IF = IR = 10 mAdc, RL = 50 W) Stored Charge (IF = 10 mAdc to VR = 5.0 Vdc, RL = 500 W) IR - - - V(BR) VF - - - - CD VFR trr QS - - - - 715 855 1000 1250 2.0 1.75 6.0 45 pF Vdc ns pC 75 1.0 50 30 - Vdc mV mAdc Symbol Min Max Unit
820 W +10 V 2.0 k 100 mH 0.1 mF D.U.T. 50 W OUTPUT PULSE GENERATOR 50 W INPUT SAMPLING OSCILLOSCOPE VR 90% IR INPUT SIGNAL iR(REC) = 1.0 mA OUTPUT PULSE (IF = IR = 10 mA; MEASURED at iR(REC) = 1.0 mA) IF 0.1 mF tr 10% tp t IF trr t
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
http://onsemi.com
2
BAS16LT1
100 IF, FORWARD CURRENT (mA) TA = 85C 10 TA = -40C IR , REVERSE CURRENT (A) 10 TA = 150C TA = 125C
1.0
0.1
TA = 85C TA = 55C
1.0
TA = 25C
0.01 TA = 25C 0 10 20 30 40 VR, REVERSE VOLTAGE (VOLTS) 50
0.1
0.2
0.4
0.6 0.8 1.0 VF, FORWARD VOLTAGE (VOLTS)
1.2
0.001
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68 CD, DIODE CAPACITANCE (pF)
0.64
0.60
0.56
0.52
0
2
4
6
8
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
http://onsemi.com
3
BAS16LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236)] CASE 318-08 ISSUE AN
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
D
3 SEE VIEW C
E
1 2
HE c b e q 0.25
A L A1 L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 8: PIN 1. ANODE 2. NO CONNECTION 3. CATHODE
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BAS16LT1/D


▲Up To Search▲   

 
Price & Availability of BAS16LT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X