Part Number Hot Search : 
LR024 A9341 050AE MC3400 6404A PDN001R 65DN02 KI4433DY
Product Description
Full Text Search
 

To Download B82793C0105N265 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Line Chokes for Telecommunications UK0/UPN Interface; xDSL Transformers
Construction

B82793C0... B82793S0...
Current-compensated ring core choke with ferrite core Bifilar winding (B82793C...) Sector winding (B82793S...) Tinned terminals
Features
Reduced component height Case flame-retardant as per UL 94 V-0 Suitable for reflow soldering
Applications
B82793C:
Suppression of asymmetrical interference coupled in on lines, whereas data signals up to some MHz can pass unaffectedly B82793S: Suppression of asymmetrical and symmetrical interference coupled in on lines. The high-frequency portions of the symmetrical data signal are decreased so far that EMC problems can be significantly reduced Marking Manufacturer, ordering code (short form), date of manufacture, coded (year, day of week, calender week) Delivery mode
16-mm blister tape, reel packing Packing unit: 1500 pcs.
64
04/02
Data Line Chokes for Telecommunications UK0/UPN Interface; xDSL Transformers
Dimensional drawing
_ 0,05 0,6 +0,1
B82793C0... B82793S0...
Layout recommendation
2,50,1
0...6
4,9 max.
A
7,1 max. _ 0,2 9 +0,4
0,30,05
6,0 max.
max. 0,1 A
Beschriftung Marking
SSB1350-5
65
04/02
Data Line Chokes for Telecommunications UK0/UPN Interface; xDSL Transformers
General technical data Rated voltage V R Rated current IR Rated inductance L R 42 Vac (50/60 Hz) 80 Vdc
B82793C0... B82793S0...
Referred to 50 Hz and 60 C ambient temperature Measured with HP 4275A Measuring frequency at L 1 mH = 100 kHz, 0,1 mA L > 1 mH = 10 kHz, 0,1 mA (specified per winding) B82793+****N201/N215: 30 % B82793+****N265: -30/+50 % < 10 % at dc magnetic bias with IR Measured with HP 4275A Measuring frequency at L 11 H = 1 MHz, 5 mA L > 11 H = 100 kHz, 5 mA Typical values, measured at 20 C ambient temperature (215 3) C, (3 0,3) s wetting of soldering area 95 % in accordance with IEC 60068-2-58 40/125/56 (-40 C/+125 C/56 days damp heat test) in accordance with IEC 60068-1 Approx. 0,25 g
Inductance tolerance Inductance decrease L/L0 Stray inductance LS
DC resistance R typ Solderability
Climatic category Weight
Characteristics and ordering codes LR mH 0,005 0,011 0,025 0,051 0,470 1,0 2,2 4,7 LS, typ nH 50 50 1500 2000 200 250 250 300 IR 1) mA 1200 800 800 800 700 700 500 400 Rtyp m 100 120 130 160 200 200 400 550 VT Vdc, 2 s 250 250 250 250 750 750 750 750 Ordering code B82793C0502N201 B82793C0113N201 B82793S0253N201 B82793S0513N201 B82793C0474N215 B82793C0105N265 B82793C0225N265 B82793C0475N265
1) Types with higher rated current upon request.
66
04/02
(
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(
Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
1


▲Up To Search▲   

 
Price & Availability of B82793C0105N265

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X