Part Number Hot Search : 
DTC11 BPC3504 ZL50010 30R110 KPD1M0W6 PA3240 LX1695IM 25X40
Product Description
Full Text Search
 

To Download B82792 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Line Chokes for Telecommunications UK0/UPN Interface; xDSL Transformers
Construction
Current-compensated ring core choke with ferrite core Bifilar winding Tinned terminals
B82792C0...
Features
Case flame-retardant as per UL 94 V-0 Suitable for reflow soldering
Applications
Suppression of asymmetrical interference coupled in on lines,
whereas data signals up to some MHz can pass unaffectedly
Telecom interfaces ISDN systems
Marking Manufacturer, ordering code, date of manufacture (month, year) Delivery mode
24-mm blister tape, reel packing Packing unit: 500 pcs.
Dimensional drawing
_ 0,05 0,6 +0,1
2,50,2
Layout recommendation
3 x 2,50,1
1,6
9 15
11,5 max.
7,3 max.
0,4 +0,1 _ 0,05
SSB1484-V
2...8
A
140,4 Beschriftung Marking
10,5 max. max. 0,1 A
SSB1453-1
67
04/02
3 x 2,5
Data Line Chokes for Telecommunications UK0/UPN Interface; xDSL Transformers
General technical data Rated voltage V R Rated current IR Rated inductance L R 42 Vac (50/60 Hz) 80 Vdc
B82792C0...
Referred to 50 Hz and 60 C ambient temperature Measured with HP 4275A at 10 kHz and10 mV (specified per winding) -30/+50 % < 10 % at dc magnetic bias with IR Measured at 10 kHz and 10 mV Typical values, measured at 20 C ambient temperature (215 3) C, (3 0,3) s wetting of soldering area 95 % in accordance with IEC 60068-2-58 40/125/56 (-40 C/+125 C/56 days damp heat test) in accordance with IEC 60068-1 Approx. 2 g
Inductance tolerance Inductance decrease L/L0 Stray inductance LS DC resistance R typ Solderability
Climatic category Weight
Characteristics and ordering codes LR mH 4,7 6,8 10 22 33 50 LS, typ nH 500 500 600 800 1500 1700 IR mA 600 600 500 200 100 100 Rtyp 0,4 0,5 1,1 1,6 2,0 2,6 VT Vdc, 2 s 1000 750 750 750 750 750 Ordering code B82792C0475N365 B82792C0685N365 B82792C0106N365 B82792C0226N365 B82792C0336N365 B82792C0506N365
68
04/02
(
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(
Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
1


▲Up To Search▲   

 
Price & Availability of B82792

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X