Part Number Hot Search : 
CM48PSB 4066D 91326 AX145 BF197 1SS412 0200CT BF197
Product Description
Full Text Search
 

To Download B59943 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
Applications
I Overcurrent protection for 42 V power net
B599*3 C 943 ... C 983
b
3,5 max.
I Lead-free terminals I Manufacturer's logo and type designation
Options
I Leadless disks and leaded disks without
coating available on request I Thermistors with diameter b 11,0 mm are also available on tape (to IEC 60286-2) Delivery mode
I Cardboard strips (standard) I Cardboard tape reeled or in AMMO pack on request
5
35 min.
stamped on in white
h
Features
od
TPT0647-V
Dimensions (mm) Type C 943 C 953 C 963 C 973 C 983 bmax 17,5 13,5 11,0 9,0 6,5
d 0,6 0,6 0,6 0,6 0,6
hmax 21,0 17,0 14,5 12,5 10,0
General technical data Max. operating voltage (TA = 125 C) Max. operating voltage (t 400 ms) Rated voltage Switching cycles (typ.) Reference temperature (typ.) Resistance tolerance Operating temperature range (V = 0) (V = Vmax) Vmax1) Vmax,dyn2) VN N TRef R N Top Top 54 58 42 100 120 20 % - 40/+ 125 - 40/+ 125 VDC V VDC
C C C
Electrical specifications and ordering codes Type IN mA 750 430 320 230 140 IS mA 1300 770 560 410 240 ISmax (V=V max) A 8,0 6,0 5,0 4,0 2,0 Ir (typ.) RN (V=V max) mA 50 1,0 40 1,8 30 2,7 20 4,2 15 10,0 R min Ordering code
C 943 C 953 C 963 C 973 C 983
0,7 1,2 1,8 2,9 6,8
B59943C0120A070 B59953C0120A070 B59963C0120A070 B59973C0120A070 B59983C0120A070
1) To ISO/TC22 WD24V-1E 2) Peak value of maximum DC operating voltage, incl. ripple
59
10/02
Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B599*3 C 943 ... C 983
Characteristics (typical) PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 6 R PTC
TPT0781-G
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
10 4 mA
TPT0782-P
B59943C0120A070 B59953C0120A070 B59963C0120A070 B59973C0120A070 B59983C0120A070
I PTC
10 4 10
3
B59943C0120A070 B59953C0120A070 B59963C0120A070 B59973C0120A070 B59983C0120A070
10 3
10 2 10 1 10 0
1 10 _ 50
10 2
_
0
50
100
150
200 C 250 TPTC
10 1 0,1
1
10
V 100 V PTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 tS s
TPT0783-X
Rated current IN versus ambient temperature TA (measured in still air)
N ,TA
2,0
TPT0784-6
N, 25 C
1,6
10 2 B59943C0120A070 B59953C0120A070 B59963C0120A070 B59973C0120A070 B59983C0120A070 1,4 1,2 1,0 0,8 0,6 10 0 0,4 0,2 10
_1
10
1
0
2,5
5
7,5
10
A 12,5 IS
0 _
20
0
20
40
60
80 100
C 140 TA
60
10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B59943

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X