Part Number Hot Search : 
KTB1366 1117G SFS1826 X55C2 Y7C43 1N3957GP MBR15 CMX990Q1
Product Description
Full Text Search
 

To Download B0520WS-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: B0520WS
Lead-free
B0520WS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
NEW PRODUCT
Features
* * * *
Very Low Forward Voltage Drop Guard Ring Construction for Transient Protection High Conductance Lead Free/RoHS Compliant (Note 4) Dim A
H D G A B
SOD-323 Min 2.30 1.60 1.20 0.25 0.20 0.10 0 Max 2.70 1.80 1.40 0.35 0.40 0.15 8
Mechanical Data
* * * * * * * *
Case: SOD-323 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Leads: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Please see Ordering Information, Note 4, on Page 1 Polarity: Cathode Band Marking: SD, See Page 2 Weight: 0.004 grams (approx.) @ TA = 25C unless otherwise specified
C
J
B C D E G H
1.05 Typical
E
J a
0.05 Typical
All Dimensions in mm
Maximum Ratings
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Power Dissipation (Note 1) Typical Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IO IFSM PD RqJA Tj, TSTG Value 20 14 0.5 2 235 426 -55 to +125 Unit V V A A mW C/W C
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol V(BR)R VF IR CT Value 20 0.310 0.430 100 250 58 Unit V V mA pF Test Conditions IR = 0.5mA IF = 0.1A IF = 0.5A VR = 10V VR = 20V f = 1MHz, VR = 0VDC
Minimum Reverse Breakdown Voltage (Note 2) Maximum Forward Voltage Drop Maximum Leakage Current (Note 2) Typical Total Capacitance
Ordering Information
(Note 3) Packaging SOD-323 Shipping 3000/Tape and Reel
Device B0520WS-7-F
Note: 1. 2. 3. 4.
Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration test pulse used to minimize self-heating effect. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. No purposefully added lead.
DS30235 Rev. 10 - 2
1 of 3 www.diodes.com
B0520WS
a Diodes Incorporated
NEW PRODUCT
Marking Information
Type Code
SD
Cathode Band
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
10
IF(AV), AVERAGE FORWARD CURRENT (A)
0.75
1
TA = 125C TA = 100C
0.50
0.1
TA = 75C
0.25
0.01
TA = 25C TA = 0C
0 0 25 50 75 100 125 150 TT, TERMINAL TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
10,000 1000 100 10 1 0.1
TA = -65C TA = 75C TA = 25C
0.001 0 0.2 0.4
TA = -65C
0.6
0.8
1.0
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
70
TA = 125C
f = 1MHz
TA = 100C
60
CT, TOTAL CAPACITANCE (pF)
20
50 40 30 20 10 0
TA = 0C
0.01 0.001 0 10 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
0
5
10
15
20
VR, REVERSE VOLTAGE (V) Fig. 4 Typ. Total Capacitance vs Reverse Voltage
DS30235 Rev. 10 - 2
2 of 3 www.diodes.com
B0520WS
NEW PRODUCT
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.
DS30235 Rev. 10 - 2
3 of 3 www.diodes.com
B0520WS


▲Up To Search▲   

 
Price & Availability of B0520WS-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X