Part Number Hot Search : 
AM27C010 2SA812M7 L78S15T SMAJ5 10N20 144EE 1N4936RL C864132
Product Description
Full Text Search
 

To Download AH289-YL-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Features
* * * * * * * * * On Chip Hall Sensor Rotor-Locked Shutdown Automatically Restart Rotor-State Detection (RD) Output Built-in Zener Protection for Output Driver Operating Voltage: 3.8V~28V Output Current: IO (AVE) = 400mA Lead Free Finish/RoHS Compliant for Lead Free products (Note 1) Lead Free Packages: SIP-5L and SOT89-5L
General Description
AH289 is a monolithic fan motor controller with Hall sensor's capability. It contains two complementary open-drain transistors for motors coil driving, an automatic lock current shutdown, and recovery protection. In addition, the Rotor-State Detection (RD) output is for Rotor-State Detection. Rotor-lock shutdown detection circuit turns off the output driver when the rotor is blocked to avoid coil overheat. Then, the automatic recovery circuit will restart the motor. These protected actions are repeated and periodic during the blocked period. Until the blocking is removed, the motor recovers and runs normally.
Ordering Information
-
AH289
XXX
Package P: SIP-5L Y: SOT89-5L
Note: 1.
Lead L : Lead Free
Packing -B : Bulk -13 : Taping
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Device
Lead-free
Package Code P Y
Packaging SIP-5 SOT89-5
Quantity
Lead-free
AH289-P AH289-Y
Tube/Bulk Part Number Suffix 1000 -B NA NA
7" Tape and Reel Part Number Suffix NA NA 2500/Tape & Reel -13 Quantity
Note: 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Pin Assignment
289
( Front View )
1 : RD 2 : VCC 3 : DO 4 : DOB 5 : GND
VCC 1 GN D 2 289
5 RD
DO 3 SOT89-5L
7 DOB 4
123 45
SIP-5L
AH289 Rev. 3
1 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Pin Descriptions
Symbol RD Vdd DO DOB GND Description Rotor-State Detection Input Power Output Pin Output Pin Ground
Block Diagram
Vdd 2
Lock Shutdown and Automatic Recovery Regulator
3
Hall Plate
DO
Amp.
Control Logic
4
DOB
5 GND
1 RD
AH289 Rev. 3
2 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Typical Application Circuit
D2 Vdd (24V) R pu D1
1 2 3 4 5
289
Coil 2 Coil 1
RD
GND 48V C1=1uF 48V
24V DC Brush-Less Fan with RD Output Function
Absolute Maximum Ratings
Characteristics Supply Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Maximum Junction Temperature Thermal Resistance
( TA = 25C ) Symbol VCC IO (AVE) PD Topr Tstg Tj JA SIP5 SOT89-5 SIP5/SOT89-5 IO (PEAK) SIP5 SOT89-5 Rating 30 400 700 550 800 -40 ~ 100 -55 ~ 150 150 227 156 Unit V mA mW C C C C/W C/W
TA TJ Tc
JA JC
Note:
JA
should be confirmed with what heat sink thermal resistance. If no heat sink contacting,
JA
is almost the same as
JC .
JANUARY 2007
AH289 Rev. 3
3 of 9 www.diodes.com
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Electrical Characteristics
Characteristics Supply Voltage Supply Current Output Leakage Current Locked Protection On Locked Protection Off Output Saturation Voltage Output On Resistance RD Output Vds Output Zener-Breakdown Voltage
*Note:
( TA = 25 C, Vdd = 24V, unless otherwise specified )
Symbol Vdd Icc Ioff Tlrp-on Tlrp-off VOUT(SAT) Rds(on) Vol Vz
Conditions Operating Operating VOUT = 24V
Min. 3.8 0.4 2.4
Typ. 2.0 < 0.1 0.46 2.76 450 680 2.25 0.3 55
Max. 28* 4.0 10 0.6 3.6 700 800 3.5 0.5 65
Unit V mA A Sec Sec mV ohm V V
IO = 200mA IO = 300mA IO = 200mA IO = 10mA
42
Please watch the current limit issue when the operation voltage is over 26.4V, because of the different efficiency in the coil.
Truth Table INH L -
IN+ L H -
CT L L H
OUT1 H L off
OUT2 L H off
RD L L H
Mode Rotating Rotating Lockup protection activated
Magnetic Characteristics
( TA = 25 C, Vdd = 24V, unless otherwise specified )
( 1mT = 10 Gauss ) Characteristics Operation Point Release Point Hysteresis Symbol Bop Brp Bhy Min. 10 -60 -Typ. 30 -30 60 Max. 60 -10 -Unit Gauss Gauss Gauss
AH289 Rev. 3
4 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Operating Characteristics
DOB
Output Voltage in Volts
DO
RP
24 20 16 12 8
Output Voltage in Volts
OFF
OFF
24 20 16 12 8
OP
ON
4
OP VSAT
RP
4
ON
VSAT Brp 0 Bop
Brp
0
Bop
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
S
Marking side
S
Marking side
N
( SIP5 )
N
( SOT89-5 )
AH289 Rev. 3
5 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Performance Characteristics
TA (C) PD (mW) TA (C) PD (mW) 25 550 105 198 50 440 110 176
( SIP-5L )
60 396 115 154
70 352 120 132
80 308 125 110
85 286 130 88
90 264 135 66
95 242 140 44
100 220 150 0
Pd (mW) 600 500 400 300 200 100 0 0 15 30
Power Dissipation Curve
45
60
75
90
105
100
120
135
150 Ta (C)
Performance Characteristics
TA (C) PD (mW) TA (C) PD (mW)
P D (mW )
900 800 700 600 500 400 300 200 100 0 0 25
( SOT89-5L )
25 800 105 288
50 640 110 256
60 576 115 224
70 512 120 192
75 480 125 160
80 448 130 128
85 416 135 96
90 384 140 64
95 352 145 32
100 320 150 0
Power Dissipation Curve
50
75
100
125
150
T A (C)
AH289 Rev. 3
6 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Marking Information
(1) SIP-5L
( Front View ) Part Number
289
Y WW X X
L : Lead Free Package Y :Year: "1" = 2001 "2" = 2002 WW : Nth week 01~52 X : Internal Code: A ~ Z
(2) SOT89-5L
5
4
7
Y : Year: 0-9 M : Month: A~L
289 Y M X
X : Internal code a~z : Lead Free
1
2
3
AH289 Rev. 3
7 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Package Information
(1) Package type: SIP-5L
(unit: mm)
Location of Sensing Point
2.006 mm [0.079 inch]
( Top View)
1.016 mm [0.04 inch]
1
2
3
4
5
AH289 Rev. 3
8 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
Package Information ( Continued )
Sensor Location
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
AH289 Rev. 3
9 of 9 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AH289-YL-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X