Part Number Hot Search : 
CA010 X9802406 05024 XXXFF 045984 N80C32 BD234 PK1912
Product Description
Full Text Search
 

To Download AH285-YL-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Features
* * * * * * * * * On Chip Hall Sensor Rotor-Locked Shutdown Automatically Restart Frequency Generator (FG) Output Built-in Zener Protection for Output Driver Operating Voltage: 3.8V~20V Output Current: IO(AVE) = 500mA for SOT89-5 Lead Free Finish/RoHS Compliant for Lead Free products (Note 1) Package: SOT89-5L
General Description
AH285 is a monolithic fan motor controller with Hall sensor's capability. It contains two complementary open-drain transistors as motor coil drivers, automatic lock current shutdown, and recovery protections. Additional, frequency generator (FG) output is for speed detection relatively. Rotor-lock shutdown detection circuit turns off the output driver when the rotor is blocked to avoid coil overheat. Then, the automatic recovery circuit will restart the motor. These protected actions are repeated and periodic during the blocked period. Until the blocking is removed, the motor recovers and runs normally.
Ordering Information
AH285 - X X X
Package Y : SOT89-5L
Lead-Free L : Lead-Free
Packing -B : Bulk -7/-13 : Taping
Note:
1.
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Device AH285-Y
Package Code Y
Packaging (Note 2) SOT89-5
Lead-free
Tube/Bulk Quantity Part Number Suffix NA NA
7" Tape and Reel Quantity Part Number Suffix 2500/Tape & Reel -7
Note: 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
AH285 Rev. 2
1 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Pin Assignment
Vdd 1 GND 2 DO 3 SOT89-5L 285
5 FG
7 DOB 4
Pin Descriptions
Symbol FG Vdd DO DOB GND
Description Frequency Generation Input Power Output Pin Output Pin Ground
Block Diagram
Vdd 2
Lock shutdown and Automatic recovery Regulator
3
Hall Plate
DO
Amp.
Control Logic
4
DOB
5 GND
1 FG
AH285 Rev. 2
2 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Typical Application Circuit
D2 Vdd (12V) Rpu D1
1 2
285
Coil2
3 4 5
Coil1
FG
C3
GND
R1
Notes: R1, R2: typical 56 C1, C2, C3: typical 2.2 F The R, C value need to be fine tuned base on coils design.
R2 C2
C1
12V DC Brush-less Fan with FG output function
Absolute Maximum Ratings
Characteristics Supply Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Maximum Junction Temp. Thermal Resistance
(TA = 25C)
Symbol Vdd IO(AVE) IO(PEAK) PD Topr Tstg Tj
Rating 24 500 700 800 -40 ~ 100 -55 ~ 150 150 156
Tc
Unit V mA mW C C C C/W
JA
TA TJ
JA JC
Note:
JA
should be confirmed with what heat sink thermal resistance. If no heat sink contacting,
JA
is almost the same as
JC .
AH285 Rev. 2
3 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Electrical Characteristics
Characteristics Supply Voltage Supply Current Output Leakage Current Locked Protection On Locked Protection Off Output Saturation Voltage Output On Resistance FG Output Vds Output Zener-Breakdown Voltage Truth Table INH L -
(TA = 25C, Vdd =12V, unless otherwise specified)
Symbol Vdd Idd Ioff Tlrp-on Tlrp-off
VOUT( sat )
Conditions Operating Operating VOUT=24V
Min. 3.8 0.4 2.4 35
Typ. 2 < 0.1 0.5 3 375 625 1.25 0.5 42
Max. 20 4 10 0.6 3.6 500 900 1.67 60
Unit V mA A Sec Sec mV ohm V V
Rds(on) Vol Vz
IO=300mA IO=500mA IO=300mA IO=10mA
IN+ L H -
CT L L H
OUT1 H L off
OUT2 L H off
FG H L -
Mode Rotating Rotating Lockup protection activated
Magnetic Characteristics
(TA = 25C, Vdd = 12V, unless otherwise specified)
(1mT=10 Gauss) Characteristics Operation Point Release Point Hysteresis Symbol Bop Brp Bhy Min. 10 -60 Typ. 30 -30 60 Max. 60 -10 Unit Gauss Gauss Gauss
AH285 Rev. 2
4 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Operating Characteristics
DOB DO
Output Voltage in Volts
RP
OFF
Output Voltage in Volts
12 10 8 6 4 2
OFF
12 10 8 6 4 2
OP
ON
OP Vsat
RP
ON
Vsat Brp 0 Bop
Brp
0
Bop
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
S
Marking side
N
( SOT89-5 )
AH285 Rev. 2
5 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Performance Characteristics
TA (C) PD (mW) TA (C) PD (mW)
P
D
(SOT89-5L)
25 800 105 288
50 640 110 256
60 576 115 224
70 512 120 192
75 480 125 160
80 448 130 128
85 416 135 96
90 384 140 64
95 352 145 32
100 320 150 0
(m W )
P o w e r D is s ip a tio n C u r v e
900 800 700 600 500 400 300 200 100 0 0 25 50 75 100 125
T
A
150
(C )
AH285 Rev. 2
6 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Marking Information
(1) SOT89-5L
5
4
7
Y : Year 0-9 M : Month A~L
285 Y M X
X : Internal code a~z : Lead Free
1
2
3
Package Information
(1) SOT89-5L
Sensor Location
AH285 Rev. 2
7 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
AH285 Rev. 2
8 of 8 www.diodes.com
JANUARY 2007
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AH285-YL-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X