Part Number Hot Search : 
NFM41 MJD41C11 CB2012T 99000 TM1723 CD5520B PWR1311 SA211
Product Description
Full Text Search
 

To Download 74FST3861DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74FST3861 10-Bit Bus Switch
The ON Semiconductor 74FST3861 is a 10-bit, high performance bus switch. The device is CMOS TTL compatible when operating between 4.0 and 5.5 Volts. The device exhibits extremely low RON and adds nearly zero propagation delay. The device adds no noise or ground bounce to the system.
Features
http://onsemi.com MARKING DIAGRAMS
24 24 1 SOIC-24 DW SUFFIX CASE 751E 1 FST3861 AWLYWW
* * * * * * * *
RON t 4 W Typical Less Than 0.25 ns-Max Delay Through Switch Nearly Zero Standby Current No Circuit Bounce Control Inputs are TTL/CMOS Compatible Pin-For-Pin Compatible With QS3861, FST3861, CBT3861 All Popular Packages: SOIC-24, TSSOP-24, QSOP-24 All Devices in Package TSSOP are Inherently Pb-Free*
NC A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VCC OE B1 B2 B3 B4 B5 B6 B7 B8 B9 B10
24 24 1 TSSOP-24 DT SUFFIX CASE 948H 1 FST 3861 ALYW
24 1 QSOP-24 QS SUFFIX CASE 492B
24 FST3861 AWLYYWW 1
SO24-7/SO24-8/SO24-9 Figure 1. 24-Lead Pinout
TRUTH TABLE
Input OE L H Operation A Port = B Port Disconnect OE NC A1 to A10 B1 to B10
PIN NAMES
Pin
A Location L, WL Y, YY W, WW Week
= = = =
Assembly Wafer Lot Year Work
Description Bus Switch Enables No Connect Bus A Bus B
NOTE: H = HIGH Voltage Level L = LOW Voltage Level
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
June, 2006 - Rev. 6
1
Publication Order Number: 74FST3861/D
74FST3861
A1 2 22 B1
A10
11
13
B10
OE
23
Figure 2. Logic Diagram ORDERING INFORMATION
Device Order Number 74FST3861DW 74FST3861DWR2 74FST3861DT 74FST3861DTR2 74FST3861QS 74FST3861QSR Package SOIC-24 SOIC-24 TSSOP-24* (Pb-Free) TSSOP-24* (Pb-Free) QSOP-24 QSOP-24 Shipping 48 Units / Rail 2500 Units / Tape & Reel 96 Units / Rail 2500 Units / Tape & Reel 96 Units / Rail 2500 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG TL TJ qJA DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance SOIC TSSOP QSOP Oxygen Index: 28 to 34 Human Body Model (Note 1) Machine Model (Note 2) Charged Device Model (Note 3) VI t GND VO t GND Parameter Value *0.5 to )7.0 *0.5 to )7.0 *0.5 to )7.0 *50 *50 128 $100 $100 *65 to )150 260 )150 125 170 200 Level 1 UL 94 V-0 @ 0.125 in u2000 u200 N/A V Unit V V V mA mA mA mA mA C C C C/W
MSL FR VESD
Moisture Sensitivity Flammability Rating ESD Withstand Voltage
Above VCC and Below GND at 85C (Note 4) $500 mA Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Tested to EIA/JESD22-A114-A. 2. Tested to EIA/JESD22-A115-A. 3. Tested to JESD22-C101-A. 4. Tested to EIA/JESD78.
ILatchup
Latchup Performance
http://onsemi.com
2
74FST3861
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO TA Dt/DV Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate Switch I/O Switch Control Input VCC = 5.0 V $ 0.5 V Parameter Operating, Data Retention Only (Note 5) (HIGH or LOW State) Min 4.0 0 0 *40 0 Max 5.5 5.5 5.5 )85 DC 5 Unit V V V C ns/V
5. Unused control inputs may not be left open. All control inputs must be tied to a high or low logic input voltage level.
DC ELECTRICAL CHARACTERISTICS
Symbol VIK VIH VIL II IOZ RON Parameter Clamp Diode Resistance High-Level Input Voltage Low-Level Input Voltage Input Leakage Current OFF-STATE Leakage Current Switch On Resistance (Note 6) 0 v VIN v 5.5 V 0 v A, B v VCC VIN = 0 V, IIN = 64 mA VIN = 0 V, IIN = 30 mA VIN = 2.4 V, IIN = 15 mA VIN = 2.4 V, IIN = 15 mA ICC DICC Quiescent Supply Current Increase In ICC per Input VIN = VCC or GND, IOUT = 0 One input at 3.4 V, Other inputs at VCC or GND IIN = *18mA Conditions VCC (V) 4.5 4.0 to 5.5 4.0 to 5.5 5.5 5.5 4.5 4.5 4.5 4.0 5.5 5.5 4 4 8 11 2.0 0.8 $1.0 $1.0 7 7 15 20 3 2.5 mA mA TA = *405C to )855C Min Typ* Max *1.2 Unit V V V mA mA W
*Typical values are at VCC = 5.0 V and TA = 25C. 6. Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltages on the two (A or B) pins.
AC ELECTRICAL CHARACTERISTICS
TA = *405C to )855C CL = 50 pF, RU = RD = 500 W VCC = 4.5-5.5 V Symbol tPHL, tPLH tPZH, tPZL tPHZ, tPLZ Parameter Prop Delay Bus to Bus (Note 7) Output Enable Time, IOE to Bus A, B Output Disable Time, IOE to Bus A, B Conditions VI = OPEN VI = OPEN for tPZH VI = OPEN for tPHZ 1.0 1.0 Min Max 0.25 5.1 5.5 VCC = 4.0 V Min Max 0.25 5.6 5.5 Unit ns ns ns
7. This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
CAPACITANCE (Note 8)
Symbol CIN CI/O Parameter Control Pin Input Capacitance A/B Port Input/Output Capacitance Conditions VCC = 5.0 V VCC, OE = 5.0 V Typ 3 5 Max Unit pF pF
8. TA = )25C, f = 1 MHz, Capacitance is characterized but not tested.
http://onsemi.com
3
74FST3861
AC Loading and Waveforms
VI FROM OUTPUT UNDER TEST 500 W
CL*
500 W
NOTES: 1. Input driven by 50 W source terminated in 50 W. 2. CL includes load and stray capacitance. *CL = 50 pF
Figure 3. AC Test Circuit
tf = 2.5 nS 90 % SWITCH INPUT 1.5 V 10 % tPLH 1.5 V 90 % 1.5 V
tf = 2.5 nS
3.0 V
10 % tPLH
GND VOH
OUTPUT
1.5 V VOL
Figure 4. Propagation Delays
tf = 2.5 nS tf = 2.5 nS ENABLE INPUT 90 % 1.5 V 10 % tPZL OUTPUT 1.5 V tPZH 10 % 90 % 1.5 V GND tPZL 3.0 V
VOL + 0.3 V VOL tPHZL VOH
1.5 V OUTPUT
VOH - 0.3 V
Figure 5. Enable/Disable Delays
http://onsemi.com
4
74FST3861
PACKAGE DIMENSIONS
SOIC-24 D SUFFIX CASE 751E-04 ISSUE E
13
-A-
24
-B-
12X
P 0.010 (0.25)
M
B
M
1
12
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 15.25 15.54 7.40 7.60 2.35 2.65 0.35 0.49 0.41 0.90 1.27 BSC 0.23 0.32 0.13 0.29 0_ 8_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.601 0.612 0.292 0.299 0.093 0.104 0.014 0.019 0.016 0.035 0.050 BSC 0.009 0.013 0.005 0.011 0_ 8_ 0.395 0.415 0.010 0.029
24X
D 0.010 (0.25)
M
J TA
S
B
S
F R C -T-
SEATING PLANE 22X X 45 _
G
K
M
TSSOP-24 DT SUFFIX CASE 948H-01 ISSUE A
24X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
2X
L/2
24
13
L
PIN 1 IDENT. 1 12
B -U-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 7.70 7.90 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.303 0.311 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.15 (0.006) T U
S
A -V-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
K
N
0.25 (0.010) M
J1
SECTION N-N J
EE CCC EE CCC CCC
K1
-W-
N F DETAIL E DETAIL E
http://onsemi.com
5
74FST3861
PACKAGE DIMENSIONS
QSOP-24 QS SUFFIX CASE 492B-01 ISSUE O
-A- R U -B-
RAD. 0.013 X 0.005 DP. MAX RAD. 0.005-0.010 TYP
Q H x 45_
MOLD PIN MARK
L
P 0.25 (0.010)
M
G T
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. THE BOTTOM PACKAGE SHALL BE BIGGER THAN THE TOP PACKAGE BY 4 MILS (NOTE: LEAD SIDE ONLY). BOTTOM PACKAGE DIMENSION SHALL FOLLOW THE DIMENSION STATED IN THIS DRAWING. 4. PLASTIC DIMENSIONS DOES NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 6 MILS PER SIDE. 5. BOTTOM EJECTOR PIN WILL INCLUDE THE COUNTRY OF ORIGIN (COO) AND MOLD CAVITY I.D. INCHES DIM MAX MIN A 0.337 0.344 B 0.150 0.157 C 0.061 0.068 D 0.008 0.012 F 0.016 0.035 G 0.025 BSC H 0.008 0.018 J 0.0098 0.0075 K 0.004 0.010 L 0.230 0.244 M 0_ 8_ N 0_ 7_ P 0.027 0.037 Q 0.035 DIA R 0.035 0.045 U 0.035 0.045 V 0_ 8_ MILLIMETERS MAX MIN 8.56 8.74 3.81 3.99 1.55 1.73 0.20 0.31 0.41 0.89 0.64 BSC 0.20 0.46 0.249 0.191 0.10 0.25 5.84 6.20 0_ 8_ 0_ 7_ 0.69 0.94 0.89 DIA 0.89 1.14 0.89 1.14 0_ 8_
DETAIL E
V N 8 PL K -T-
SEATING PLANE M
J M
C
24 PL
D TB
S
F DETAIL E
0.25 (0.010)
A
S
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
74FST3861/D


▲Up To Search▲   

 
Price & Availability of 74FST3861DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X