![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74ACT174 HEX D-TYPE FLIP FLOP WITH CLEAR s s s s s s s s s HIGH SPEED: fMAX = 200MHz (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.), V IL = 0.8V (MAX.) 50 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 174 IMPROVED LATCH-UP IMMUNITY DIP SOP TSSOP ORDER CODES PACKAGE DIP SOP TSSOP TUBE 74ACT174B 74ACT174M T&R 74ACT174MTR 74ACT174TTR DESCRIPTION The 74ACT174 is an advanced high-speed CMOS HEX D-TYPE FLIP FLOP WITH CLEAR fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology. Information signals applied to D inputs are transferred to the Q output on the positive going edge of the clock pulse. When the CLEAR input is held low, the Q outputs are held low independentely of the other inputs. The device is designed to interface directly High Speed CMOS systems with TTL, NMOS and CMOS output voltage levels. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. PIN CONNECTION AND IEC LOGIC SYMBOLS April 2001 1/11 74ACT174 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN No 1 2, 5, 7, 10, 12, 15 3, 4, 6, 11, 13, 14 9 8 16 SYMBOL CLEAR Q0 to Q5 D0 to D5 CLOCK GND VCC NAME AND FUNCTION Asynchronous Master Reset (Active LOW) Flip-Flop Outputs Data Inputs Clock Input (LOW-to-HIGH, Edge Trigger) Ground (0V) Positive Supply Voltage TRUTH TABLE INPUTS CLEAR L H H H X : Don't Care OUTPUT FUNCTION CLOCK X Q L L H Qn NO CHANGE CLEAR D X L H X LOGIC DIAGRAM This logic diagram has not to be used to estimate propagation delays 2/11 74ACT174 ABSOLUTE MAXIMUM RATINGS Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 300 -65 to +150 300 Unit V V V mA mA mA mA C C ICC or IGND DC VCC or Ground Current Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1) Parameter Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to 125 8 Unit V V V C ns/V 1) VIN from 0.8V to 2.0V 3/11 74ACT174 DC SPECIFICATIONS Test Condition Symbol Parameter VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Low Level Output Voltage 4.5 5.5 4.5 5.5 II ICCT ICC IOLD IOHD Input Leakage Current Max ICC/Input Quiescent Supply Current Dynamic Output Current (note 1, 2) 5.5 5.5 5.5 5.5 VO = 0.1 V or VCC-0.1V VO = 0.1 V or VCC-0.1V IO=-50 A IO=-50 A IO=-24 mA IO=-24 mA IO=50 A IO=50 A IO=24 mA IO=24 mA VI = VCC or GND VI = VCC - 2.1V VI = VCC or GND VOLD = 1.65 V max VOHD = 3.85 V min 0.6 4 4.4 5.4 3.86 4.86 0.001 0.001 0.1 0.1 0.36 0.36 0.1 TA = 25C Min. 2.0 2.0 Typ. 1.5 1.5 1.5 1.5 4.49 5.49 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1 1.5 40 75 -75 Max. Value -40 to 85C Min. 2.0 2.0 0.8 0.8 4.4 5.4 3.7 4.7 0.1 0.1 0.5 0.5 1 1.6 80 50 -50 A mA A mA mA V Max. -55 to 125C Min. 2.0 2.0 0.8 0.8 V Max. V Unit VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage 1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50 AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf = 3ns) Test Condition Symbol Parameter VCC (V) 5.0(*) 5.0(*) 5.0(*) 5.0(*) 5.0(*) TA = 25C Min. 1.5 1.5 Typ. 6.0 7.0 3.0 3.0 0.5 Max. 10.5 9.5 4.5 4.5 1.5 Value -40 to 85C Min. Max. 11.5 11.0 5.0 5.0 1.5 -55 to 125C Min. Max. 11.5 11.0 5.0 5.0 1.5 ns ns ns ns ns Unit tPLH tPHL Propagation Delay Time CLOCK to Y tPLH tPHL Propagation Delay Time CLEAR to Y tWL CLEAR Pulse Width, LOW tW CLOCK Pulse Width ts Setup Time D to CLOCK, HIGH or LOW th Hold Time D to CLOCK, HIGH or LOW Recovery Time tREM CLEAR to CLOCK fMAX Maximum CLOCK Frequency (*) Voltage range is 5.0V 0.5V 5.0(*) 5.0(*) 5.0(*) 165 1.0 0.0 200 2.0 0.5 140 2.0 0.5 140 2.0 0.5 ns ns MHz 4/11 74ACT174 CAPACITIVE CHARACTERISTICS Test Condition Symbol Parameter VCC (V) 5.0 5.0 fIN = 10MHz TA = 25C Min. Typ. 4 35 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF pF Unit CIN CPD Input Capacitance Power Dissipation Capacitance (note 1) 1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x f IN + ICC/n (per circuit) TEST CIRCUIT CL = 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50) 5/11 74ACT174 WAVEFORM 1: PROPAGATION DELAYS, SETUP AND HOLD TIMES (f=1MHz; 50% duty cycle) WAVEFORM 2: PROPAGATION DELAYS (f=1MHz; 50% duty cycle) 6/11 74ACT174 WAVEFORM 3: RECOVERY TIME (f=1MHz; 50% duty cycle) 7/11 74ACT174 Plastic DIP-16 (0.25) MECHANICAL DATA mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX. DIM. P001C 8/11 74ACT174 SO-16 MECHANICAL DATA DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010 P013H 9/11 74ACT174 TSSOP16 MECHANICAL DATA mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176 DIM. A A2 A1 b e K c L E D E1 PIN 1 IDENTIFICATION 1 10/11 74ACT174 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com 11/11 This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 74ACT174M
![]() |