Part Number Hot Search : 
MTB25HBM 49FL004 S20SC9MT TMP47C8 10180 HXXDC1 SPF0004 NCP43
Product Description
Full Text Search
 

To Download 5311R500T2L50CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 5311
1-5/16" Diameter Single Turn Wirewound Precision Potentiometer
ELECTRICAL
2
Resistance Range, Ohms Standard Resistance Tolerance Minimum Practical Resistance Tolerance Independent Linearity Minimum Practical Independent Linearity
Input Voltage Power Rating, Watts Dielectric Strength Insulation Resistance, Minimum Noise, Maximum Actual Electrical Travel Tap Tolerance End Voltage, Maximum
ENVIRONMENTAL (MIL-R-12934)
10 to 44.6K 3% (5% 40 Ohms) 1% 0.5% (1% 250 Ohms) 1.0%, 40 Ohms 0.75%, 41-99 Ohms 0.5%, 100-249 Ohms 0.25%, 250 Ohms 400Vdc not to exceed power rating 2.0 at 40C derating to 0 at 85C 1,000V rms 1,000 Megohms 100 Ohms (250 Ohms: RT 500 Ohms) 352 2 Continuous model 350 2 Stop model 1 (2 <100 Ohms) Linearity x Input Voltage
Operating Temperature Range Temperature Cycling Shock, 6ms Sawtooth Vibration Moisture Resistance High Temperature Exposure Rotational Load Life
Specifications subject to change without notice.
-25C to +85C 5 cycles, -25C to +85C (5% R) 100G's (0.1ms discontinuity max.) 10G's, 10 to 500 Hz (5% R, 0.1ms discontinuity max.) Five 24 hour cycles (3% R) 1,000 hours at 85C (5% R) 500K shaft rev. at rated wattage at 85C (5% R)
2-43
Model 5311
MECHANICAL
Total Mechanical Travel Number of Gangs, Maximum Weight, Nominal Static Stop Strength Shaft End Play, Maximum Shaft Runout, T.I.R., Maximum Pilot Diameter Runout, T.I.R., Maximum Lateral Runout, T.I.R., Maximum Shaft Radial Play, Maximum Starting Torque, Maximum Running Torque, Maximum
STANDARD RESISTANCE VALUES, OHMS
360 Continuous model 350 2 Stop model 1 1.5 oz. 48 oz.-in. .007" .0025" .0025" .003" .004" 1.0 oz.-in. 0.7 oz.-in.
Total Resistance 10 100 500 1K 2K 5K 10K 20K 30K
Theoretical Resolution (% Nominal) 0.491 0.233 0.187 0.150 0.117 0.090 0.073 0.066 0.060
Tempco of Wire 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C
METRIC CONVERSIONS
1 in. 1 oz.
25.4mm 28.4 gm
1 oz.-in. 1 lb.-in.
0,007 N-m 0,113 N-m
2-44
Model 5311
OUTLINE DIMENSIONS (Inch/mm) Mounting Surface .891.031 22.60.79 .875.031 22.20.79 .734.016 18.60.41 .062.016 1.580.41 CW CCW 1.312.016 33.330.41 Slider CT CT When Specified .062.016 1.580.41 .375.016 9.530.41 .406 +.000 -.002 Dia. 10.3 +0.00 -0.05 Chamfer .016 Max. x 45 0.41 3/8-32 UNEF Thread .562.016 14.30.41 .2497 +.0000 -.0003 Dia. 6.342 +0.000 -0.008 .031.016 0.790.41
2
Locating Lug: .125.005 Dia. 3.180.13
SPECIAL FEATURES
Center Tap Linearity Tape Flatted Shaft Slotted Shaft Shaft Lock Stop
ORDERING INFORMATION
CT LT FS SS SL ST
5311 R 10K T2 L .50 XX Model Series Resistance Prefix Resistance Value Optional Special Feature Code Linearity Optional Non-Standard Tolerance
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only.
(S) (CCW) (CW)
INCH mm
Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
2-45
Model 5311


▲Up To Search▲   

 
Price & Availability of 5311R500T2L50CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X