Part Number Hot Search : 
SOP12 FR157 NMO900B 5V400 MCH6622 MCH6622 Q6025L5 SOP12
Product Description
Full Text Search
 

To Download 30N06-TF3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 30N06
30 Amps, 60 Volts N-CHANNEL POWER MOSFET
1
MOSFET
DESCRIPTION
The UTC 30N06 is a low voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and excellent avalanche characteristics. This power MOSFET is usually used at automotive applications in power supplies, high efficient DC to DC converters and battery operated products.
TO-220
1
TO-220F
FEATURES
* RDS(ON) = 40m@VGS = 10 V * Ultra low gate charge ( typical 20 nC ) * Low reverse transfer Capacitance ( CRSS = typical 80 pF ) * Fast switching capability * 100% avalanche energy specified * Improved dv/dt capability *Pb-free plating product number: 30N06L
SYMBOL
2.Drain
1.Gate
3.Source
ORDERING INFORMATION
Order Number Package Normal Lead Free Plating 30N06-TA3-T 30N06L-TA3-T TO-220 30N06-TF3-T 30N06L-TF3-T TO-220F Note: Pin Assignment: G: Gate D: Drain S: Source Pin Assignment 1 2 3 G D S G D S Packing Tube Tube
30N06L-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube, R: Tape Reel (2) TA3: TO-220, TF3: TO-220F (3) L: Lead Free Plating Blank: Pb/Sn ,
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 8
QW-R502-087,A
30N06
ABSOLUTE MAXIMUM RATINGS
PARAMETER Drain-Source Voltage Gate to Source Voltage SYMBOL VDSS VGSS
MOSFET
RATINGS UNIT 60 V 20 V TC = 25 30 A Continuous Drain Current ID TC = 100 21.3 A Pulsed Drain Current (Note 1) IDM 120 A Avalanche Energy, Single Pulsed (Note 2) EAS 300 mJ Repetitive Avalanche Energy (Note 1) EAR 8 mJ Peak Diode Recovery dv/dt (Note 3) dv/dt 7.5 V/ns Total Power Dissipation (TC = 25 ) 80 W PD 0.53 W/ Derating Factor Above 25 Operation Junction Temperature TJ -55 ~ +150 Storage Temperature TSTG -55 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink Thermal Resistance, Junction-to-Ambient SYMBOL JC CS JA MIN TYP 0.5 62.5 MAX 1.8 UNIT C/W C/W C/W
ELECTRICAL CHARACTERISTICS (TC = 25 , unless otherwise specified)
PARAMETER Off Characteristics Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate-Source Leakage Forward Current Reverse Breakdown Voltage Temperature Coefficient On Characteristics Gate Threshold Voltage Static Drain-Source On-State Resistance Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge (Miller Charge) SYMBOL BVDSS IDSS IGSS BVDSS/ VGS(TH) RDS(ON) CISS COSS CRSS tD(ON) tR tD(OFF) tF QG QGS QGD TEST CONDITIONS VGS = 0 V, ID = 250 A VDS = 60 V, VGS = 0 V VDS = 48 V, VGS = 0 V, TJ = 150 VGS = 20V, VDS = 0 V VGS = -20V, VDS = 0 V TJ ID = 250 A, Referenced to 25 VDS = VGS, ID = 250 A VGS = 10 V, ID = 15 A 2.0 32 800 300 80 12 79 50 52 20 6 9 MIN TYP MAX UNIT 60 1 10 100 -100 0.06 4.0 40 V A A nA nA V/ V m pF pF pF ns ns ns ns nC nC nC
VGS = 0 V, VDS = 25 V f = 1MHz
VDD = 30V, ID =15 A, VGS=10V (Note 4, 5) VDS = 60V, VGS = 10 V, ID = 24A (Note 4, 5)
30
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 8
QW-R502-087,A
30N06
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER SYMBOL Source-Drain Diode Ratings and Characteristics Diode Forward Voltage VSD Maximum Continuous Drain-Source Diode Forward Current IS TEST CONDITIONS IS = 30A, VGS = 0 V
Integral Reverse p-n Junction Diode in the MOSFET
D
MOSFET
MIN TYP MAX UNIT 1.4 30 V A
Maximum Pulsed Drain-Source Diode Forward Current
ISM
G S
120
A
Reverse Recovery Time tRR IS = 30A, VGS = 0 V dIF / dt = 100 A/s (Note4) Reverse Recovery Charge QRR Note 1. Repeativity rating: pulse width limited by junction temperature 2. L=19.5mH, IAS=30A, RG=20, Starting TJ=25 3. ISD50A, di/dt300A/s, VDDBVDSS, Starting TJ=25 4. Pulse Test: Pulse Width300s,Duty Cycle2% 5. Essentially independent of operating temperature.
40 70
ns C
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 8
QW-R502-087,A
30N06
TEST CIRCUITS AND WAVEFORMS
MOSFET
D.U.T.
+ VDS -
+ L
RG Driver VGS Same Type as D.U.T. * dv/dt controlled by RG * I SD controlled by pulse period * D.U.T.-Device Under Test VDD
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
VGS (Driver)
P.W.
Period
D=
P. W. Period
VGS= 10V
I FM, Body Diode Forward Current ISD (D.U.T.) IRM Body Diode Reverse Current di/dt
Body Diode Recovery dv /dt VDS (D.U.T.) VDD
Body Diode
Forward Voltage Drop
Fig. 1B Peak Diode Recovery dv/dt Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 8
QW-R502-087,A
30N06
TEST CIRCUITS AND WAVEFORMS (Cont.)
RL VDD
MOSFET
VDS VGS RG
VDS
90%
10V
Pulse Width 1 s Duty Factor 0.1%
D.U.T.
VGS
10%
t D(ON ) tR tD (OFF) tF
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50k 12V 0.2 F 0.3 F
Same Type as D.U.T. 10V VDS QGS
QG
QGD
VGS DUT 1mA VG
Charge
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
L VDS BVDSS
RG
VDD D.U.T.
10V tp
IAS
tp
Time
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 8
QW-R502-087,A
30N06
TYPICAL CHARACTERISTICS
On-State Characteristics
V GS Top: 15V 10 V 8V 7V 102 6V 5 .5V 5V Bottorm : 4.5V
MOSFET
Transfer Characteristics
Drain Current, ID (A)
Drain Current, ID (A)
25
101
4.5V
10 1
1 50
102
Note: 1. VDS=25V 2. 20s Pulse Test 100 2 45 67 8 9 10 3 Gate-Source Voltage, VGS (V)
100
10-1
101 10 0 Drain-Source Voltage, VDS (V)
Drain-Source On-Resistance, RDS(ON) (m )
On-Resistance Variation vs Drain Current and . Gate Voltage 100 80 60 VGS=10V 40 VGS=20V 20 0.0 0 Reverse Drain Current, ISD (A)
Reverse Drain Current vs. Allowable Case Temperature 102
150 10 1 25 *Note: 1. VGS=0V 2. 250s Test 1.6
20
40
60
80
100 120
Drain Current, I D (A)
10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Source-Drain Voltage VSD (V) ,
2000
Gate-to-Source Voltage, VGS (V)
Capacitance (pF)
1500
Capacitance Characteristics (Non-Repetitive) C iss= Cgs +Cgd (C ds=shorted) C oss=Cds +Cgd C rss=C gd Coss Ciss *Note: 1. VGS=0V 2. f = 1MHz
Gate Charge Characteristics 12 10 8 6 4 2 0 0 *Note: I D=30A 10 15 20 5 Total Gate Charge, QG (nC) 25 VDS=30V VDS=48V
1000
500 C rss 0 0.1 1 10 Drain-Source Voltage, VDC (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 8
QW-R502-087,A
30N06
TYPICAL CHARACTERISTICS(Cont.)
Breakdown Voltage Variation vs Junction . Temperature 1.2 1.1 On-Resistance Variation vs . Junction Temperature
MOSFET
Drain-Source On-Resistance, RDS(ON), (Normalized)
Drain-Source Breakdown Voltage, BVDSS(Normalized)
3.0 2.5 2.0 1.5 1.0 0.5 0.0
1.0 *Note: 1. VGS=0V 2. ID=250A -50 0 50 100 150 200 )
0.9
*Note: 1. VGS=10V 2. I D=15A -50 0 50 100 150 Junction Temperature, T J ( )
0.8 -100
Junction Temperature, T J (
Maximum Safe Operating 100
Drain Current , ID,(A)
Maximum Drain Current vs. Case Temperature 30
Drain Current, I D (A)
Operation in This Area by RDS (ON) 100s 10ms DC 1ms
10
20
1
0.1 1
*Note: 1. T c=25 2. T J=150 3. Single Pulse 10 100 1000 Drain-Source Voltage, VDS (V)
10
0
25
50
75
100
125 )
150
Case Temperature, T C (
Transient Thermal Response Curve
(t)
Thermal Response, Z
JC
1
D=0.5 0.2
0.1
0.1
0.05 0.02 0.01 Single pulse
*Note: 1. Z J C (t) = 0.88 /W Max. 2. Duty Factor , D=t1/t2 3. TJ -TC =PDMxZ J C (t)
0.01
10 1 1E-5 1E-4 1E-3 0.01 0.1 Square Wave Pulse Duration t 1 (sec) ,
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
7 of 8
QW-R502-087,A
30N06
MOSFET
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
8 of 8
QW-R502-087,A


▲Up To Search▲   

 
Price & Availability of 30N06-TF3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X