Part Number Hot Search : 
2SK217 EF10C06 PSPW150 1N4370C 74HC245 SF802 TPF1215S 2SD772A
Product Description
Full Text Search
 

To Download 2W005G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005G - 2W10G
2.0A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * *
Glass Passivated Die Construction Low Forward Voltage Drop, High Current Capability Surge Overload Rating to 60A Peak Ideal for Printed Circuit Boards Case to Terminal Isolation Voltage 1500V UL Listed Under Recognized Component Index, File Number E94661 Lead Free Finish, RoHS Compliant (Date Code 0514+) (Note 3)
A
B +
Dim A
WOG Min 8.84 4.00 27.90 25.40 0.71 4.60 Max 9.86 4.60 3/4 3/4 0.81 5.60
C E
D
B C D E G
Mechanical Data
* * * * * * *
Case: WOG Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Silver. Plated Leads Solderable per MIL-STD-202, Method 208 e3 Polarity: As marked on Body Marking: Type Number Weight: 1.3 grams (approximate)
-
All Dimensions in mm
+ G
G
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TA = 25C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load per element Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance Typical Thermal Resistance Junction to Case Operating and Storage Temperature Range
Notes:
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJC Tj, TSTG
2W 005G 50 35
2W 01G 100 70
2W 02G 200 140
2W 04G 400 280 2.0 60 1.1 5.0 500 16 40 -65 to +150
2W 06G 600 420
2W 08G 800 560
2W 10G 1000 700
Unit V V A A V mA pF C/W C
@ IF = 2.0A @ TA = 25C @ TA = 125C (Note 2)
1. Thermal resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS21204 Rev. 14 - 2
1 of 3 www.diodes.com
2W005G - 2W10G
a Diodes Incorporated
2.0
10
1.5
IF, INSTANTANEOUS FORWARD CURRENT (A)
150
Single phase half-sine-wave 60Hz resistive or inductive load
IF, AVERAGE FORWARD CURRENT (A)
1.0
1.0
0.1
0.5
0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
60
100
Pulse Width 8.3 ms Single Half-Sine-Wave
IFSM, PEAK FORWARD SURGE CURRENT (A)
Tj = 25C f = 1mz
40
30
CT, TOTAL CAPACITANCE (pF)
1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
50
10
20
10
0
1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance, Per Element
200 100
Tj = 100C
10
1.0
Tj = 25C
0.1
0.01 120 0 40 80 160 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS21204 Rev. 14 - 2
2 of 3 www.diodes.com
2W005G - 2W10G
Ordering Information (Note 4)
Device 2W005G 2W01G 2W02G 2W04G 2W06G 2W08G 2W10G
Notes:
Packaging WOG WOG WOG WOG WOG WOG WOG
Shipping 1K Bulk 1K Bulk 1K Bulk 1K Bulk 1K Bulk 1K Bulk 1K Bulk
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS21204 Rev. 14 - 2
3 of 3 www.diodes.com
2W005G - 2W10G


▲Up To Search▲   

 
Price & Availability of 2W005G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X