Part Number Hot Search : 
2SC398 FAS216U IRN50 HMBT6427 ITR8403 1600B FFCR55S0 VB326
Product Description
Full Text Search
 

To Download 2SC5383 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMALL-SIGNAL TRANSISTOR
2SC5383
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE(Ultra super mini type) DESCRIPTION
2SC5383 is a ultra super mini package resin sealed silicon NPN epitaxial transistor, It is designed for low frequency voltage application. . 0.4 1.6 0.8 0.4
OUTLINE DRAWING
Unit
0.5

1.6 1.0
FEATURE
Small collector to emitter saturation voltage. VCE(sat)=0.3V max@Ic=100mA,IB=10mA Excellent linearity of DC forward gain. Ultra super mini package for easy mounting
0.7
0.5
For Hybrid IC,small type machine low frequency voltage Amplify application.
JEITASC-75A JEDEC-
MAXIMUM RATINGSTa=25
Symbol VCBO VCEO VEBO I
O
TERMINAL CONNECTER
Ratings 50 50 6 200 150 150 -55150 Unit V V V mA mW
Parameter Collector to Base voltage Collector to Emitter voltage Emitter to Base voltage Collector current Collector dissipation Junction temperature Storage temperature
BASE EMITTER COLLECTOR
Pc Tj Tstg
ELECTRICAL CHARACTERISTICSTa=25
Parameter C to E break down voltage Collector cut off current Emitter cut off current DC forward current gain DC forward current gain C to E Saturation Vlotage Gain bandwidth product Collector output capacitance Noise figure Symbol V(BR)CEO ICBO IEBO hFE hFE VCE(sat) fT Cob NF I C=100A ,R V V V V
BE
00.1
APPLICATION
0.55
0.15 Limits Min 50 150 90 Typ 200 2.5 Max 0.1 0.1 800 0.3 15 V MHz pF dB
Test conditions =
0.3
Unit V A A
CB=50V, I E=0mA EB
=6V, I C=0mA =6V, I C=1mA
CE
CE=6V, I C=0.1mA
I C=100mA ,IB=10mA V V V
CE=6V, I E=-10mA CB CE
=6V, I E=0,f=1MHz
=6V, I E=-0.1mA,f=1kHz,RG=2k
It shows hFE classification in below table. Item Item
150300
250500
400800
ISAHAYA ELECTRONICS CORPORATION
SMALL-SIGNAL TRANSISTOR
2SC5383
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE(Ultra super mini type)
COMMON EMITTER OUTPUT 50 0.16mA
50
COMMON EMITTER TRANSFER
0.14mA 0.12mA 0.10mA
Ta=25
COLLECTOR CURRENT IC(mA) 40
Ta=25 VCE=6V
COLLECTOR CURRENT IC(mA)
40
30 0.08mA 20 0.06mA 0.04mA 10 0.02mA IB=0 0 0 1 2 3 4 COLLECTOR EMITTER VOLTAGE VCE(V) 5
30
20
10
0 0 0.2 0.4 0.6 0.8 BASE TO EMITTER VOLTAGE VBE(V) 1
DC FORWARD CURRENT GAIN VS. COLLECTOR CURRENT 10000
GAIN BAND WIDTH PRODUCT fT(MHz) 250
GAIN BAND WIDTH PRODUCT VS. EMITTER CURRENT Ta=25 VCE=6V 200
RELATIVE VALUE OF DC FORWARD CURRENT GAIN hFE
Ta=25 VCE=6V 100(@IC=1mA) 1000
150
100
100
10
50
1 0.1 1 10 100 1000 COLLECTOR CURRENT IC(mA)
0 -0.1
-1 -10 EMITTER CURRENT IE(mA)
-100
COLLECTOR OUTPUT CAPACITANCE VS. COLLECTOR TO BASE VOLTAGE 100 COLLECTOR OUTPUT CAPACITANCE Cob(pF)
COLLECTOR DISSIPATION Pc (mW)
COLLECTOR DISSIPATION VS.AMBIENT TEMPERTURE 250
Ta=25 IE=0 f=1MHz 10
200
150
100
1
50
0
0.1 0.1 1 10 100 COLLECTOR TO BASE VOLTAGE VCB(V)
0
25
50
75
100
125
150
AMBIENT TEMPERTURE Ta ()
ISAHAYA ELECTRONICS CORPORATION
SMALL-SIGNAL TRANSISTOR
2SC5383
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE(Ultra super mini type)
ISAHAYA ELECTRONICS CORPORATION


▲Up To Search▲   

 
Price & Availability of 2SC5383

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X