Part Number Hot Search : 
24LC0 EL2003 EL2003 EUP3427 PS253 76001 OP07SAJ5 ACT4088
Product Description
Full Text Search
 

To Download 2N6388 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
2N6388
SILICON NPN POWER DARLINGTON TRANSISTOR
s
s s s
STMicroelectronics PREFERRED SALESTYPE NPN DARLINGTON HIGH CURRENT CAPABILITY INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE
DESCRIPTION The device is a silicon epitaxial-base NPN power transistor in monolithic Darlington configuration mounted in Jedec TO-220 plastic package. It is inteded for use in low and medium frequency power applications.
3 1 2
TO-220
INTERNAL SCHEMATIC DIAGRAM
R1 Typ. = 10 K
R2 Typ. = 160
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEV V CER V CEO V EBO IC I CM IB P tot T stg Tj Parameter Collector-Base Voltage (I B = 0) Collector-Emitter Voltage (V BE = -1.5V) Collector-Emitter Voltage (R BE 100) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Total Dissipation at T c 25 o C Storage Temperature Max. Operating Junction Temperature Value 80 80 80 80 5 10 15 0.25 65 -65 to 150 150 Unit V V V V V A A A W
o o
C C
April 1999
1/4
2N6388
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 1.92
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEV I CEO I EBO Parameter Collector Cut-off Current (V BE = -1.5V) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = rated V CEO V CE = rated V CEO V CE = 80 V V EB = 5 V I C = 200 mA I C = 200 mA I C = 200 mA IC = 5 A I C = 10 A IC = 5 A I C = 10 A IC = 5 A I C = 10 A IC = 1 A IC = 1 A I F = 10 A IE = 0 V CB = 10 V f = 1MHz 2.6 R BE = 100 IC = 4.5 A 120 R BE = 100 V BE = -1.5V I B = 10 mA I B = 100 mA V CE = 3 V V CE = 3 V V CE = 3 V V CE = 3 V V CE = 10 V V CE = 10 V f = 1MHz f = 1KHz 1000 100 20 1000 4 200 V pF A mJ 80 80 80 2 3 2.8 4.5 20000 T c = 125 o C Min. Typ. Max. 0.3 3 1 5 Unit mA mA mA mA V V V V V V V
V CEO(sus) Collector-Emitter Sustaining Voltage V CER(sus) Collector-Emitter Sustaining Voltage V CEV(sus) Collector-Emitter Sustaining Voltage V CE(sat) V BE h FE h fe VF C CBO I s/b E s/b Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current Gain Small Signal Current Gain Parallel-diode Forward Voltage Collector Base Capacitance Second Breakdown Collector Current Second Breakdown Energy
V CE = 25 V L = 12 mH V BE = -1.5 V
Pulsed: Pulse duration = 300 s, duty cycle 1.5 % Pulsed: Pulse duration = 100ms non repetitive pulse.
2/4
2N6388
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
P011C
3/4
2N6388
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
4/4


▲Up To Search▲   

 
Price & Availability of 2N6388

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X