Part Number Hot Search : 
UC3843A KBK10A CA3079 MAX38 2SK44 S29GL03 LMD57 15N12
Product Description
Full Text Search
 

To Download 2N6344A06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N6344A, 2N6348A, 2N6349A
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave AC control applications, such as light dimmers, motor controls, heating controls and power supplies; or wherever full-wave silicon gate controlled solid-state devices are needed. Triac type thyristors switch from a blocking to a conducting state for either polarity of applied anode voltage with positive or negative gate triggering.
Features http://onsemi.com
TRIACS 12 AMPERES RMS 600 thru 800 VOLTS
* Blocking Voltage to 800 V * All Diffused and Glass Passivated Junctions for Greater Parameter * * * * *
Uniformity and Stability Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat Dissipation and Durability Gate Triggering Guaranteed in all Four Quadrants For 400 Hz Operation, Consult Factory 8.0 A Devices Available as 2N6344 thru 2N6349 Pb-Free Packages are Available*
MT2 G
MT1
MARKING DIAGRAM
4
TO-220AB CASE 221A STYLE 4 1 2 3
2N634xAG AYWW
2N634xA = Device Code x = 4, 8, or 9 A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package
PIN ASSIGNMENT
1 2 3 4 Main Terminal 1 Main Terminal 2 Gate Main Terminal 2
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
1
May, 2006 - Rev. 4
Publication Order Number: 2N6344A/D
2N6344A, 2N6348A, 2N6349A
MAXIMUM RATINGS
Characteristics *Peak Repetitive Off-State Voltage (Note 1) (Gate Open, TJ = -40 to +110C, Sine Wave 50 to 60 Hz, Gate Open) 2N6344A, 2N6348A 2N6349A *On-State RMS Current (Full Cycle Sine Wave 50 to 60 Hz) (TC = +80C) (TC = +95C) *Peak Non-repetitive Surge Current (One Full Cycle, 60 Hz, TC = +80C) Preceded and followed by rated current Circuit Fusing Consideration (t = 8.3 ms) *Peak Gate Power (TC = +80C, Pulse Width = 2.0 ms) *Average Gate Power (TC = +80C, t = 8.3 ms) *Peak Gate Current (Pulse Width = 2.0 ms; TC = +80C) *Peak Gate Voltage (Pulse Width = 2.0 ms; TC = +80C) *Operating Junction Temperature Range *Storage Temperature Range ITSM I2t PGM PG(AV) IGM VGM TJ Tstg IT(RMS) 12 6.0 100 59 20 0.5 2.0 "10 -40 to +125 -40 to +150 A A2s W W A V C C Symbol VDRM, VRRM 600 800 A Value Unit V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *Indicates JEDEC Registered Data. 1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic *Thermal Resistance, Junction-to-Case Maximum Lead Temperature for Soldering Purposes 1/8 from Case for 10 Seconds Symbol RqJC TL Max 2.0 260 Unit C/W C
ORDERING INFORMATION
Device 2N6344A 2N6344AG 2N6348A 2N6348AG 2N6349A 2N6349AG Package TO-220AB TO-220AB (Pb-Free) TO-220AB TO-220AB (Pb-Free) TO-220AB TO-220AB (Pb-Free) 500 Units / Box Shipping
http://onsemi.com
2
2N6344A, 2N6348A, 2N6349A
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted; Electricals apply in either direction)
Characteristic OFF CHARACTERISTICS *Peak Repetitive Blocking Current (VD = Rated VDRM, VRRM; Gate Open) ON CHARACTERISTICS *Peak On-State Voltage (ITM = "17 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle p 2%) Gate Trigger Current (Continuous dc) (VD = 12 Vdc, RL = 100 W) Quadrant I: MT2(+), G(+) Quadrant II: MT2(+), G(-) Quadrant III: MT2(-), G(-) Quadrant IV: MT2(-), G(+) *MT2(+), G(+); MT2(-), G(-) TC = -40C *MT2(+), G(-); MT2(-), G(+) TC = -40C Gate Trigger Voltage (Continuous dc) (VD = 12 Vdc, RL = 100 W) Quadrant I: MT2(+), G(+) Quadrant II: MT2(+), G(-) Quadrant III: MT2(-), G(-) Quadrant IV: MT2(-), G(+) *MT2(+), G(+); MT2(-), G(-) TC = -40C *MT2(+), G(-); MT2(-), G(+) TC = -40C VTM - IGT All 2N6348A and 2N6349A only All 2N6348A and 2N6349A only - - - - - - VGT All 2N6348A and 2N6349A only All 2N6348A and 2N6349A only - - - - - - VGD IH TC = 25C *TC = -40C tgt - - - 6.0 - 1.5 40 75 2.0 ms 0.2 0.9 0.9 1.1 1.4 - - - 2.0 2.5 2.0 2.5 2.5 3.0 - V mA 6.0 6.0 10 25 - - 50 75 50 75 100 125 V 1.3 1.75 V mA TJ = 25C TJ = 110C IDRM, IRRM - - - - 10 2.0 mA mA Symbol Min Typ Max Unit
Gate Non-Trigger Voltage (VD = Rated VDRM, RL = 10 k W, TJ = 110C) *MT2(+), G(+); MT2(-), G(-); MT2(+), G(-); MT2(-), G(+) Holding Current (VD = 12 Vdc, Gate Open) Initiating Current = "200 mA *Turn-On Time (VD = Rated VDRM, ITM = 17 A, IGT = 120 mA, Rise Time = 0.1 ms, Pulse Width = 2 ms) DYNAMIC CHARACTERISTICS Critical Rate of Rise of Commutation Voltage (VD = Rated VDRM, ITM = 17 A, Commutating di/dt = 6.1 A/ms, Gate Unenergized, TC = 80C) *Indicates JEDEC Registered Data.
dv/dt(c)
-
5.0
-
V/ms
http://onsemi.com
3
2N6344A, 2N6348A, 2N6349A
Voltage Current Characteristic of Triacs (Bidirectional Device)
+ Current Quadrant 1 MainTerminal 2 +
Symbol
VDRM IDRM VRRM IRRM VTM IH
Parameter
Peak Repetitive Forward Off State Voltage Peak Forward Blocking Current Peak Repetitive Reverse Off State Voltage Peak Reverse Blocking Current Maximum On State Voltage Holding Current Quadrant 3 MainTerminal 2 - IH VTM IRRM at VRRM on state IH
VTM
off state
+ Voltage IDRM at VDRM
Quadrant Definitions for a Triac
MT2 POSITIVE (Positive Half Cycle) +
(+) MT2
(+) MT2
Quadrant II 2N6348A 2N6349A
(-) IGT GATE MT1 REF
(+) IGT GATE MT1 REF
Quadrant I All
IGT - (-) MT2 (-) MT2
+ IGT
Quadrant III All
(-) IGT GATE MT1 REF
(+) IGT GATE MT1 REF
Quadrant IV 2N6348A 2N6349A
- MT2 NEGATIVE (Negative Half Cycle) All polarities are referenced to MT1. With in-phase signals (using standard AC lines) quadrants I and III are used.
http://onsemi.com
4
2N6344A, 2N6348A, 2N6349A
110 30 60 100 90 120 90 80 = CONDUCTION ANGLE 70 0 2.0 dc 4.0 6.0 8.0 10 12 IT(RMS), RMS ON-STATE CURRENT, (AMP) 14 0 0 2.0 4.0 6.0 8.0 10 IT(RMS), RMS ON-STATE CURRENT (AMP) 12 14 180 PAV , AVERAGE POWER (WATTS) TC , CASE TEMPERATURE ( C) 16 12 = CONDUCTION ANGLE TJ = 110C 90 4.0 60 = 30 180 120 20 dc
8.0
Figure 1. RMS Current Derating
Figure 2. On-State Power Dissipation
1.8 Vgt , GATE TRIGGER VOLTAGE (VOLTS) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -60 -40 -20 1 QUADRANTS 2 3 0 20 40 60 80 100 TJ, JUNCTION TEMPERATURE (C) 120 140 QUADRANT 4 I GT , GATE TRIGGER CURRENT (mA) VD = 12 V
50 VD = 12 V 30 20
10 7.0
QUADRANT
1 2 3 4
5.0 -60
-40
-20
0 20 40 60 80 100 TJ, JUNCTION TEMPERATURE (C)
120 140
Figure 3. Typical Gate Trigger Voltage
Figure 4. Typical Gate Trigger Current
http://onsemi.com
5
2N6344A, 2N6348A, 2N6349A
100 70 50 30 20 i TM , INSTANTANEOUS ON-STATE CURRENT (AMP) TJ = 100C 10 7.0 5.0 3.0 2.0 100 1.0 0.7 0.5 0.3 0.2 I TSM , PEAK SURGE CURRENT (AMP) 80 I H , HOLDING CURRENT (mA) 10 7.0 5.0 MAIN TERMINAL #2 POSITIVE 3.0 2.0 -60 20 GATE OPEN MAIN TERMINAL #1 POSITIVE
25C
-40
-20
60 0 20 40 80 100 TJ, JUNCTION TEMPERATURE (C)
120
140
Figure 6. Typical Holding Current
60 CYCLE TJ = 100C f = 60 Hz Surge is preceded and followed by rated current 1.0 2.0 3.0 5.0 NUMBER OF CYCLES 7.0 10
40
20 0
0.1 0.4
0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 vTM, MAXIMUM INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
Figure 5. On-State Characteristics
Figure 7. Maximum Non-Repetitive Surge Current
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 0.5
0.2 0.1 0.05
ZqJC(t) = r(t) * RqJC
0.02 0.01 0.1
0.2
0.5
1.0
2.0
5.0
20 50 t,TIME (ms)
100
200
500
1.0 k
2.0 k
5.0 k
10 k
Figure 8. Typical Thermal Response
http://onsemi.com
6
2N6344A, 2N6348A, 2N6349A
PACKAGE DIMENSIONS
TO-220AB CASE 221A-07 ISSUE AA
SEATING PLANE NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.014 0.022 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.36 0.55 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
-T- B F C
T
S
4
Q
123
A U K
H Z L V G D N J R
STYLE 4: PIN 1. 2. 3. 4.
MAIN TERMINAL 1 MAIN TERMINAL 2 GATE MAIN TERMINAL 2
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
2N6344A/D


▲Up To Search▲   

 
Price & Availability of 2N6344A06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X