Part Number Hot Search : 
TS35P05G 567SA350 100BGC BZG05C13 35507 GP608 MAX3260 MMSZ5232
Product Description
Full Text Search
 

To Download 2N6286 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP DARLINGTON POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/505 Devices 2N6286 2N6287 Qualified Level JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation(1)
Symbol
VCEO VCBO VEBO IB IC PT Top, Tstg Symbol RJC
2N6286
-80 -80
2N6287
-100 -100
Unit
Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TC = +250C @ TC = +1000C Operating & Storage Junction Temperature Range
-7.0 -0.5 -20 175 87.5 -65 to +175 Max. 0.857
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case
0
TO-3* (TO-204AA)
*See appendix A for package outline
1) Derate linearly @ 1.17 W/0C above TC > +250C ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC =-100 mAdc Collector-Emitter Cutoff Current VCE = -40 Vdc VCE = -50 Vdc Collector-Emitter Cutoff Current VCE = -80 Vdc, VBE = 1.5 Vdc VCE = -100 Vdc, VBE = 1.5 Vdc Emitter-Base Cutoff Current VEB = -7.0 Vdc 2N6286 2N6287 2N6286 2N6287 2N6286 2N6287 V(BR)CEO -80 -100 -1.0 -1.0 -0.5 -0.5 -2.5 Vdc
ICEO
mAdc
ICEX IEBO
mAdc Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6286, 2N6287 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = -1.0 Adc, VCE = -3.0 Vdc IC = -10 Adc, VCE = -3.0 Vdc IC = -20 Adc, VCE = -3.0 Vdc Collector-Emitter Saturation Voltage IC = -20 Adc, IB = -200 mAdc IC = -10 Adc, IB = -40 mAdc Base-Emitter Saturation Voltage IC = -20 Adc, IB = -200 mAdc Base-Emitter Voltage IC = -10 Adc, VCE = -3.0 Vdc hFE 1,500 1,250 300 18,000
VCE(sat) VBE(sat) VBE(on)
-3.0 -2.0 -4.0 -2.8
Vdc Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = -10 Adc, VCE = -3.0 Vdc f = 1.0 MHz Small-Signal Short-Circuit Forward Current Transfer Ratio IC = -10 Adc, VCE = -3.0 Vdc Output Capacitance VCB = -10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe hfe Cobo 8.0 300 400 pF 80
SWITCHING CHARACTERISTICS
Turn-On Time VCC = -30 Vdc; IC = -10 Adc; IB = -40 mAdc Turn-Off Time VCC = -30 Vdc; IC = -10 Adc; IB1 = IB2 = -40 mAdc
t
on
2.0 10
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = -8.75 Vdc, IC = -20 Adc All Types Test 2 VCE = -30 Vdc, IC = -5.8 Adc All Types Test 3 VCE = -80 Vdc, IC = -100 mAdc 2N6286 VCE = -100 Vdc, IC = -100 mAdc 2N6287 (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6286

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X