Part Number Hot Search : 
2N603 AS8202N GR3AB IRFF133 74ALVC 2SB817E SK170 IRFSL
Product Description
Full Text Search
 

To Download 2N548400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5484 / 5485 / 5486 / MMBF5484 / 5485 / 5486
2N5484 2N5485 2N5486
MMBF5484 MMBF5485 MMBF5486
G
S G S
TO-92
D
SOT-23
Mark: 6B / 6M / 6H
D
NOTE: Source & Drain are interchangeable
N-Channel RF Amplifier
This device is designed primarily for electronic switching applications such as low On Resistance analog switching. Sourced from Process 50.
Absolute Maximum Ratings*
Symbol
VDG VGS IGF TJ ,Tstg Drain-Gate Voltage Gate-Source Voltage Forward Gate Current
TA = 25C unless otherwise noted
Parameter
Value
25 - 25 10 -55 to +150
Units
V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N5484-5486 350 2.8 125 357
Max
*MMBF5484-5486 225 1.8 556
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
1997 Fairchild Semiconductor Corporation
2N5484 / 5485 / 5486 / MMBF5484 / 5485 / 5486
N-Channel RF Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)GSS IGSS VGS(off) Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage IG = - 1.0 A, VDS = 0 VGS = - 20 V, VDS = 0 VGS= - 20 V, VDS= 0, TA= 100C 5484 VDS = 15 V, ID = 10 nA 5485 5486 - 25 - 1.0 - 0.2 - 3.0 - 4.0 - 6.0 V nA A V V V
- 0.3 - 0.5 - 2.0
ON CHARACTERISTICS
IDSS Zero-Gate Voltage Drain Current* VDS = 15 V, VGS = 0 5484 5485 5486 1.0 4.0 8.0 5.0 10 20 mA mA mA
SMALL SIGNAL CHARACTERISTICS
gfs Forward Transfer Conductance VDS = 15 V, VGS = 0, f = 1.0 kHz 5484 5485 5486 VDS = 15 V, VGS = 0, f = 100 MHz 5484 VDS = 15 V, VGS = 0, f = 400 MHz 5485 / 5486 VDS = 15 V, VGS = 0, f = 1.0 kHz 5484 5485 5486 VDS = 15 V, VGS = 0, f = 100 MHz 5484 VDS = 15 V, VGS = 0, f = 400 MHz 5485 / 5486 VDS = 15 V, VGS = 0, f = 100 MHz 5484 VDS = 15 V, VGS = 0, f = 400 MHz 5485 5486 VDS = 15 V, VGS = 0, f = 1.0 MHz VDS = 15 V, VGS = 0, f = 1.0 MHz VDS = 15 V, VGS = 0, f = 1.0 MHz VDS= 15 V, RG = 1.0 k, 5484 f = 100 MHz VDS= 15 V, RG = 1.0 k, 5484 f = 400 MHz VDS= 15 V , RG = 1.0 k, 5485 / 5486 f = 100 MHz VDS= 15 V, RG = 1.0 k, 5485 / 5486 f = 400 MHz 3000 3500 4000 6000 7000 8000 100 1000 50 60 75 75 100 2500 3000 3500 5.0 1.0 2.0 3.0 4.0 2.0 4.0 mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos mhos pF pF pF dB dB dB dB
Re(yis)
Input Conductance
gos
Output Conductance
Re(yos)
Output Conductance
Re(yfs)
Forward Transconductance
5
Ciss Crss Coss NF
Input Capacitance Reverse Transfer Capacitance Output Capacitance Noise Figure
*Pulse Test: Pulse Width 300 ms, Duty Cycle 2%
2N5484 / 5485 / 5486 / MMBF5484 / 5485 / 5486
N-Channel RF Amplifier
(continued)
Typical Characteristics
Transfer Characteristics
20
Channel Resistance vs Temperature
1000 r DS - DRAIN ON RESISTANCE ( ) 500 300 200 100
V GS(OFF) = -4.5V TA = -55 C T A = +25 C
O O
V DS
= 15V
ID - DRAIN CURRENT (mA)
16
V GS(OFF) = -1.0V -2.5 V -5.0V -8.0 V
12
T A = +125O C
TA = -55 C T A = +25 C T A = +125O C
O
O
8
50 30 20 10
4
V DS V
-50
GS
= 100mV =0V
150
-2.5 V
0 0 -1 -2 -3 -4 VGS- GATE-SOURCE VOLTAGE(V) -5
0 50 100 T A - AMBIENT TEMPERATURE (C)
Transconductance Characteristics
gfs -- TRANSCONDUCTANCE (mmhos) 7 6 5 4 3 2 1 0 0
Common Drain-Source Characteristics
I D -- DRAIN CURRENT (mA)
DS
TA = -55 C T A = +25 C T A = +125O C
O
O
V
= 15V
5 4 TYP V 3
T A = +25 C
GS(OFF)
O
= -5.0V
= 0V
5V .0V -0. -1 V -1.5
-2.0V
TA = -55 C T A = +25 C T A = +125O C V GS(OFF) = -4.5V
O
O
V
GS
-2.5V
-3.0V -3.5V
2 1
-2.5 V
-1 -2 -3 -4 VGS- GATE-SOURCE VOLTAGE(V) -5
-4.0V 0 0 0.2 0.4 0.6 0.8 VDS - DRAIN-SOURCE VOLTAGE(V) 1
gos -- OUTPUT CONDUCTANCE (u mhos)
T A = +25 C f = 1.0 kHz
20 10 5
O
V
GS(OFF)
= -5.5V
5.0V 10V 15V 20V
gfs, I DSS @ V DS = 15 V, V r DS @ VDS= 100mV, V
GS
= 0 PULSE GS = 0
100 50 30 20 10 5
V
DG
= 5v 10 20 15 5 10 15 20 V
GS(OFF)
1 0.5
= -3.5V
V
0.1 0.01 0.02
GS(OFF)
= -1.5V
5 10
20 10 -1
VGS(OFF) @ VGS = 15V, I D= 1nA -2 -3 -5 -7 V - GATE-SOURCE VOLTAGE(V)
GS
3 2 1 - 10
0.05 0.1 0.2 0.5 1 2 I D -- DRAIN CURRENT (mA)
gfs --- TRANSCONDUCTANCE ( mmhos ) I -- DRAIN CURRENT ( mA ) DSS
Output Conductance vs Drain Current
r DS -- DRAIN "ON" RESISTANCE ( )
Transconductance Parameter Interactions
2N5484 / 5485 / 5486 / MMBF5484 / 5485 / 5486
N-Channel RF Amplifier
(continued)
Typical Characteristics
(continued)
Transconductance vs Drain Current
gfs -- TRANSCONDUCTANCE (mmhos) 10 5
e n- NOISE VOLTAGE ( nV/
Noise Voltage vs Frequency
V DG = 15V BW = 6.0 Hz @ f = 10 Hz, 100 Hz = 0.2 f @ f > 1.0 kHz
Hz )
V GS(OFF) = - 1.5V O TA = -55 C T A = +25 C T A = +125 C
O O
1 0.5
TA = -55 C V GS(OFF) T A = +25 C T A = +125 O C = - 5V V DG = 15V f = 1.0 kHz
O
O
10 5
I D = 0.5 mA I D = 3 mA
0.1 0.01 0.02
0.05 0.1 0.2 0.5 1 2 I D - DRAIN CURRENT (mA)
5
10
1 0.01 0.03
0.1
0.3 1 3 10 f -- FREQUENCY (kHz)
30
100
Capacitance vs Voltage
10 ) -- CAPACITANCE (pF) f = 0.1 - 1.0 MHz NF -- NOISE FIGURE (dB) 5 C is ( V DS = 15 V) 1 C rs ( V DS = 0 V) 4 5
Noise Figure Frequency
V DS I
D
= 15V = 5.0 mA
3
R g = 1.0 k O T A = +25 C
2
C is( C
rs
1
0
-5 -10 -15 VGS-- GATE-SOURCE VOLTAGE(V)
-20
0 10
20
30
50 100 200 300 f -- FREQUENCY (MHz)
500
1000
5
Power Dissipation vs. Ambient Temperature
P D - POWER DISSIPATION (mW) 350 300 250 200 150 100 50 0 0 25 50 75 100 TEMPERATURE (C) 125 150
TO-92 SOT-23
2N5484 / 5485 / 5486 / MMBF5484 / 5485 / 5486
N-Channel RF Amplifier
(continued)
Common Source Characteristics
Input Admittance
Yiss -- INPUT ADMITTANCE (mmhos) 10 5 V DS = 15V V GS = 0 (CS)
-- OUTPUT CONDUCTANCE (mmhos) 1
Output Admittance
b OSS (x 10) g
OSS
1 b iss g iss
V DS = 15V V GS = 0 (CS)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
100
200 300 500 f -- FREQUENCY (MHz)
700
1000
Forward Transadmittance
Yfss -- FORWARD TRANSFER (mmhos)
Y rss-- REVERSE TRANSFER (mmhos)
Y
OSS
Reverse Transadmittance
10 5
10 5
+g
fss
-b fss
1
- b rss
1
-g V DS = 15V V GS = 0 (CS)
100
rss
( X 0.1)
V DS = 15V V GS = 0 (CS)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
200 300 500 f -- FREQUENCY (MHz)
700
1000
2N5484 / 5485 / 5486 / MMBF5484 / 5485 / 5486
N-Channel RF Amplifier
(continued)
Common Gate Characteristics
Input Admittance
Y ogs-- OUTPUT CONDUCTANCE (mmhos) Y -- INPUT ADMITTANCE (mmhos) igs 1
Output Admittance
V DS = 15V V GS = 0 (CG)
b OgS (x 10) g
Ogs
10 5
g igs
b igs
V DS = 15V V GS = 0 (CG)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
1 100
200 300 500 f -- FREQUENCY (MHz)
700
1000
Forward Transadmittance
Y rgs-- REVERSE TRANSFER (mmhos)
Yfgs -- FORWARD TRANSFER (mmhos) 10 5
Reverse Transadmittance
1 V DS = 15V V GS = 0 (CG) g
rgs
+g fgs
-b fgs
1
- b rgs
V DS = 15V V GS = 0 (CG)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
5
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
TO-92 Tape and Reel Data
TO-92 Packaging Configuration: Figure 1.0
TAPE and REEL OPTION
FSCINT Label sample
FAIRCHILD SEMICONDUCTOR CORPORATION LOT:
CBVK741B019
HTB:B QTY: 10000
See Fig 2.0 for various Reeling Styles
NSID:
PN2222N
SPEC:
D/C1:
D9842
SPEC REV: QA REV:
B2
FSCINT Label
(FSCINT)
5 Reels per Intermediate Box F63TNR Label Customized Label 375mm x 267mm x 375mm Intermediate Box
F63TNR Label sample
LOT: CBVK741B019 FSID: PN222N D/C1: D9842 D/C2: QTY1: QTY2: QTY: 2000 SPEC: SPEC REV: CPN: N/F: F
Customized Label
(F63TNR)3
TO-92 TNR/AMMO PACKING INFROMATION
Packing Reel Style A E Ammo M P Quantity 2,000 2,000 2,000 2,000 EOL code D26Z D27Z D74Z D75Z
AMMO PACK OPTION
See Fig 3.0 for 2 Ammo Pack Options
Unit weight = 0.22 gm Reel weight with components = 1.04 kg Ammo weight with components = 1.02 kg Max quantity per intermediate box = 10,000 units
FSCINT Label 327mm x 158mm x 135mm Immediate Box Customized Label 5 Ammo boxes per Intermediate Box F63TNR Label 333mm x 231mm x 183mm Intermediate Box
Customized Label
(TO-92) BULK PACKING INFORMATION
EOL CODE J18Z J05Z NO EOL CODE DESCRIPTION TO-18 OPTION STD TO-5 OPTION STD TO-92 STANDARD STRAIGHT FOR: PKG 92, 94 (NON PROELECTRON SERIES), 96 TO-92 STANDARD STRAIGHT FOR: PKG 94 (PROELECTRON SERIES BCXXX, BFXXX, BSRXXX), 97, 98 LEADCLIP DIMENSION NO LEAD CLIP NO LEAD CLIP NO LEADCLIP QUANTITY 2.0 K / BOX 1.5 K / BOX 2.0 K / BOX
BULK OPTION
See Bulk Packing Information table Anti-static Bubble Sheets
FSCINT Label
L34Z
NO LEADCLIP
2.0 K / BOX
2000 units per EO70 box for std option
114mm x 102mm x 51mm Immediate Box
5 EO70 boxes per intermediate Box 530mm x 130mm x 83mm Intermediate box Customized Label
FSCINT Label 10,000 units maximum per intermediate box for std option
(c)2001 Fairchild Semiconductor Corporation
March 2001, Rev. B1
TO-92 Tape and Reel Data, continued
TO-92 Reeling Style Configuration: Figure 2.0
Machine Option "A" (H) Machine Option "E" (J)
Style "A", D26Z, D70Z (s/h)
Style "E", D27Z, D71Z (s/h)
TO-92 Radial Ammo Packaging Configuration: Figure 3.0
FIRST WIRE OFF IS COLLECTOR ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON TOP FIRST WIRE OFF IS EMITTER ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON BOTTOM
ORDER STYLE D74Z (M)
ORDER STYLE D75Z (P)
FIRST WIRE OFF IS EMITTER (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON BOTTOM
FIRST WIRE OFF IS COLLECTOR (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON TOP
September 1999, Rev. B
TO-92 Tape and Reel Data, continued
TO-92 Tape and Reel Taping Dimension Configuration: Figure 4.0
Hd P Pd
b Ha H1 HO d L L1 W1 S WO W2 W
t
t1 P1 F1 P2 DO ITEM DESCRIPTION PO Base of Package to Lead Bend Component Height Lead Clinch Height Component Base Height Component Alignment ( side/side ) Component Alignment ( front/back ) Component Pitch Feed Hole Pitch Hole Center to First Lead Hole Center to Component Center Lead Spread Lead Thickness Cut Lead Length Taped Lead Length Taped Lead Thickness Carrier Tape Thickness SYMBOL b Ha HO H1 Pd Hd P PO P1 P2 F1/F2 d L L1 t t1 W WO W1 W2 DO S DIMENSION 0.098 (max) 0.928 (+/- 0.025) 0.630 (+/- 0.020) 0.748 (+/- 0.020) 0.040 (max) 0.031 (max) 0.500 (+/- 0.020) 0.500 (+/- 0.008) 0.150 (+0.009, -0.010) 0.247 (+/- 0.007) 0.104 (+/- 0 .010) 0.018 (+0.002, -0.003) 0.429 (max) 0.209 (+0.051, -0.052) 0.032 (+/- 0.006) 0.021 (+/- 0.006) 0.708 (+0.020, -0.019) 0.236 (+/- 0.012) 0.035 (max) 0.360 (+/- 0.025) 0.157 (+0.008, -0.007) 0.004 (max)
User Direction of Feed
TO-92 Reel Configuration: Figure 5.0
Carrier Tape Width Hold - down Tape Width Hold - down Tape position Feed Hole Position Sprocket Hole Diameter Lead Spring Out
Note : All dimensions are in inches.
ELECT ROSTATIC SEN SITIVE D EVICES
D4
D1 ITEM DESCRIPTION SYSMBOL MINIMUM MAXIMUM
F63TNR Label Customized Label
D2
Reel Diameter Arbor Hole Diameter (Standard) (Small Hole) Core Diameter Hub Recess Inner Diameter Hub Recess Depth Flange to Flange Inner Width W1 Hub to Hub Center Width W3 Note: All dimensions are inches
D1 D2 D2 D3 D4 W1 W2 W3
13.975 1.160 0.650 3.100 2.700 0.370 1.630
14.025 1.200 0.700 3.300 3.100 0.570 1.690 2.090
W2
D3
July 1999, Rev. A
TO-92 Package Dimensions
TO-92 (FS PKG Code 92, 94, 96)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.1977
(c)2000 Fairchild Semiconductor International
January 2000, Rev. B
SOT-23 Tape and Reel Data
SOT-23 Packaging Configuration: Figure 1. 0
Customized La bel
Packaging Description:
SOT-23 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a m ultilayer film (Heat Activated Adhesive in na ture) primarily composed of polyester film, adhesive layer, sealan and an t, ti-static sprayed agent. These reeled pa in stan rd option are shippe with rts da d 3,000 units per 7" or 177cm diameter reel. The reels are dark blue in color an is made of polystyrene plastic (antid static coated Othe option comes in 10,000 units per 13" ). r or 330cm diameter reel. This and s ome other options are describe in the P d ackaging Information table. These full reels are individua labele an placed inside lly dd as tanda intermediate made of recyclable corrugated rd brown pap with a Fairchil d logo printing. One pizza box er contains eight reels maximum. And thes intermed e iate boxes are placed inside a labeled shipping box which comes in different sizes depending on t e nu h mber of parts shippe d.
Antistatic Cover Tape
Human Readable Label
Embossed Carrier Tape
3P
SOT-23 Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Standard (no flow code ) TNR 3,000 7" Dia 187x107x183 24,000 0.0082 0.1175 D87Z TNR 10,000 13" 343x343x64 30,000 0.0082 0.4006
3P
3P
3P
SOT-23 Unit Orientation
343mm x 342mm x 64mm Intermediate box for L87Z Option Human Readable Label
Human Readable Label sample
H uman readable Label
SOT-23 Tape Leader and Trailer Configuration: Figure 2. 0
187mm x 107mm x 183mm Intermediate Box for Stand Option ard
Carrier Tape Cover Tape
Components Trailer Tape 300mm minimum or 75 empt y poc kets Leader Tape 500mm minimum or 125 empty pockets
(c)2000 Fairchild Semiconductor International
September 1999, Rev. C
SOT-23 Tape and Reel Data, continued
SOT-23 Embossed Carrier Tape Configuration: Figure 3.0
P0 T E1 P2 D0 D1
F E2 B0 Wc
W
Tc K0
P1
A0
User Direction of Feed
Dimensions are in millimeter Pkg type SOT-23 (8mm)
A0
3.15 +/-0.10
B0
2.77 +/-0.10
W
8.0 +/-0.3
D0
1.55 +/-0.05
D1
1.125 +/-0.125
E1
1.75 +/-0.10
E2
6.25 min
F
3.50 +/-0.05
P1
4.0 +/-0.1
P0
4.0 +/-0.1
K0
1.30 +/-0.10
T
0.228 +/-0.013
Wc
5.2 +/-0.3
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0 Sketch B (Top View)
Typical component center line
Sketch C (Top View)
Component lateral movement
SOT-23 Reel Configuration: Figure 4.0
Component Rotation
W1 Measured at Hub
Dim A Max
Dim A max
Dim N
See detail AA
7" Diameter Option
B Min Dim C See detail AA W3
Dim D min
13" Diameter Option
W2 max Measured at Hub DETAIL AA
Dimensions are in inches and millimeters
Tape Size
8mm
Reel Option
7" Dia
Dim A
7.00 177.8 13.00 330
Dim B
0.059 1.5 0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2 512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2 0.795 20.2
Dim N
2.165 55 4.00 100
Dim W1
0.331 +0.059/-0.000 8.4 +1.5/0 0.331 +0.059/-0.000 8.4 +1.5/0
Dim W2
0.567 14.4 0.567 14.4
Dim W3 (LSL-USL)
0.311 - 0.429 7.9 - 10.9 0.311 - 0.429 7.9 - 10.9
8mm
13" Dia
September 1999, Rev. C
SOT-23 Package Dimensions
SOT-23 (FS PKG Code 49)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.0082
(c)2000 Fairchild Semiconductor International
September 1998, Rev. A1
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of 2N548400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X